Part Number Hot Search : 
SGM811 D965SS SSF3JG 6045WT CU348D15 PIC18F67 U6P01SL0 UF1502
Product Description
Full Text Search
 

To Download DST1040S-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier rectifer ?2017 littelfuse, inc specifcations are subject to change without notice. revised:03/16/17 dst1040s, 10a, 40v, to-277b, single DST1040S-A maximum ratings parameters symbol test conditions max unit peak inverse voltage v rwm - 40 v average forward current* i f(av) 50% duty cycle @t l =125c rectangular wave form 10 a peak one cycle non-repetitive surge current i fsm 8.3 ms, half sine pulse 150 a * mounted on 30 mm x 30 mm pad areas aluminum pcb electrical characteristics parameters symbol test conditions typ max unit forward voltage drop * v f1 @5a, pulse, t j = 25 c 0.40 0.51 v @10a, pulse, t j = 25 c 0.46 0.57 v f2 @5a, pulse, t j = 125 c 0.30 0.43 @10a, pulse, t j = 125 c 0.37 0.50 reverse current * i r1 @v r = rated v r, t j = 25 c 0.015 0.80 a i r2 @v r = rated v r, t j = 125 c 78 100 junction capacitance c t @v r = 5v, t c = 25 c, fsig = 1mhz 579 - pf * pulse width < 300s, duty cycle <2% pin out 1 k 2 a n o d e a n o d e cathode description applications littelfuse dst series ultra low v f schottky barrier rectifer is designed to meet the general requirements of automotive applications by providing high temperature, low leakage and lower v f products. it is suitable for high frequency switching mode power supply, free-wheeling diodes and polarity protection diodes. ? switching mode power supply ? dc/dc converters ? free-wheeling diodes ? polarity protection diodes DST1040S-A, 10a, 40v, to-277b, single r ohs features ? hi reliability application and automotive grade aec-q101 qualifed ? ultra low forward voltage drop ? high frequency operation ? msl: level 1 - unlimited ? high junction temperature capability ? trench mos schottky technology ? single die in to-277b package ? pb-free e3 means 2nd level interconnect is pb-free and the terminal fnish material is tin(sn) (ipc/ jedec j-std- 609a.01) e3
schottky barrier rectifer ?2017 littelfuse, inc specifcations are subject to change without notice. revised:03/16/17 dst1040s, 10a, 40v, to-277b, single thermal-mechanical specifcations figure 3: typical forward characteristics figure 4: typical reverse characteristics DST1040S-A, 10a, 40v, to-277b, single parameters symbol test conditions max unit junction temperature t j -55 to +150 c storage temperature t stg -55 to +150 c maximum thermal resistance junction to ambient r thja dc operation 75 c/w maximum thermal resistance junction to lead r thjl * 3.5 c/w approximate weight wt 0.08 g case style to-277b mounted on 30 mm x 30 mm aluminum pcb; thermal resistance r thjl - junction to lead *lead temperature monitored at the cathode pin figure 1: forward current derating curve 0 3 6 9 1 2 1 5 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 a v e r a g e f o r w a r d c u r r e n t ( a ) t l , l e a d t e m p e r a t u r e ( o c ) r j l = 3.5 oc / w figure 2: forward power loss characteristics 0 2 4 6 8 1 0 0 3 6 9 1 2 1 5 a v e r a g e p o w e r l o s s ( w ) a v e r a g e f o r w a r d c u r r e n t ( a )
schottky barrier rectifer ?2017 littelfuse, inc specifcations are subject to change without notice. revised:03/16/17 dst1040s, 10a, 40v, to-277b, single 6 lf yy w wl dst1045 dst = devi ce ty pe 10 = forw ar d curre nt (10a ) 45 = rev er se vo ltage (45v) yy = year ww = we ek l = lot nu mb er s = package type s- a a = aec-q101 qualified devic e lf = littelfus e part numbering and marking system DST1040S-A, 10a, 40v, to-277b, single 10 10a dst1040 s-a 40 40v dimensions-to-277b symbol millimeters min ty p max a 630 650 670 b 388 38 408 c 05 1 10 125 d 020 025 030 e 528 538 548 f 340 355 370 g 20 305 320 h 1 74 184 14 i 1 10 125 140 j - 085 - k 170 180 10 l 085 00 05 m - 056 - k c a e g f j i m h b l d k c a e g f j i m h b l d mounting pad layout 3.20[0.126] max 4.90[0.193] max 1.00[0.039] max 1.40[0.055] max 1.94[0.076] max 0.95[0.037] max figure 5: typical junction capacitance
schottky barrier rectifer ?2017 littelfuse, inc specifcations are subject to change without notice. revised:03/16/17 dst1040s, 10a, 40v, to-277b, single packing options part number marking packing mode m.o.q DST1040S-A DST1040S-A 5000pcs / reel 5000 carrier tape & reel speci fcation symbol millimeters min max a 4.28 4.48 b 6.80 7. 0 0 d 1.40 1.60 d1 - 1.50 e 1.65 1.85 f 5.40 5.60 p 7.90 8.10 p0 3.90 4.10 w 11.70 12.30


▲Up To Search▲   

 
Price & Availability of DST1040S-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X