DMP3018SFK document number: ds37604 rev. 2 - 2 1 of 6 www.diodes.com january 2015 ? diodes incorporated DMP3018SFK advance information advanced information d s g gate protection diode p7 ym 7p ym p-channel enhancement mode mosfet product summary v (br)dss r ds(on)max i d t a = +25c -30v 14.5m ? @ v gs = -10v -10.2a 25.5m ? @ v gs = -4.5v -7.7a description this new generation mosfet is designed to minimize the on-state resistance (r ds(on) ) and yet maintain superior switching performance, making it ideal for high-effici ency power management applications. applications ? load switch ? power management functions ? dc-dc converters features and benefits ? low on-resistance ? low input capacitance ? low input/output leakage ? esd protected gate ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: u-dfn2523-6 ? case material: molded plasti c, "green" molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? nipdau over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.008 grams (approximate) ordering information (note 4) part number case packaging DMP3018SFK-7 u-dfn2523-6 3,000/tape & reel DMP3018SFK-13 u-dfn2523-6 10,000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information u-dfn2523-6 date code key year 2014 2015 2016 2017 2018 2019 2020 code b c d e f g h month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d u-dfn2523-6 bottom view equivalent circuit p7 = product type marking code 7p = product type marking code ym = date code marking y = year (ex: b = 2014) m = month (ex: 9 = september) pin 1, 2 = source pin 3 = gate pin 4, 5, 6 = drain pin 1 esd protected e4
DMP3018SFK document number: ds37604 rev. 2 - 2 2 of 6 www.diodes.com january 2015 ? diodes incorporated DMP3018SFK advance information advanced information maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol v alue units drain-source voltage v dss -30 v gate-source voltage v gss 25 v continuous drain current (note 6) v gs = -10v steady state t a = +25c t a = +70c i d -10.2 -8.1 a continuous drain current (note 6) v gs = -4.5v steady state t a = +25c t a = +70c i d -7.7 -6.1 a maximum continuous body diode forward current (note 6) i s -3 a pulsed drain current (10s pulse, duty cycle = 1%) i dm -80 a avalanche current (note 7) i as -14 a avalanche energy (note 7) e as 104 mj thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol v alue units total power dissipation (note 5) p d 1 w thermal resistance, junction to ambient (note 5) r ? ja 123 c/w total power dissipation (note 6) p d 2.2 w thermal resistance, junction to ambient (note 6) r ? ja 55 c/w total power dissipation (note 6) t c = +25c p d 17 w thermal resistance, junction to case (note 6) r ? jc 7.2 c/w operating and storage temperature range t j, t stg -55 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 8) drain-source breakdown voltage bv dss -30 ? ? v v gs = 0v, i d = -10ma zero gate voltage drain current t j = +25c i dss ? ? -1 a v ds = -24v, v gs = 0v zero gate voltage drain current t j = +150c (note 9) ? ? -100 gate-source leakage i gss ? ? 10 a v gs = 25v, v ds = 0v on characteristics (note 8) gate threshold voltage v gs(th) -1 -1.6 -3 v v ds = v gs , i d = -250 a static drain-source on-resistance r ds(on) ? 9.5 14.5 m ? v gs = -10v, i d = -9.5a ? 15 25.5 v gs = -4.5v, i d = -6.9a diode forward voltage v sd ? -0.7 -1.2 v v gs = 0v, i s = -1a on state drain current (note 9) i d(on) -20 ? ? a v ds Q -5v, v gs = -10v dynamic characteristics (note 9) input capacitance c iss ? 2,207 4,414 pf v ds = -15v, v gs = 0v, f = 1mhz output capacitance c oss ? 390 780 reverse transfer capacitance c rss ? 343 686 gate resistance r g ? 8.4 20 ? v ds = 0v, v gs = 0v, f = 1mhz total gate charge (v gs = -10v) q g ? 42.7 90 nc v ds = -15v, i d = -9.5a total gate charge (v gs = -4.5v) q g ? 21.6 45 gate-source charge q gs ? 7.9 16 gate-drain charge q gd ? 10 20 turn-on delay time t d(on) ? 7.35 15 ns v dd = -15v, v gs = -10v, r gen = 6 ? , i d = -9.5a turn-on rise time t r ? 16.4 30 turn-off delay time t d(off) ? 67.2 110 turn-off fall time t f ? 37.5 60 reverse recovery time t rr ? 18.6 35 ns i s = -9.5a, di/dt = 100a/ s reverse recovery charge q rr ? 8.6 17.5 nc notes: 5. device mounted on fr-4 substrate pc board, 2oz copper, with minimum recommended pad layout. 6. device mounted on fr-4 substrate pc board, 2oz copper, wi th thermal vias to bottom layer 1inch square copper plate. 7. uis in production with l = 1mh, t j = +25c. 8. short duration pulse test used to minimize self-heating effect. 9. guaranteed by design. not subject to production testing.
DMP3018SFK document number: ds37604 rev. 2 - 2 3 of 6 www.diodes.com january 2015 ? diodes incorporated DMP3018SFK advance information advanced information -v , drain -source voltage (v) figure 1 typical output characteristics ds -i , d r ai n c u r r e n t (a) d 0.0 5.0 10.0 15.0 20.0 25.0 30.0 012345 v= -2.2v gs v= -2.5v gs v= -3.0v gs v= -3.5v gs v= -10v gs v= -4.0v gs -v , gate-source voltage (v) gs figure 2 typical transfer characteristics -i , d r ain c u r r en t (a) d 0 5 10 15 20 25 30 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 t = 150c a ? t = 125c a ? t = 85c a ? t = 25c a ? t = -55c a ? v= -5.0v ds 0 0.002 0.004 0.006 0.008 0.01 0.012 0.014 0.016 0.018 0.02 0 5 10 15 20 25 30 v = -4.5v gs v = -10v gs -i , drain source current (a) figure 3 typical on-resistance vs. drain current and gate voltage d r , d r ain-s o u r ce o n- r esistance ( ) ds(on) ? -v , gate source voltage (v) figure 4 typical transfer characteristics gs r , d r ai n -s o u r c e o n - r esis t a n c e ( ) ds(on) ? 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2 0 5 10 15 20 25 i = -9.5a d i = -6.9a d -i , drain source current (a) figure 5 typical on-resistance vs. drain current and temperature d r , d r ain-s o u r ce o n- r esistance ( ) ds(on) ? 0 0.002 0.004 0.006 0.008 0.01 0.012 0.014 0.016 0.018 0.02 0 5 10 15 20 25 30 t = -55c a ? t = 25c a ? t = 85c a ? t = 125c a ? t = 150c a ? v= -10v gs t , junction temperature ( c) j ? figure 6 on-resistance variation with temperature r , d r ain-s o u r c e on-resistance (normalized) ds(on) 0.6 0.8 1 1.2 1.4 1.6 1.8 -50 -25 0 25 50 75 100 125 150 v = -4.5v i = -5a gs d
DMP3018SFK document number: ds37604 rev. 2 - 2 4 of 6 www.diodes.com january 2015 ? diodes incorporated DMP3018SFK advance information advanced information t , junction temperature ( c) j ? figure 7 on-resistance variation with temperature r , d r ain-s o u r c e o n- r esistan c e ( ) ds(on) ? 0 0.005 0.01 0.015 0.02 0.025 0.03 -50 -25 0 25 50 75 100 125 150 v=5v i= a gs d -4. -5 t , ambient temperature (c) figure 8 gate threshold variation vs. ambient temperature a v, g a t e t h r es h o ld v o l t a g e (v) gs(th) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 -50-25 0 25 50 75100125150 -i = 1ma d -i = 250a d -v , source-drain voltage (v) figure 9 diode forward voltage vs. current sd -i , s o u r c e c u r r en t (a) s t= 150c a ? 0 5 10 15 20 25 30 0 0.3 0.6 0.9 1.2 1.5 t= 125c a ? t= 85c a ? t= 25c a ? t= -55c a ? c , j u n c t i o n c a p a c i t a n c e (p f ) t -v , drain-source voltage (v) figure 10 typical junction capacitance ds 100 1000 10000 0 5 10 15 20 25 30 f = 1mhz c oss c rss c iss q , total gate charge (nc) figure 11 gate-charge characteristics g -v , g ate-s o u r c e v o lta g e (v) gs 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 40 45 v= -15v i = -9.5a ds d -v , drain-source voltage (v) figure 12 soa, safe operation area ds -i , d r ai n c u r r e n t (a) d r limited ds(on) 0.01 0.1 1 10 100 0.1 1 10 100 dc p = 10s w p = 1s w p = 100ms w p= 10ms w p = 1ms w p = 100s w t = 150c t = 25c v = -10v single pulse j(max) a gs dut on 1 * mrp board
DMP3018SFK document number: ds37604 rev. 2 - 2 5 of 6 www.diodes.com january 2015 ? diodes incorporated DMP3018SFK advance information advanced information t1, pulse duration times (sec) figure 13 transient thermal resistance r(t), t r ansien t t h e r mal r esis t an c e d = 0.5 d = 0.3 d = 0.1 d = 0.05 d = 0.02 d = 0.01 d = 0.005 single pulse r (t) = r(t) * r r = 59c/w duty cycle, d = t1/ t2 ?? ? ja ja ja 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 d = 0.7 d = 0.9 package outline dimensions please see ap02002 at http://www.diodes.com/dat asheets/ap02002.pdf for the latest version. suggested pad layout please see ap02002 at http://www.diodes.com/dat asheets/ap02002.pdf for the latest version. u-dfn2523-6 u-dfn2523-6 dim min max typ a 0.57 0.63 0.60 a1 0 0.05 0.02 a3 ?? ?? 0.152 b 0.25 0.35 0.30 d 2.45 2.55 2.50 d1 1.55 1.65 1.60 e ?? ?? 0.65 e 2.25 2.35 2.30 e1 1.18 1.28 1.23 l 0.30 0.40 0.35 l1 0.30 0.40 0.35 all dimensions in mm dimensions value (in mm) c 0.650 x 0.400 x1 1.700 y 0.650 y1 0.450 y2 1.830 y3 2.700 a a1 a3 d e l (3x) e1 d1 b (6x) l1 (2x) e pin #1 id r0.150 x1 y1 x y3 y2 y c
DMP3018SFK document number: ds37604 rev. 2 - 2 6 of 6 www.diodes.com january 2015 ? diodes incorporated DMP3018SFK advance information advanced information important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described he rein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated a nd all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when prope rly used in accordance with instructions for use provided in the labeling can be reasonably expected to re sult in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2015, diodes incorporated www.diodes.com
|