Part Number Hot Search : 
2KBP005M V580ME03 SDR998N DP311 MKW2547A RFZ44E 34119 MBM2716H
Product Description
Full Text Search
 

To Download DACSB400120CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings www.dacosemi.com.tw features t)jhitvshfdvssfoudbqbcmf t;fspsfwfstfsfdpwfszdvssfou t)jhicboexjeui - 1 - sic schottky diode type 2 200a daco semiconductor co., ltd. DACSB400120CT -55 to +175 operating junction temperature : +175 -55 to storage temperature : ? "qs part number maximum recurrent peak reverse voltage 1200v DACSB400120CT 1200v maximum dc blocking voltage benefits applications t.pupsesjwft t4xjudinpefqpxfstvqqmjft t&wdibshfst t4pmbsjowfsufst t8fmejohfrvjqnfou t6ojqpmbssfduj?fs t;fsptxjudijohmptt t)jhifsfdjfodz i f,max v rrm v n-m mounting torque m6 screw 3~4.7 repetitive peak reverse voltage t j =25 c 1200 non-repetitive peak forward current (per leg) t c =25 c, t p =10 + s 6400 surge non-repetitive forward current sine halfwave (per leg) i fsm t c =25 c, t p =8.3 ms 1600 t c =150 c, t p =8.3 ms 1000 maximum rating symbol conditions value unit continuous forward current i f t c =135 c 200 a t5fnqfsbuvsf*oefqfoefou4xjudijoh#fibwjps t7%$7 t* f ? t c <135c ?  " t4nbmmfsifbutjol t1bsbmmfmefwjdftxjuipvuuifsnbmsvobxbz t1pxfsgbdupsdpssfdujpo t%jpeftovccfs t"vupnpujwf tjoevdujpoifbujoh (per leg) t c =150 c, t p =10 + s 4000 %jnfotjpot jo mm (1 mm = 
lug teminal anode 1 baseplate common cathode lug teminal anode 2 3 
www.dacosemi.com.tw - 2 - daco semiconductor co., ltd. ? DACSB400120CT min. typ. max. v dc 1,200 - - -1.61.8 -2.42.9 -10130 - 140 1,400 reverse current i r v r =1,200v, t j =25 c v r =1,200v, t j =175 c dc blocking voltage v diode forward voltage v f i f =200a, t j =25 c i f =200a, t j =175 c electrical characteristics , at t j =25 c, unless otherwise specified. (per leg) static characteristics symbol conditions values unit + a q rr - 617 - nc - 11,120 - -1,104 - -1,034 - r ' jc 0.07 o c/w pf v r =600v, f=1 mhz v r =1,000v, f=1 mhz thermal characteristics (per leg) thermal resistance from junction to case total capacitive charge v r =1,200v, t j =25 c total capacitance c v r =0v, f=1 mhz ac characteristics (per leg) typ. static characteristics symbol values unit min. typ. max. static characteristics symbol conditions values unit t j =25 c t j =25 c t j =25 c apr 2016
www.dacosemi.com.tw - 3 - daco semiconductor co., ltd. ? typical performance DACSB400120CT forward characteristics (parameterized on t j ) reverse characteristics (parameterized on tj) current derating 0 40 80 120 160 200 240 0.0 0.4 0.8 1.2 1.6 2.0 i f (a) v f (v) 0.001 0.01 0.1 1.0 0 20 40 60 80 100 i r (ma) volts (%) - 40 80 120 160 200 25 75 125 175 i f (a) t c ( c) capacitance recovery charge - 2,780 5,560 8,340 11,120 13,900 0 1 10 100 1000 c (pf) v r (v) t j =25 c 10 30 50 70 90 25c 175c 75c 125c 280 2.4 2.8 240 280 single phase,half wave 60hz res istive or inductive load forward surge current apr 2016 175c 125c 75c 25c i fsm (a) cycles numder of cycles at 60hz - cycles - 320 640 960 1,280 1,600 1 10 100 1,920 8.3ms single half sine wave jedec method t j =25 c 0 65 130 195 260 325 390 q rr (nc) v r (v) 650 455 t j =25 c 520 585 0 150 300 450 600 750 900 1,050 1,200


▲Up To Search▲   

 
Price & Availability of DACSB400120CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X