Part Number Hot Search : 
34111 DA7375 SSB302 DA7375 MM1027 MST5150C BXA40 K9F5608U
Product Description
Full Text Search
 

To Download CD45-E2GA472M-NKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  disc type capacitors with lead (high voltage ceramic capacitors) 1 of 2 creation date : january 23, 2017 (gmt) CD45-E2GA472M-NKA applications commercial grade feature mid mid voltage (100 to 630v) safety safety standard approved halogen-free halogen-free series cd45 status production size diameter(d) 13.00mm max. thickness(t) 6.00mm max. lead gap(f) 10.00mm +2.00,-1.00mm lead diameter(d) 0.60mm 0.05mm electrical characteristics capacitance 4.7nf 20% rated voltage 400vac withstanding voltage 4kvac temperature characteristic e(+20,-55%) dissipation factor (max.) 2.5% insulation resistance (min.) 10000m other soldering method flow iron soldering lead length / package type 5mm for bulk aec-q200 no package quantity 1000pcs ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
disc type capacitors with lead (high voltage ceramic capacitors) 2 of 2 creation date : january 23, 2017 (gmt) CD45-E2GA472M-NKA characteristic graphs (this is reference data, and does not guarantee the products characteristics.) impedance CD45-E2GA472M-NKA temperature characteristic CD45-E2GA472M-NKA leak current CD45-E2GA472M-NKA ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.


▲Up To Search▲   

 
Price & Availability of CD45-E2GA472M-NKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X