Part Number Hot Search : 
2N3029 SK182 FOD3181V P010022 221NA 00BZXC SDT1627 LM393AN
Product Description
Full Text Search
 

To Download BUX81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors BUX81 d escription with to-3 package high voltage ;fast switching speed low saturation voltage applications switching-mode power supplies ,crt scanning,inverters,and other industrial applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1000 v v ceo collector-emitter voltage open base 450 v v ebo emitter-base voltage open collector 10 v i c collector current 10 a i cm collector current-peak 15 a i b base current 4 a i bm base current-peak 6 a p t total power dissipation t c =25 150 w t j junction temperature 200 t stg storage temperature -65~200 thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 1.17 /w fig.1 simplified outline (to-3) and symbol downloaded from: http:///
savantic semiconductor product specification 2 silicon npn power transistors BUX81 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.1a; l=25mh 450 v v cesat-1 collector-emitter saturation voltage i c =5 a;i b =1 a 1.5 v v cesat-2 collector-emitter saturation voltage i c =8 a;i b =2.5 a 3.0 v v besat-1 base-emitter saturation voltage i c =5 a;i b =1 a 1.4 v v besat-2 base-emitter saturation voltage i c =8 a;i b =2.5 a 1.8 v i ces collector cut-off current v ce =1000v;v be =0 t c =125 1.0 3.0 ma i ebo emitter cut-off current v eb =10v; i c =0 10 ma h fe dc current gain i c =1.2a ; v ce =5v 20 f t transition frequency i c =0.5a ; v ce =10v 8 mhz c ob output capacitance i e =0 ; v cb =20v;f=0.1mhz 105 pf switching times t on turn-on time 0.5 s t s storage time 3.5 s t f fall time i c =5a ;i b1 =1a; i b2 =-2a v cc =250v 0.8 s downloaded from: http:///
savantic semiconductor product specification 3 silicon npn power transistors BUX81 package outline fig.2 outline dimensions downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BUX81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X