Part Number Hot Search : 
GP30K SMAJ33A IRB60 IS45S CZ3001D MC74VHC1 LT13951 ADIS1
Product Description
Full Text Search
 

To Download BUK9M6R7-40H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 29 january 2019 product data sheet 1. general description automotive qualified logic level n-channel mosfet in an lfpak33 package using trench 9 trenchmos technology. this product has been designed and qualified to aec-q101 for use in high performance automotive applications. 2. features and benefits ? fully automotive qualified to aec-q101 at 175 c ? trench 9 superjunction technology: ? low power losses, high power density ? lfpak copper clip package technology: ? high robustness and reliability ? gull wing leads for high manufacturability and aoi ? repetitive avalanche rated 3. applications ? 12 v automotive systems ? powertrain, chassis, body and infotainment applications ? medium/low power motor drive ? dc-dc systems ? led lighting 4. quick reference data table 1. quick reference data symbol parameter conditions min typ max unit v ds drain-source voltage 25 c t j 175 c - - 40 v i d drain current v gs = 10 v; t mb = 25 c; fig. 2 [1] - - 50 a p tot total power dissipation t mb = 25 c; fig. 1 - - 65 w static characteristics r dson drain-source on-state resistance v gs = 10 v; i d = 20 a; t j = 25 c; fig. 11 3.8 5.5 6.7 m dynamic characteristics q gd gate-drain charge i d = 20 a; v ds = 20 v; v gs = 4.5 v; fig. 13 ; fig. 14 - 2.5 5 nc source-drain diode q r recovered charge i s = 20 a; di s /dt = -100 a/s; v gs = 0 v; v ds = 20 v; t j = 25 c - 16 - nc downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 symbol parameter conditions min typ max unit s softness factor i s = 20 a; di s /dt = -100 a/s; v gs = 0 v; v ds = 20 v; t j = 25 c; fig. 17 - 0.6 - [1] 50a continuous current has been successfully demonstrated during application tests. practically t he current will be limited by pcb, thermal design and operating temperature. 5. pinning information table 2. pinning information pin symbol description simplified outline graphic symbol 1 s source 2 s source 3 s source 4 g gate mb d mounting base; connected to drain 1 4 3 2 lfpak33 (sot1210) s d g mbb076 6. ordering information table 3. ordering information package type number name description version BUK9M6R7-40H lfpak33 plastic, single ended surface mounted package (lfpak33); 8 leads; 0.65 mm pitch sot1210 7. marking table 4. marking codes type number marking code BUK9M6R7-40H 96h740 8. limiting values table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v ds drain-source voltage 25 c t j 175 c - 40 v v gs gate-source voltage dc; t j 175 c -10 16 v p tot total power dissipation t mb = 25 c; fig. 1 - 65 w v gs = 10 v; t mb = 25 c; fig. 2 [1] - 50 a i d drain current v gs = 10 v; t mb = 100 c; fig. 2 - 50 a i dm peak drain current pulsed; t p 10 s; t mb = 25 c; fig. 3 - 282 a t stg storage temperature -55 175 c t j junction temperature -55 175 c source-drain diode BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 2 / 11 downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 symbol parameter conditions min max unit i s source current t mb = 25 c - 50 a i sm peak source current pulsed; t p 10 s; t mb = 25 c - 282 a avalanche ruggedness e ds(al)s non-repetitive drain- source avalanche energy i d = 50 a; v sup 40 v; r gs = 50 ; v gs = 10 v; t j(init) = 25 c; unclamped; fig. 4 [2] [3] - 28 mj [1] 50a continuous current has been successfully demonstrated during application tests. practically t he current will be limited by pcb, thermal design and operating temperature. [2] single-pulse avalanche rating limited by maximum junction temperature of 175 c. [3] refer to application note an10273 for further information. t mb (c) 0 200 150 50 100 03aa16 40 80 120 p der (%) 0 fig. 1. normalized total power dissipation as a function of mounting base temperature aaa-028759 0 25 50 75 100 125 150 175 200 0 20 40 60 80 t mb (c) i d i d ( a ) (a) ( 1 ) (1) v gs 10 v (1) 50a continuous current has been successfully demonstrated during application tests. practically the current will be limited by pcb, thermal design and operating temperature. fig. 2. continuous drain current as a function of mounting base temperature aaa-028971 10 -1 1 10 10 2 10 -1 1 10 10 2 10 3 v ds (v) i d i d ( a ) (a) d c dc 1 0 0 m s 100 ms 1 0 m s 10 ms 1 m s 1 ms 1 0 0 s 100 s t p = 1 0 s t p = 10 s l i m i t r d s o n = v d s / i d limit r dson = v ds / i d t mb = 25 c; i dm is a single pulse fig. 3. safe operating area; continuous and peak drain currents as a function of drain-source voltage BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 3 / 11 downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 aaa-028761 10 -3 10 -2 10 -1 1 10 10 -1 1 10 10 2 t al (ms) i a l i al ( a ) (a) ( 1 ) (1) ( 2 ) (2) ( 3 ) (3) (1) t j (init) = 25 c; (2) t j (init) = 150 c; (3) repetitive avalanche fig. 4. avalanche rating; avalanche current as a function of avalanche time 9. thermal characteristics table 6. thermal characteristics symbol parameter conditions min typ max unit r th(j-mb) thermal resistance from junction to mounting base fig. 5 - 2.09 2.32 k/w aaa-028762 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 1 10 -2 10 -1 1 10 t p (s) z t h ( j - m b ) z th(j-mb) ( k / w ) (k/w) s i n g l e s h o t single shot = 0 . 5 = 0.5 0 . 2 0.2 0 . 1 0.1 0 . 0 5 0.05 0 . 0 2 0.02 p t t p t t p = t fig. 5. transient thermal impedance from junction to mounting base as a function of pu lse duration 10. characteristics table 7. characteristics symbol parameter conditions min typ max unit static characteristics i d = 250 a; v gs = 0 v; t j = 25 c 40 43 - v v (br)dss drain-source breakdown voltage i d = 250 a; v gs = 0 v; t j = -40 c - 40.5 - v BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 4 / 11 downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 symbol parameter conditions min typ max unit i d = 250 a; v gs = 0 v; t j = -55 c 36 40 - v i d = 1 ma; v ds =v gs ; t j = 25 c; fig. 9 ; fig. 10 1.45 1.77 2.15 v i d = 1 ma; v ds =v gs ; t j = -55 c; fig. 10 - - 2.6 v v gs(th) gate-source threshold voltage i d = 1 ma; v ds =v gs ; t j = 175 c; fig. 10 0.7 - - v v ds = 40 v; v gs = 0 v; t j = 25 c - 0.02 5 a v ds = 16 v; v gs = 0 v; t j = 125 c - 0.51 10 a i dss drain leakage current v ds = 40 v; v gs = 0 v; t j = 175 c - 44 500 a v gs = 16 v; v ds = 0 v; t j = 25 c - 2 100 na i gss gate leakage current v gs = -10 v; v ds = 0 v; t j = 25 c - 2 100 na v gs = 10 v; i d = 20 a; t j = 25 c; fig. 11 3.8 5.5 6.7 m v gs = 10 v; i d = 20 a; t j = 105 c; fig. 12 5.2 8 10 m v gs = 10 v; i d = 20 a; t j = 125 c; fig. 12 5.7 8.7 10.8 m v gs = 10 v; i d = 20 a; t j = 175 c; fig. 12 6.9 10.5 13 m v gs = 4.5 v; i d = 15 a; t j = 25 c; fig. 11 4.9 7 8.6 m v gs = 4.5 v; i d = 15 a; t j = 105 c; fig. 12 6.7 9.9 12.9 m v gs = 4.5 v; i d = 15 a; t j = 125 c; fig. 12 7.4 10.8 13.9 m r dson drain-source on-state resistance v gs = 4.5 v; i d = 15 a; t j = 175 c; fig. 12 9 13 16.7 m r g gate resistance f = 1 mhz; t j = 25 c 0.3 0.8 1.9 dynamic characteristics i d = 20 a; v ds = 20 v; v gs = 10 v; fig. 13 ; fig. 14 - 22 31 nc q g(tot) total gate charge - 10 14 nc q gs gate-source charge - 4.1 6.2 nc q gd gate-drain charge i d = 20 a; v ds = 20 v; v gs = 4.5 v; fig. 13 ; fig. 14 - 2.5 5 nc c iss input capacitance - 1467 2054 pf c oss output capacitance - 390 546 pf c rss reverse transfer capacitance v ds = 25 v; v gs = 0 v; f = 1 mhz; t j = 25 c; fig. 15 - 59 130 pf t d(on) turn-on delay time - 15 - ns t r rise time - 21 - ns t d(off) turn-off delay time - 14 - ns t f fall time v ds = 20 v; r l = 1 ; v gs = 4.5 v; r g(ext) = 5 - 10 - ns source-drain diode v sd source-drain voltage i s = 20 a; v gs = 0 v; t j = 25 c; fig. 16 - 0.85 1.2 v t rr reverse recovery time i s = 20 a; di s /dt = -100 a/s; v gs = 0 v; v ds = 20 v; t j = 25 c; fig. 17 - 23 - ns q r recovered charge i s = 20 a; di s /dt = -100 a/s; v gs = 0 v; v ds = 20 v; t j = 25 c - 16 - nc BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 5 / 11 downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 symbol parameter conditions min typ max unit i s = 20 a; di s /dt = -100 a/s; v gs = 0 v; v ds = 20 v; t j = 25 c; fig. 17 - 0.6 - s softness factor i s = 20 a; di s /dt = -500 a/s; v gs = 0 v; v ds = 20 v; t j = 25 c; fig. 17 - 0.43 - aaa-028973 0 1 2 3 4 0 30 60 90 120 v ds (v) i d i d ( a ) (a) 2 . 6 v 2.6 v 2 . 8 v 2.8 v v g s = 3 v v gs = 3 v 3 . 5 v 3.5 v 4 . 5 v 4.5 v 1 0 v 10 v t j = 25 c fig. 6. output characteristics; drain current as a function of drain-source voltage; typical values aaa-028974 0 2 4 6 8 10 12 14 16 0 5 10 15 20 25 30 v gs (v) r d s o n r dson ( m ) (m) t j = 25 c; i d = 20 a fig. 7. drain-source on-state resistance as a function of gate-source voltage; typical values aaa-028975 0 1 2 3 4 5 0 30 60 90 120 v gs (v) i d i d ( a ) (a) t j = - 5 5 c t j = -55c 2 5 c 25c 1 7 5 c 175c v ds = 8 v fig. 8. transfer characteristics; drain current as a function of gate-source voltage; typical values aaa-029518 0 0.5 1 1.5 2 2.5 3 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 v gs (v) i d i d ( a ) (a) t y p typ m i n min m a x max t j = 25 c; v ds = 5 v fig. 9. sub-threshold drain current as a function of gate-source voltage BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 6 / 11 downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 aaa-029519 -60 -30 0 30 60 90 120 150 180 0 0.5 1 1.5 2 2.5 3 t j (c) v g s ( t h ) v gs(th) ( v ) (v) t y p typ m a x max m i n min i d = 1 ma ; v ds = v gs fig. 10. gate-source threshold voltage as a function of junction temperature aaa-028976 0 20 40 60 80 100 120 0 5 10 15 20 25 30 i d (a) r d s o n r dson ( m ) (m) 2 . 8 v 2.8 v 3 v 3 v 3 . 5 v 3.5 v 4 . 5 v 4.5 v v g s = 1 0 v v gs = 10 v t j = 25 c fig. 11. drain-source on-state resistance as a function of drain current; typical values aaa-029504 -60 -30 0 30 60 90 120 150 180 0.5 0.8 1.1 1.4 1.7 2 t j (c) a a 1 0 v 10 v v g s = 4 . 5 v v gs = 4.5 v fig. 12. normalized drain-source on-state resistance factor as a function of junction temperature aaa-028977 0 5 10 15 20 25 0 2 4 6 8 10 q g (nc) v g s v gs ( v ) (v) v d s = 2 0 v v ds = 20 v 1 4 v 14 v t j = 25 c; i d = 20 a fig. 13. gate-source voltage as a function of gate charge; typical values BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 7 / 11 downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 003aaa508 v gs v gs(th) q gs1 q gs2 q gd v ds q g(tot) i d q gs v gs(pl) fig. 14. gate charge waveform definitions aaa-028978 10 -1 1 10 10 2 10 10 2 10 3 10 4 v ds (v) c c ( p f ) (pf) c i s s c iss c o s s c oss c r s s c rss v gs = 0 v; f = 1 mhz fig. 15. input, output and reverse transfer capacitances as a function of drain-source voltage; typical values aaa-028979 0 0.2 0.4 0.6 0.8 1 1.2 0 30 60 90 120 v sd (v) i s i s ( a ) (a) t j = 2 5 c t j = 25c 1 7 5 c 175c v gs = 0 v fig. 16. source-drain (diode forward) current as a function of source-drain (diode forward) voltage; typical values 003aaf444 0 s = 0.25 i rm t (s) t rr t a t b t a t b i rm i d (a) fig. 17. reverse recovery timing definition BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 8 / 11 downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 11. package outline references outline version european projection issue date iec jedec jeita sot1210 sot1210_po 14-04-2516-08-09 unit (1) mm max nom min 0.90 0.10 2.4 0.20 0.30 0.65 a dimensions note 1. plastic or metal protrusions of 0.15 mm per side are not included. plastic single ended surface mounted package (lfpak33); 8 leads sot1210 a 1 b (1) 0.35 b 1 (1) c c 1 d ref d 1 e (1) e 1 e 0.65 0.50 2.60 e 1 h 3.40 2.45 2.35 3.40 l 1 0.25 l p 0.50 0.20 0.10 w y 3.20 2.00 0.80 0.00 2.2 0.10 0.20 0.25 1.90 d 2 3.20 0.13 l 0.65 0.45 0.30 0 5 mm 2.5 scale a x w a mounting base e 1 c 1 b 1 b a e l 1 d 1 d 2 h (d) l e 1 e detail x c c a 1 lp c y 1 4 fig. 18. package outline lfpak33 (sot1210) BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 9 / 11 downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 12. legal information data sheet status document status [1][2] product status [3] definition objective [short] data sheet development this document contains data from the objective specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest product status information is available on the internet at https://www.nexperia.com . definitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nexperia does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nexperia sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification the information and data provided in a product data sheet shall define the specification of the product as agreed between nexperia and its customer, unless nexperia and customer have explicitly agreed otherwise in writing. in no event however, shall an agreement be valid in which the nexperia product is deemed to offer functions and qualities beyond those described in the product data sheet. disclaimers limited warranty and liability information in this document is believed to be accurate and reliable. however, nexperia does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. nexperia takes no responsibility for the content in this document if provided by an information source outside of nexperia. in no event shall nexperia be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nexperias aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nexperia. right to make changes nexperia reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nexperia products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nexperia product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nexperia and its suppliers accept no liability for inclusion and/or use of nexperia products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. quick reference data the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding. applications applications that are described herein for any of these products are for illustrative purposes only. nexperia makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nexperia products, and nexperia accepts no liability for any assistance with applications or customer product design. it is customers sole responsibility to determine whether the nexperia product is suitable and fit for the customers applications and products planned, as well as for the planned application and use of customers third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nexperia does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customers applications or products, or the application or use by customers third party customer(s). customer is responsible for doing all necessary testing for the customers applications and products using nexperia products in order to avoid a default of the applications and the products or of the application or use by customers third party customer(s). nexperia does not accept any liability in this respect. limiting values stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale nexperia products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nexperia.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nexperia hereby expressly objects to applying the customers general terms and conditions with regard to the purchase of nexperia products by customer. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. non-automotive qualified products unless this data sheet expressly states that this specific nexperia product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nexperia accepts no liability for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nexperias warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nexperias specifications such use shall be solely at customers own risk, and (c) customer fully indemnifies nexperia for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond nexperias standard warranty and nexperias product specifications. translations a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 10 / 11 downloaded from: http:///
nexperia BUK9M6R7-40H n-channel 40 v, 6.7 m? logic level mosfet in lfpak33 contents 1. general description...................................... ................ 1 2. features and benefits...................................... ............ 1 3. applications........................................ .......................... 1 4. quick reference data........................................ ............1 5. pinning information.................................. ....................2 6. ordering information.................................... ................2 7. marking............................................. ............................. 2 8. limiting values...................................... ....................... 2 9. thermal characteristics........................................ ....... 4 10. characteristics............................................ ................ 4 11. package outline...................................... .................... 9 12. legal information...................................... ................10 ? nexperia b.v. 2019. all rights reserved for more information, please visit: http://www.nexperia.com for sales office addresses, please send an email to: salesaddresses@nexperia.com date of release: 29 january 2019 BUK9M6R7-40H all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet 29 january 2019 11 / 11 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BUK9M6R7-40H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X