Part Number Hot Search : 
CXD8871Q 16F40 MIMH51 2SC3103 11151 BAV170W MC10E016 SI570
Product Description
Full Text Search
 

To Download BTA08-600C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BTA08-600C general description 8a triacs available either in through-hole or surface-mount packages, the bta08 - 600c triac series is suitable for general purpose ac switching. they can be used as an on/off function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ... the snubberless versions (bta...w series) are specially recommended for use on inductive loads, thanks to their high commutation performances. by using an internal ceramic pad, the bta series provides voltage insulated tab (rated at 2500v rms) complying with ul standards. product specification absolute maximum ratings electrical characteristics ( ta = 25 c) o ( ta = 25 c) o a1 a2 g to-220ab parameter symbol value unit repetitive peak off-state voltages v drm 600 v peak off-state reverse voltages v rrm 600 v rms on-state current i t 8.0 a non-repetitive peak on-state current i tsm 84 a max. operating junction temperature t j 110 o c storage temperature t stg -45~150 o c parameter symbol test conditions min. max unit repetitive peak off-state voltages v drm i d =0.1ma 600 v repetitive peak off-state current i drm v drm =520v 10 ua on-state voltage v tm i t =11a 1.55 v holding current i h i t =0.5a,i gt =20ma 25 ma gate trigger current t2+g+ i gt v ak =12v r l =30 25 ma t2+g- 25 t2-g- 25 t2-g+ 50 gate trigger voltage t2+g+ v gt v d =12v r l =30 1.3 v t2+g- 1.3 t2-g- 1.3 t2-g+ 1.3 tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of BTA08-600C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X