Part Number Hot Search : 
SP300 TINY13 AK5534VN 96R22 X1624 GSF10A40 NJM2743F L4947R
Product Description
Full Text Search
 

To Download BPW-21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2016-01-04 1 2016-01-04 silicon photodiode for the visible spectral range version 1.3 bpw 21 ordering information features: ? especially suitable for applications from 350 nm to 820 nm ? adapted to human eye sensitivity (v ) ? hermetically sealed metal package (similar to to-5) applications ? exposure meter for daylight and artificial light ? for artificial light of high color temperature in p hotographic fields and color analysis type: ordering code bpw 21 q62702p0885
2016-01-04 2 version 1.3 bpw 21 maximum ratings (t a = 25 c) characteristics (t a = 25 c) parameter symbol values unit operating and storage temperature range t op ; t stg -40 ... 80 c reverse voltage v r 10 v total power dissipation p tot 250 mw parameter symbol values unit spectral sensitivity (v r = 5 v, standard light/normlicht a, t = 2856 k) (typ) s 10 ( 5.5) na/ix wavelength of max. sensitivity (typ) s max 550 nm spectral range of sensitivity (typ) 10% (typ) 350 ... 820 nm radiant sensitive area (typ) a 7.45 mm 2 dimensions of radiant sensitive area (typ) l x w 2.73 x 2.73 mm x mm half angle (typ) ? 55 dark current (v r = 5 v) (typ (max)) i r 2 ( 30) na dark current (v r = 10 mv) (typ (max)) i r 8 ( 200) pa spectral sensitivity of the chip ( = 550 nm) (typ) s typ 0.34 a / w quantum yield of the chip ( = 550 nm) (typ) 0.77 electro ns /photon open-circuit voltage ( e v = 1000 lx, std. light a) (typ (min)) v o 400 ( 320) mv short-circuit current ( e v = 1000 lx, std. light a) (typ) i sc 10 a rise and fall time (r l = 1 k?, v r = 5 v, = 550 nm) (typ) t r , t f 1.5 s forward voltage (i f = 100ma, e = 0) (typ) v f 1.2 v capacitance ( v r = 0 v, f = 1 mhz, e = 0) (typ) c 0 580 pf temperature coefficient of v o (typ) tc v -2.6 mv / k
version 1.3 bpw 21 2016-01-04 3 temperature coefficient of i sc ( = 550 nm) (typ) tc i -0.05 % / k noise equivalent power (v r = 5 v, = 550 nm) (typ) nep 0.074 pw / hz ? detection limit (v r = 5v, = 550 nm) (typ) d * 3.7e12 cm x hz ? / w relative spectral sensitivity 1) page 7 s rel = f() photocurrent / open-circuit voltage 1) page 7 i p (v r = 5 v) / v o = f(e v ) parameter symbol values unit
2016-01-04 4 version 1.3 bpw 21 power consumption p tot = f(t a ) dark current 1) page 7 i r = f(v r ), e = 0 capacitance 1) page 7 c = f(v r ), f = 1 mhz, e = 0 dark current 1) page 7 i r = f (t a ), v r = 5 v, e = 0
version 1.3 bpw 21 2016-01-04 5 directional characteristics 1) page 7 s rel = f (?) package outline dimensions in mm (inch). package metal can (to-39), hermetically sealed ?0.45 (0.018) cathode 3.4 (0.134)3.0 (0.118) 14.5 (0.571)12.5 (0.492) 5.08 (0.200) spacing ?6.0 (0.236)?5.8 (0.228) sensitive area gmoy6011 approx. weight 2 g 1.75 (0.069)1.55 (0.061) chip position ?9.5 (0.374)?9.0 (0.354) ?8.0 (0.315) ?8.3 (0.327) 0.3 (0.012) max 0.85 (0.033) 0.65 (0.026) 1.0 (0.039) 0.8 (0.031) radiant
2016-01-04 6 version 1.3 bpw 21 approximate weight: 0.2 g ttw soldering iec-61760-1 ttw disclaimer language english will prevail in case of any discre pancies or deviations between the two language word ings. attention please! the information describes the type of component and shall not be considered as assured characteristics . terms of delivery and rights to change design reser ved. due to technical requirements components may c ontain dangerous substances. for information on the types in question please con tact our sales organization. if printed or downloaded, please find the latest ve rsion in the internet. packing please use the recycling operators known to you. we can also help you C get in touch with your nearest sales office. by agreement we will take packing material back, if it is sorted. you must bear the costs of transport . for packing material that is returned to us unsorted or which w e are not obliged to accept, we shall have to invoi ce you for any costs incurred. components used in life-support devices or systems must be expressly authorized for such purpose! critical components* may only be used in life-suppo rt devices** or systems with the express written ap proval of osram os. *) a critical component is a component used in a li fe-support device or system whose failure can reaso nably be expected to cause the failure of that life-support device or system, or to affect its safety or the ef fectiveness of that device or system. **) life support devices or systems are intended (a ) to be implanted in the human body, or (b) to supp ort and/or maintain and sustain human life. if they fail, it i s reasonable to assume that the health and the life of the user may be endangered. 0 0 s oha04645 50 100 150 200 250 300 t t ?c 235 ?c - 260 ?c first wave 20 40 60 80 100 120 140 160 180 200 220 240 second wave 10 s max., max. contact time 5 s per wave preheating t ? 100 ?c 120 ?c 130 ?c typical cooling ca. 3.5 k/s typicalca. 2 k/s ca. 5 k/s continuous line: typical processdotted line: process limits < 150 k
version 1.3 bpw 21 2016-01-04 7 glossary 1) typical values: due to the special conditions of the manufacturing processes of led, the typical data or calculated correlations of technical parameters can only reflect statistical figures. these do not nec essarily correspond to the actual parameters of each single product, which could differ from the typical data a nd calculated correlations or the typical characteristic line. if requested, e.g. because of technical improvements, these typ. data will be changed without any further notice.
2016-01-04 8 version 1.3 bpw 21 published by osram opto semiconductors gmbh leibnizstra?e 4, d-93055 regensburg www.osram-os.com ? all rights reserved.


▲Up To Search▲   

 
Price & Availability of BPW-21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X