Part Number Hot Search : 
KA7810E BU4312F SKY65135 ST7FLI S001M20 MT8981DE 2025B T0820
Product Description
Full Text Search
 

To Download BK110AAH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bk110a ah specifications dimensions (with tube) unit: mm type diameter height approximate weight 14.5 +0 / -0.7 mm50.5 +0 / -1.5 mm 24 g 1.2 v 1180 mah1100 mah 17 m batte ry per for mance and cycle li fe are strongly af f ected by how th ey are used . in order to maximi ze batte ry sa f et y, please consult p anasonic when dete r mining charge/discharg e specs, warning label contents and unit design. *the data in this document are for descriptive purposes only and are not in tended to ma ke or imply any guarantee or w ar r ant y. new aa size ( hr 15/51 ) high temperature & long life type - 10 to 45 - 10 to 60 - 20 to 35 - 20 to 45 - 20 to 55 - 20 to 65 h 1.81.5 1.6 1.71.4 1.2 1.31.1 0.8 0.9 1.0 0 1 23 4 5 6 2.0 1.8 1. 6 1.2 1.4 1.0 0.8 - 10 20 65 - 10 20 60 0246 8 10 12 14 1 6 18 20 110 120100 80 9070 50 6030 40 -2 0 -1 00 10 20 3 0 40 50 6 0 70 temperature () discharge time (hours) charge time (hours) voltage (v) voltage (v) capacity raito ( %) charge : 110 ma ( 0.1 lt ) 16 hrs. charge : 110 ma ( 0.1 it ) 16 hrs. charge temperature : - 10 to 65 discharge : 1100 ma ( 1 it ) cut off voltage : 1.0 vdischarge temperature : 20 charge : 1100 ma, -dv = 5 mvcharge temperature : 20 discharge : 220 ma (0.2 it) cut off voltage : 1.0v discharge temperature : -10 to 60 typical discharge characteristics nominal v oltag e *1 * 3 rated (min.) discharge capacity charge charge storage discharge *1 after charging at 0.1 it f or 16 hour s, discharging at 0.2 it. *2 for reference only.*3 need specially designed control system. please contact panasonic for details. *2 aver ag e approx. internal impedance at 1000hz at charged state . 110 ma x 16 hrs. 550 ma x 2.4 hrs. standardrapid low rate standard rapid low rate <1 year <6 months <1 month <1 week - 10 to 60 ambient temperature 55 ma x 32 hrs.37 ma x 48 hrs. (+ ) ( - ) +0 - 1.5 50.5 +0 - 0.7 ? 14 .5 nickel metal hydride battery typical charge characteristics 20 1 7/9 ?? ?d?^??? ? `? gmm ? ? ?????????? ?_?????CO?H???? C????????????? ?? BK110AAH h ??? 14.5 +0/-0.7 mm50.5 +0/-1.5 mm s 24 g ? min. ???B?1000hz ? ? ? ? 1?6 1 1Lg R ? ?? ? 1.2 v 1180 mah1100 mah s 17 m 110 ma 16 rg 550 ma 2.4 rg ? t | ? ? : 110 ma(0.1 it)16 rg ? () % ?rgrg ?R v ?R v ?rgrg : 110 ma(0.1 it)16 rg? : - 1065 : 1100 ma(1 it)K??R : 1.0 v ? : 20 2 - 10 60 55 ma 32 rg37 ma 48 rg 1 g 0.1 i `?16rg??0.2 i `???r 2 ??m??? ???? - 10 45 - 10 60 - 20 35 - 20 45 - 20 55 - 20 65 + - ? 14. 5 + - 00. 7 50. 5 + - 01. 5 aa hr 15/51 : 1100 ma, -dv = 5 mv? : 20 : 220 ma(0.2 it) K??R : 1.0 v ? : - 1060 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BK110AAH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X