|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
204241b ? skyworks proprietary and conidential information ? products and product information are subject to change without notice ? september 20, 2016 AWB7225 860 - 894 mhz small-cell power ampliier module data sheet 14 pin 7 mm x 7 mm x 1.3 mm surface mount module figure 1: block diagram product description the AWB7225 is a fully matched, multi-chip-module (mcm) designed for picocell, femtocell, and customer premises equipment (cpe) applications. consisting of two parallel path high linearity, high eficiency power ampliiers, the device meets the extremely demanding needs of small cell infrastructure architectures. designed for lte, wcdma and hsdpa air interfaces operating in the 860 mhz to 894 mhz bands, the AWB7225 delivers up to +27 dbm of lte (e-tm1.1) features ? ingap hbt technology ? -48 dbc acpr @ 10 mhz, +27 dbm ? 30 db gain ? high eficiency ? low transistor junction temperature ? matched for a 50 ? system ? low proile miniature surface mount package; rohs compliant ? multi-carrier capability applications ? lte, wcdma, and hsdpa air interfaces ? picocell, femtocell, home nodes ? customer premises equipment (cpe) power through an external 90-degree hybrid coupler, with an acpr of -48 dbc. the device operates from a convenient +4.5 v supply and provides 30 db of rf gain. the AWB7225 is manufactured using an advanced ingap hbt mmic technology offering state-of-the-art reliability, temperature stability, and ruggedness. its 7 mm x 7 mm x 1.3 mm surface mount package incorporates rf matching networks optimized for output power, eficiency, and linearity in a 50 ? system. rf1 input vcc1 rf2 output vref bias network matching network matching network bias network vcc2 rf1 output matching network matching network rf2 input detector output power detector power detector 90 o hybrid coupler (external ) combined rf output 90 o hybrid coupler (external ) rf input source downloaded from: http:///
2 AWB7225 data sheet september 20, 2016 ? skyworks proprietary and conidential information ? products and product information are subject to change without notice ? 204241b pin name description 1 v ref reference voltage 2 gnd ground 3 rf2 in rf2 input 4 v cc1 supply voltage 5 rf1 in rf1 input 6 n/c no connection 7 det out detector output 8 gnd ground 9 gnd ground 10 rf1 out rf1 output 11 v cc2 supply voltage 12 rf2 out rf2 output 13 gnd ground 14 gnd ground figure 2: pinout (x-ray top view) table 1: pin description n/c rf2 ou t rf1 in gnd 1 10 2 3 4 5 6 98 7 v cc1 gnd gnd gnd gnd rf2 in 1413 12 11 v ref v cc2 gnd det out rf1 ou t downloaded from: http:/// AWB7225 3 data sheet 204241b ? skyworks proprietary and conidential information ? products and product information are subject to change without notice ? september 20, 2016 electrical characteristics table 2: absolute minimum and maximum ratings table 3: operating ranges the device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions deined in the electrical speciications. pa ra me te r mi n ty p ma x un it co mme nt s op erat in g fr eq uenc y (f ) 860 - 894 mh z su pp ly vo lt age (v cc )+ 3. 6+ 4. 5+ 4. 65 v re fe re nc e vo lt age (v ref ) +2 .8 0 0 +2 .8 5 - +2 .9 0 +0 .5 v pa "o n" pa "s hu t dow n" rf outp ut po we r (p out ) (1) -+ 27 - db m ca se te mp erat ur e (t c ) (2) -4 0- +8 5 c functional operation is not implied under these conditions. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. exposure to absolute ratings for extended periods of time may adversely affect reliability. parameter min max unit supply voltage (v cc ) 0 +5 v reference voltage (v ref ) 0 +3.5 v rf output power (p out ) (1) - +30 dbm, modulated rf input power (p in ) - +10 dbm, cw esd rating human body model (2) charged device model (3) class 1c class iv -- msl rating (4) 4 - junction temperature (t j ) - +150 c storage temperature (t stg ) -40 +150 c notes: (1) at output of external 90 hybrid coupler. (2) jedec js-001-2010.(3) jedec jesd22-c101d. (4) 260 c peak relow. notes: (1) typ rf output power is used during production test. (2) case temperature references the board temperature at the ground paddle on the backside of the pa ckage. downloaded from: http:/// 4 AWB7225 data sheet september 20, 2016 ? skyworks proprietary and conidential information ? products and product information are subject to change without notice ? 204241b table 4: electrical speciications (t c = +25 c, v cc = +4.5 v, v ref = +2.85 v, 50 ? system) notes: (1) acpr and eficiency measured at 877 mhz. (2) p out = +27 dbm, using speciied external 90 hybrid couplers. (3) lte e-tm1.1 (10 mhz). (4) use only v cc2 (pin 11) current when calculating device junction temperature. parameter min typ max unit comments gain (2) 27 30 32 db acpr (1), (2), (3) @ 10 mhz @ 20 mhz -- -48-57 -45-54 dbc power-added eficiency (1), (2), (3) 12 14 - % thermal resistance (r jc ) (4) - 14.5 - c/w junction to case supply current (1), (2), (3) - 796 928 ma total through v cc pins quiescent current (icq) 200 270 350 ma reference current 7.5 10 12.5 ma through v ref pin leakage current - 3 10 a v cc = +5 v, v ref = 0 v harmonics (2) 2f o 3f o , 4f o -- -55-63 -45-53 dbc input return loss (2) 15 20 - db output return loss (2) 15 20 - db p1db - +35.5 - dbm cw tone spurious output level (2) (all spurious outputs) - - -60 dbc p out +27 dbm in-band load vswr < 5:1out-of-band load vswr < 10:1 applies over all voltage and temperature operating ranges load mismatch stress with nopermanent degradation or failure (2) 8:1 - - vswr v cc = +4.5 v, p out = +27 dbm applies over full operatingtemperature range downloaded from: http:/// AWB7225 5 data sheet 204241b ? skyworks proprietary and conidential information ? products and product information are subject to change without notice ? september 20, 2016 application information to ensure proper performance, refer to all related application notes. shutdown mode the power ampliier may be placed in a shutdown mode by applying logic low levels (see operating ranges table) to the v ref voltage. figure 3: application circuit schematic 0.1uf 100uf gnd at slug rf input gnd v cc2 v ref n/c gnd rf1 out rf1 in v cc1 rf2 in 2 rf output 1000pf 4.7k rf2 out gnd det out 3 4 5 6 7 9 8 1410 11 12 13 gnd gnd v cc2 10uf 90 o hybrid coupler 90 o hybrid coupler 0.1uf v ref v cc1 10uf 1000pf 0.1uf 100uf det out 0.1uf 100k AWB7225 1 tvsdiode tvsdiode 5 43 12 6 50 50 16 2 45 3 notes:1. recommended 90 o hybrid couplers are murata ldj2h825m03fa062a. 2. applications that have large supply voltage transients may benefit fromthe use of tvs diodes. for such applications, recommended tvs diodes are sm05t1g or smj5.0a. 100uf downloaded from: http:/// 6 AWB7225 data sheet september 20, 2016 ? skyworks proprietary and conidential information ? products and product information are subject to change without notice ? 204241b figure 4: pcb footprint downloaded from: http:/// AWB7225 7 data sheet 204241b ? skyworks proprietary and conidential information ? products and product information are subject to change without notice ? september 20, 2016 package outline figure 5: package outline - 14 pin 7 mm x 7 mm x 1.3 mm surface mount module figure 6: branding speciication b7225 pin 1 identi?er pa rt number date c ode yy= year ww= wo rk w eek mark ing code lot number country c ode downloaded from: http:/// 8 AWB7225 data sheet september 20, 2016 ? skyworks proprietary and conidential information ? products and product information are subject to change without notice ? 204241b component packaging figure 7: tape & reel packaging table 5: tape & reel dimensions pa ck ag e ty pe ta pe wi dt h po cke t pi tc h reel ca pa ci ty ma x reel di a 7 mm x 7 mm x 1. 3 mm 16 mm 12 mm 2500 13 " pin 1 downloaded from: http:/// AWB7225 9 data sheet 204241b ? skyworks proprietary and conidential information ? products and product information are subject to change without notice ? september 20, 2016 ordering information o rde r nu mb er te mp er at ur e rang e pa ck ag e descri pt io n co mp on ent pa ck agin g aw b7 225 p7 -4 0 o c to + 85 o c rohs -c ompl ia nt 14 pi n 7 mm x 7 mm x 1. 3 mm su rf ace mo unt mo du le loose in bag aw b7 225 p8 -4 0 o c to +8 5 o c rohs -c ompl ia nt 14 pi n 7 mm x 7 mm x 1. 3 mm su rf ace mo unt mo du le t ape and r eel , 2500 pieces pe r re el aw b7 225 p9 -4 0 o c to +8 5 o c rohs -c ompl ia nt 14 pi n 7 mm x 7 mm x 1. 3 mm su rf ace mo unt mo du le partial reel downloaded from: http:/// 10 AWB7225 copyright ? 2016 skyworks solutions, inc. all rights reserved. information in this document is provided in connection with skyworks solutions, inc. (skyworks) products or services. these materials, including the information contained herein, are provided by skyworks as a service to its customers and may be used for informational purposes only by the customer. skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. skyworks may change its documentation, products, serv ices, speciications or product descriptions at any time, without notice. skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conlicts, incompatibilities, or other dificulties arisin g from any future changes. no license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of skyworks products, information or materials, except as may be provided in skyworks terms and conditions of sale. the materials, products and information are provided as is without warranty of any kind, whether express, implied, statutory, or otherwise, including fitness for a particular purpose or use, merchantability, performance, quality or non-infringement of any intellectual property right; all such warranties are hereby expressly disclaimed. skyworks does not warrant the accuracy or completeness of the information, text, graphics or other items contained within these materials. skyworks shall not be liable for any damages, including but not limited to any special, indirect, incidental, statutory, or consequential damages, including without limitation, lost revenues or lost profits that may result from the use of the materials or information, whether or not the recipient of materials has been advised of the possibility of such damage. skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the skyworks products could lead to personal injury, death, physical or environmental damage. skyworks cus - tomers using or selling skyworks products for use in such applications do so at their own risk and agree to fully indemnify skyworks for any damages resulting from such improper use or sale. customers are responsible for their products and applications using skyworks products, which may deviate from published speciications as a result of design defects, errors, or operation of products outside of published p arameters or design speciications. customers should include design and operating safeguards to minimize these and other risks. skyworks assumes no liabil - ity for applications assistance, customer product design, or damage to any equipment resulting from the use of skyworks products outside of stated published speciications or parameters. skyworks and the skyworks symbol are trademarks or registered trademarks of skyworks solutions, inc., in the united states and other countries. third-party brands and names are for identiication purposes only, and ar e the property of their respective owners. additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference. skyworks solutions, inc. phone [781] 376-3000 ? fax [781] 376-3100 ? sales@skyworksinc.com ? www.skyworksinc.com skyworks proprietary and conidential information ? products and product information are subject to change without notice data sheet 204241b ? september 20, 2016 downloaded from: http:/// |
Price & Availability of AWB7225 |