Part Number Hot Search : 
74HC15 ZXMP6A ACA2404 74HC14 11017 1N6003B B8272 UB261
Product Description
Full Text Search
 

To Download ATF1040S20S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fast switching thyristor atf1040 repetitive voltage up to 2000 v mean on-state current 1075 a surge current 14 ka final specification turn-off time 50 s mag 06 - issue : 07 symbol characteristic conditions tj [c] value unit blocking v rrm repetitive peak reverse voltage 125 2000 v v rsm non-repetitive peak reverse voltage 125 2100 v v drm repetitive peak off-state voltage 125 2000 v i rrm repetitive peak reverse current v=vrrm 125 150 ma i drm repetitive peak off-state current v=vdrm 125 150 ma conducting i t (av) mean on-state current 180 sin, 50 hz, th=55c, doub le side cooled 1075 a i t (av) mean on-state current 180 sin, 1 khz, th=55c, dou ble side cooled 1000 a i tsm surge on-state current, non repetitive sine wave, 1 0 ms 125 14 ka i2 t i2 t without reverse voltage 980 x1e3 a2s v t on-state voltage on-state current = 2000 a 25 2,6 v v t(to) threshold voltage 125 1,40 v r t on-state slope resistance 125 0,414 mohm switching di/dt critical rate of rise of on-state current, min from 75% vdrm up to 1200 a, gate 10v 5 ohm 125 500 a/ s dv/dt critical rate of rise of off-state voltage, mi n linear ramp up to 70% of vdrm 125 500 v/s td gate controlled delay time, typical vd=100v, gate source 20v, 10 ohm , tr=1 s 25 0,6 s tq circuit commutated turn-off time di/dt = 20 a/s, i= 1000 a i = 800 a 125 50 s dv/dt = 200 v/s , up to 75% vdrm q rr reverse recovery charge di/dt = 60 a/s, i= 1000 a i = 1000 a 125 620 c i rr peak reverse recovery current vr = 50 v 227 a i h holding current, typical vd=5v, gate open circuit 25 5 00 ma i l latching current, typical vd=5v, tp=30s 25 850 ma gate v gt gate trigger voltage vd=5v 25 3,5 v i gt gate trigger current vd=5v 25 350 ma v gd non-trigger gate voltage, min. vd=vdrm 125 0,25 v v fgm peak gate voltage (forward) 25 30 v i fgm peak gate current 25 10 a v rgm peak gate voltage (reverse) 25 5 v p gm peak gate power dissipation pulse width 100 s 25 150 w p g(av) average gate power dissipation 25 3 w mounting r th(j-h) thermal impedance, dc junction to heatsink, double s ide cooled 26 c/kw r th(c-h) thermal impedance, dc case to heatsink, double side cooled 6 c/kw t j operating junction temperature -30 / 125 c f mounting force 14.0 / 17.0 kn mass 500 g tq code d 10 s c 12 s b 15 s a 20 s l 25 s ordering information : atf1040 s 20 s tq code m 30 s n 35 s p 40 s r 45 s s 50 s standard specification vdrm&vrrm/100 t 60 s u 70 s w 80 s x 100s y 150s poseico spa power semiconductors italian corporation poseico poseico spa via n. lorenzi 8, 16152 genova - italy tel. +39 010 6556234 - fax +39 010 6557519 sales office: tel. +39 010 6556775 - fax +39 010 6445141
atf1040 fast switching thyristor final specification mag 06 - issue : 07 switching characteristics reverse recovery current tj = 125 c 0 200 400 600 800 1000 0 50 100 150 200 250 300 350 400 di/dt [a/s] irr [a] 1000 a 500 a 250 a ta = irr / (di/dt) tb = trr - ta softness (s factor) s = tb / ta energy dissipation during recovery er = vr (qrr - irr ta / 2 ) di/dt irr i f ta tb vr reverse recovery charge tj = 125 c 0 200 400 600 800 1000 1200 1400 1600 1800 0 50 100 150 200 250 300 350 400 di/dt [a/s] qrr [c] 250 a 500 a 1000 a poseico spa power semiconductors italian corporation poseico
atf1040 fast switching thyristor final specification mag 06 - issue : 07 cathode terminal type din 46244 - a 4.8 - 0.8 gate terminal type amp 60598 - 1 distributed by on-state characteristic tj = 125 c 0 500 1000 1500 2000 2500 3000 3500 0,6 1,1 1,6 2,1 2,6 on-state voltage [v] on-state current [a] transient thermal impedance double side cooled 0 5 10 15 20 25 30 35 0,001 0,01 0,1 1 10 100 t[s] zth j-h [c/kw] surge characteristic tj = 125 c 0 2 4 6 8 10 12 14 16 1 10 100 n cycles itsm [ka] poseico spa power semiconductors italian corporation poseico all the characteristics given in this data sheet are guaranteed only with uniform clamping force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 m. in the interest of product improvement poseico spa reserves the right to change any data given in this data sheet at any time witho ut previous notice. if not stated otherwise the maximum value of ratings (simbol s over shaded background) and characteristics is reported.


▲Up To Search▲   

 
Price & Availability of ATF1040S20S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X