Part Number Hot Search : 
XR1015 IDT5V 74F253SJ 22001 BFT29X XR1015 30403 5KE10A
Product Description
Full Text Search
 

To Download AON7404G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON7404G general description product summary v ds i d (at v gs =4.5v) 20a r ds(on) (at v gs =4.5v) < 5.3m r ds(on) (at v gs =2.5v) < 6.8m applications 100% uis tested 100% rg tested symbol v ds v gs i dm i as avalanche energy l=0.1mh c e as t j , t stg symbol t 10s steady-state steady-state r q jc 20v n-channel mosfet orderable part number package type form minimum order quantity 20v ? trench power mosfet technology ? low r ds(on) ? rohs and halogen-free compliant t a =25c t a =70c t c =25c t c =100c t c =25c avalanche current c continuous drain current g thermal characteristics parameter max t a =70c 3.2 c units junction and storage temperature range -55 to 150 typ p dsm w t a =25c 5 power dissipation a maximum junction-to-ambient a c/w r q ja 20 45 25 w i d a 40 a 80 i dsm 20 mj 80 20 20 AON7404G dfn 3x3 ep tape & reel 5000 v a absolute maximum ratings t a =25c unless otherwise noted 12 v maximum units maximum junction-to-case c/w c/w maximum junction-to-ambient a d 3.7 55 4.5 ? dc/dc converters in computing, servers, and pol ? battery protection switch power dissipation b 11 t c =100c p d 20 28 gate-source voltage pulsed drain current c 20 parameter drain-source voltage continuous drain current g g d s top view ss s g dd d d 1 2 3 4 8 7 6 5 dfn 3x3_ep top view bottom view pin 1 rev.1.0: august 2017 www.aosmd.com page 1 of 6 downloaded from: http:///
AON7404G symbol min typ max units bv dss 20 v v ds =20v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 0.45 0.85 1.25 v 4.4 5.3 t j =125c 5.9 7.2 5.4 6.8 m g fs 100 s v sd 0.6 1 v i s 20 a c iss 3300 pf c oss 485 pf c rss 370 pf r g 1.2 2.4 3.6 q g (4.5v) 31 45 nc q gs 5.2 nc q gd 8 nc t d(on) 7.5 ns t r 15 ns t d(off) 72 ns t f 21 ns t rr 17 ns q rr 30 nc applications or use as critical components in life support devices or systems are not authorized. aos does not assume any liability arising out of such applicatio ns or uses of its products. aos reserves the right to improve product design,functions and reliability without no tice. gate resistance f=1mhz i dss a zero gate voltage drain current r ds(on) static drain-source on-resistance m v ds =0v, v gs =12v maximum body-diode continuous current g input capacitance gate-body leakage current diode forward voltage dynamic parameters v gs =2.5v, i d =18a reverse transfer capacitance electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions drain-source breakdown voltage id=250a, vgs=0v gate source charge gate drain charge total gate charge switching parameters turn-on delaytime v gs =4.5v, v ds =10v, i d =20a body diode reverse recovery charge body diode reverse recovery time i f =20a, di/dt=500a/ m s turn-off delaytime turn-off fall time v gs =10v, v ds =10v, r l =0.5 w , r gen =3 w i f =20a, di/dt=500a/ m s turn-on rise time v gs =0v, v ds =10v, f=1mhz v ds =v gs, i d =250 m a output capacitance forward transconductance i s =1a, v gs =0v v ds =5v, i d =20a v gs =4.5v, i d =20a a. the value of r q ja is measured with the device mounted on 1in 2 fr -4 board with 2oz. copper, in a still air environment with t a =25 c. the power dissipation p dsm is based on r q ja t 10s and the maximum allowed junction temperature of 150 c. the value in any given application depends on the user's specific board design. b. the power dissipation p d is based on t j(max) =150 c, using junction- to -case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. c. single pulse width limited by junction temperature t j(max) =150 c. d. the r q ja is the sum of the thermal impedance from junction to case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction- to -case thermal impedance which is measured with the device mounted to a large he atsink, assuming a maximum junction temperature of t j(max) =150 c. the soa curve provides a single pulse rating. g. the maximum current rating is package limited. h. these tests are performed with the device mounted on 1 in 2 fr -4 board with 2oz. copper, in a still air environment with t a =25 c. rev.1.0: august 2017 www.aosmd.com page 2 of 6 downloaded from: http:///
AON7404G typical electrical and thermal characteristics 0 20 40 60 80 0 0.5 1 1.5 2 2.5 3 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 3 4 5 6 7 0 5 10 15 20 25 30 r ds(on) (m w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e- 05 1.0e- 04 1.0e- 03 1.0e- 02 1.0e- 01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 normalized on-resistance temperature ( c) figure 4: on-resistance vs. junction temperature (note e) v gs =2.5v i d =18a v gs =4.5v i d =20a 3 5 7 9 11 0 2 4 6 8 10 r ds(on) (m w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 c 125 c v ds =5v v gs =2.5v v gs =4.5v i d =20a 25 c 125 c 0 20 40 60 80 0 1 2 3 4 5 i d (a) v ds (volts) figure 1: on-region characteristics (note e) v gs =1.5v 2v 4.5v 2.5v rev.1.0: august 2017 www.aosmd.com page 3 of 6 downloaded from: http:///
AON7404G typical electrical and thermal characteristics 0 100 200 300 400 500 1e - 05 0.0001 0.001 0.01 0.1 1 10 100 power (w) pulse width (s) figure 10: single pulse power rating junction- to - case (note f) 0 1 2 3 4 5 0 10 20 30 40 50 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 0 5 10 15 20 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0.01 0.1 1 10 1e - 05 0.0001 0.001 0.01 0.1 1 10 100 z q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal impedance (note f) c oss c rss v ds =10v i d =20a single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p dm in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) v gs > or equal to 2.5v figure 9: maximum forward biased safe operating area (note f) 10 m s 1ms dc r ds(on) limited t j(max) =150 c t c =25 c 100 m s 10ms r q jc =4.5 c/w rev.1.0: august 2017 www.aosmd.com page 4 of 6 downloaded from: http:///
AON7404G typical electrical and thermal characteristics 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 z q ja normalized transient thermal resistance pulse width (s) figure 15: normalized maximum transient thermal impedance (note h) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p dm in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 0 10 20 30 40 0 25 50 75 100 125 150 power dissipation (w) t case ( c) figure 12: power de-rating (note f) 0 6 12 18 24 30 0 25 50 75 100 125 150 current rating i d (a) t case ( c) figure 13: current de-rating (note f) 1 10 100 1000 10000 1e - 05 0.001 0.1 10 1000 power (w) pulse width (s) figure 14: single pulse power rating junction- to -ambient (note h) t a =25 c r q ja =55 c/w rev.1.0: august 2017 www.aosmd.com page 5 of 6 downloaded from: http:///
AON7404G - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr figure a: gate charge test circuit & waveforms figure b: resistive switching test circuit & waveforms figure c: unclamped inductive switching (uis) test circuit & waveforms figure d: diode recovery test circuit & waveforms rev.1.0: august 2017 www.aosmd.com page 6 of 6 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AON7404G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X