Part Number Hot Search : 
ISL9230 NTX1N ATAR090 40020 CS842 DSP56 A170D SMCJ30
Product Description
Full Text Search
 

To Download AOL1240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AOL1240 40v n-channel mosfet general description product summary v ds i d (at v gs =10v) 69a r ds(on) (at v gs =10v) < 3m r ds(on) (at v gs =4.5v) < 4.4m 100% uis tested 100% r g tested symbol v ds the AOL1240 uses trench mosfet technology that is uniquely optimized to provide the most efficient hi gh frequency switching performance.power losses are minimized due to an extremely low combination of r ds(on) and crss.in addition,switching behavior is well controlled with a "schottky style" soft recovery bo dy diode. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 40v drain-source voltage 40 g d s ultraso-8 tm top view bottom view g d s g s v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r jc maximum junction-to-case c/w c/w maximum junction-to-ambient a d 1 60 1.2 w power dissipation a p dsm w t a =70c 125 1.3 t a =25c t c =25c 2.1 62.5 t c =100c power dissipation b p d a t a =25c i dsm a t a =70c i d 69 54 t c =25c t c =100c 400 pulsed drain current c continuous drain current g mj avalanche current c 15 continuous drain current 211 19 a 65 avalanche energy l=0.1mh c v units junction and storage temperature range -55 to 175 c thermal characteristics parameter typ max v 20 gate-source voltage drain-source voltage 40 maximum junction-to-ambient a c/w r ja 20 50 25 rev 0: sep. 2011 www.aosmd.com page 1 of 6 downloaded from: http:///
AOL1240 symbol min typ max units bv dss 40 v v ds =40v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 1.3 1.8 2.3 v i d(on) 400 a 2.4 3 t j =125c 3.75 4.7 3.2 4.4 m g fs 90 s v sd 0.68 1 v i s 69 a c iss 2530 3165 3800 pf c oss 640 920 1120 pf c rss 13.5 45.5 77.5 pf r g 0.5 1 1.5 q g (10v) 33.5 42 50.5 nc q g (4.5v) 12.5 18 23.5 nc q gs 8 nc q gd 3.5 nc t d(on) 9 ns t 3.5 ns on state drain current i d =250 a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =20a gate-body leakage current reverse transfer capacitance v gs =0v, v ds =20v, f=1mhz v ds =v gs i d =250 a v ds =0v, v gs =20v maximum body-diode continuous current g input capacitance output capacitance forward transconductance i s =1a,v gs =0v v ds =5v, i d =20a dynamic parameters v gs =4.5v, i d =20a r ds(on) static drain-source on-resistance diode forward voltage m electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss a zero gate voltage drain current drain-source breakdown voltage turn-on rise time v =10v, v =20v, r =1 , gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge gate source charge gate drain charge total gate charge switching parameters turn-on delaytime v gs =10v, v ds =20v, i d =20a t r 3.5 ns t d(off) 32 ns t f 6 ns t rr 14 20.5 27 ns q rr 40 56 73 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. i f =20a, di/dt=500a/ s body diode reverse recovery charge body diode reverse recovery time i f =20a, di/dt=500a/ s turn-on rise time turn-off delaytime v gs =10v, v ds =20v, r l =1 , r gen =3 turn-off fall time a. the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the power dissipation p dsm is based on r ja and the maximum allowed junction temperature of 150 c. the value in any given application depends on the user's specific board design, and the maximu m temperature of 175 c may be used if the pcb allows it. b. the power dissipation p d is based on t j(max) =175 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =175 c. ratings are based on low frequency and duty cycl es to keep initial t j =25 c. d. the r ja is the sum of the thermal impedance from junction t o case r jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =175 c. the soa curve provides a single pulse rating. g. the maximum current rating is package limited. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. rev 0: sep. 2011 www.aosmd.com page 2 of 6 downloaded from: http:///
AOL1240 typical electrical and thermal characteristics 17 52 10 0 18 0 20 40 60 80 100 1 2 3 4 5 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 1 2 3 4 5 6 0 5 10 15 20 25 30 r ds(on) (m ? ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 1.8 2 0 25 50 75 100 125 150 175 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =20a v gs =10v i d =20a 25 c 125 c v ds =5v v gs =4.5v v gs =10v 0 20 40 60 80 100 120 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =3v 4v 4.5v 10v 3.5v 40 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c (note e) 0 2 4 6 8 2 4 6 8 10 r ds(on) (m ? ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) i d =20a 25 c 125 c rev 0: sep. 2011 www.aosmd.com page 3 of 6 downloaded from: http:///
AOL1240 typical electrical and thermal characteristics 17 52 10 0 18 0 2 4 6 8 10 0 5 10 15 20 25 30 35 40 45 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 500 1000 1500 2000 2500 3000 3500 4000 4500 0 5 10 15 20 25 30 35 40 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 50 100 150 200 250 300 350 400 0.001 0.01 0.1 1 10 100 power (w) pulse width (s) figure 10: single pulse power rating junction-to- ca c oss c rss v ds =20v i d =20a t j(max) =175 c t c =25 c 10 s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe 10 s 10ms 1ms dc r ds(on) limited t j(max) =175 c t c =25 c 100 s 40 (note f) 0.01 0.1 1 10 1e-05 0.0001 0.001 0.01 0.1 1 10 100 z ? jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t c +p dm .z jc .r jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse operating area (note f) r jc =1.2 c/w rev 0: sep. 2011 www.aosmd.com page 4 of 6 downloaded from: http:///
AOL1240 typical electrical and thermal characteristics 17 52 10 0 18 0 20 40 60 80 100 120 140 0 25 50 75 100 125 150 175 power dissipation (w) t case (c) figure 13: power de-rating (note f) 0 20 40 60 80 0 25 50 75 100 125 150 175 current rating i d (a) t case (c) figure 14: current de - rating (note f) 1 10 100 1000 10000 1e-05 0.001 0.1 10 1000 power (w) pulse width (s) figure 15: single pulse power rating junction - to - t a =25 c 1 10 100 1000 1 10 100 1000 i ar (a) peak avalanche current time in avalanche, t a ( ? s) figure 12: single pulse avalanche capability (note c) t a =25 c t a =150 c t a =100 c t a =125 c 40 0.001 0.01 0.1 1 10 1e-05 0.0001 0.001 0.01 0.1 1 10 100 1000 z ? ja normalized transient thermal resistance pulse width (s) figure 16: normalized maximum transient thermal imp edance (note h) single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse figure 14: current de - rating (note f) figure 15: single pulse power rating junction - to - ambient (note h) r ja =60 c/w rev 0: sep. 2011 www.aosmd.com page 5 of 6 downloaded from: http:///
AOL1240 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar vdd vgs vgs rg dut - + vdc vgs id vgs i ig vgs - + vdc dut l vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar di/dt i rm rr vdd vdd q = - idt t rr rev 0: sep. 2011 www.aosmd.com page 6 of 6 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AOL1240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X