Part Number Hot Search : 
TS1086 MIC74BQS 2A410 PP230 HN3C10FT 2A410 F0094U 57689
Product Description
Full Text Search
 

To Download AOD2N60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AOD2N60A/aoi2n60a/aou2n60a 600v,2a n-channel mosfet general description product summary v ds @ tj,max 700v i d (at v gs =10v) 2a r ds(on) (at v gs =10v) < 4.7 applications 100% uis tested 100% r g tested ? advanced high voltage mosfet technology ? low r ds(on) ? low ciss and crss ? high current capability ? rohs and halogen free compliant ? general lighting for led and ccfl ? ac/dc power supplies for industrial, consumer, an d telecom orderable part number package type form minimum order quantity AOD2N60A to-252 tape & reel 2500 aoi2n60a to-251a tube 4000 g d s g g d d s s top view bottom view to251a ipak aoi2n60a g d s g d s top view bottom view to-251 ipak aou2n60a g s d g s d top view to252 dpak bottom view AOD2N60A symbol v ds v gs i dm i ar e ar e as peak diode recovery dv/dt dv/dt t j , t stg t l symbol r ja r cs r jc maximum case-to-sink a maximum junction-to-case d,f c/w c/w 1.8 0.5 2.2 mj avalanche current c,i 10.6 repetitive avalanche energy c,i derate above 25 o c 57 0.45 a 4.6 single pulsed avalanche energy h 97 mj v/ns 5 p d v units parameter absolute maximum ratings t a =25c unless otherwise noted maximum drain-source voltage 600 junction and storage temperature range -50 to 150 c power dissipation b v 30 gate-source voltage t c =100c a i d t c =25c 2 1.4 6 pulsed drain current c continuous drain current b maximum junction-to-ambient a,g t c =25c - 50 maximum thermal characteristics units c/w 40 parameter typical w w/ o c maximum lead temperature for soldering purpose, 1/8" from case for 5 seconds 300 c aou2n60a to-251 tube 4000 aoi2n60a to-251a tube 4000 rev.2.0: may 2014 www.aosmd.com page 1 of 6 downloaded from: http:///
symbol min typ max units 600 700 bv dss /?tj 0.7 v/ o c 1 10 i gss gate-body leakage current 100 n v gs(th) gate threshold voltage 3.4 4 4.5 v r ds(on) 3.9 4.7 g fs 2.8 s v sd 0.79 1 v i s maximum body-diode continuous current 2 a i sm 6 a c iss 295 pf c oss 30 pf c rss 2.3 pf r g 3.2 q g 6.5 11 nc q gs 1.5 nc q gd 1.8 nc t d(on) 16 ns t r 11 ns t d(off) 28 ns static drain-source on-resistance v gs =10v, i d =1a reverse transfer capacitance v gs =0v, v ds =25v, f=1mhz switching parameters turn-on rise time turn-off delaytime v gs =10v, v ds =300v, i d =2a, r g =25 electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions bv dss a v zero gate voltage drain current i d =250a, v gs =0v v ds =0v, v gs =30v drain-source breakdown voltage i d =250a, v gs =0v, t j =25c i d =250a, v gs =0v, t j =150c i dss zero gate voltage drain current v ds =600v, v gs =0v gate drain charge v ds =5v, i d =250 a v ds =480v, t j =125c i s =1a,v gs =0v v ds =40v, i d =1a forward transconductance dynamic parameters diode forward voltage gate resistance f=1mhz total gate charge v gs =10v, v ds =480v, i d =2a gate source charge maximum body-diode pulsed current c input capacitance output capacitance turn-on delaytime t d(off) 28 ns t f 14 ns t rr 268 ns q rr 1.6 c this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. i f =2a,di/dt=100a/ s,v ds =100v turn-off delaytime g turn-off fall time body diode reverse recovery charge i f =2a,di/dt=100a/ s,v ds =100v body diode reverse recovery time a. the value of r ja is measured with the device in a still air environm ent with t a =25 c. b. the power dissipation p d is based on t j(max) =150 c in a to252 package, using junction-to-case therm al resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsinking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150 c. d. the r ja is the sum of the thermal impedance from junction t o case r jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150 c. g.these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. h. l=60mh, i as =1.8a, v dd =150v, r g =10 ? , starting t j =25 c. i. l=1.0mh, v dd =150v, r g =25?, starting t j =25 c. rev.2.0: may 2014 www.aosmd.com page 2 of 6 downloaded from: http:///
typical electrical and thermal characteristics v ds 0 1 2 3 4 5 0 5 10 15 20 25 30 i d (a) v ds (volts) fig 1: on-region characteristics v gs =5v 5.5v 10v 6v 7v 0.1 1 10 2 4 6 8 10 i d (a) v gs (volts) figure 2: transfer characteristics - 55 c v ds =40v 25 c 125 c 0 2 4 6 8 10 0 1 2 3 4 5 r ds(on) ( ) i d (a) figure 3: on - resistance vs. drain current and gate v gs =10v 0 0.5 1 1.5 2 2.5 3 -100 -50 0 50 100 150 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature v gs =10v i d =1a 40 1e-04 1e-03 1e-02 1e-01 1e+00 1e+01 0.0 0.2 0.4 0.6 0.8 1.0 i s (a) v sd (volts) figure 6: body-diode characteristics 25 c 125 c i d =30a 25 125 figure 3: on - resistance vs. drain current and gate voltage 0.8 0.9 1 1.1 1.2 -100 -50 0 50 100 150 200 bv dss (normalized) t j ( o c) figure 5: break down vs. junction temperature rev.2.0: may 2014 www.aosmd.com page 3 of 6 downloaded from: http:///
typical electrical and thermal characteristics v ds 0 3 6 9 12 15 0 2 4 6 8 10 v gs (volts) q g (nc) figure 7: gate-charge characteristics v ds =480v i d =2a 1 10 100 1000 0.1 1 10 100 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss c oss c rss 0.01 0.1 1 10 1 10 100 1000 i d (amps) v ds (volts) 10 s 1ms 10ms dc r ds(on) limited t j(max) =150 c t c =25 c 100 s 0 200 400 600 800 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction - to - t j(max) =150 c t c =25 c figure 9: maximum forward biased safe operating area (note f) figure 10: single pulse power rating junction - to - case (note f) 0.01 0.1 1 10 1e-05 0.0001 0.001 0.01 0.1 1 10 z jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) d=t on /t t j,pk =t c +p dm .z jc .r jc r jc =2.2 c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse single pulse t on t p d rev.2.0: may 2014 www.aosmd.com page 4 of 6 downloaded from: http:///
typical electrical and thermal characteristics v ds 0 15 30 45 60 75 0 25 50 75 100 125 150 power dissipation (w) t case (c) figure 12: power de-rating (note b) 0.0 0.5 1.0 1.5 2.0 2.5 0 25 50 75 100 125 150 current rating i d (a) t case (c) figure 13: current de-rating (note b) 0 100 200 300 400 0.0001 0.001 0.01 0.1 1 10 100 1000 power (w) t j(max) =150 c t a =25 c pulse width (s) figure 14: single pulse power rating junction-to-am bient (note g) 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 z ja normalized transient thermal resistance pulse width (s) figure 15: normalized maximum transient thermal imp edance (note g) d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =50 c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse single pulse t on t p d rev.2.0: may 2014 www.aosmd.com page 5 of 6 downloaded from: http:///
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% res istive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id + vdc l vgs vds bv i unclamped inductive switching (uis) test circuit & waveforms vds ar dss 2 e = 1/2 li ar ar vdd vgs vgs rg dut - vdc id vgs i ig vgs - + vdc dut l vgs vds isd isd diode recovery tes t circuit & waveforms vds - vds + i f ar di/dt i rm rr vdd vdd q = - idt t rr rev.2.0: may 2014 www.aosmd.com page 6 of 6 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AOD2N60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X