Part Number Hot Search : 
HD29050P UP0431N PRTR5V MAX970 12Q221 SN66016 D9244 Z5233
Product Description
Full Text Search
 

To Download AGF10321 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. agf1 number of detectable axis (method) installation type 1-axis accleration sensor (electrostatic capacitance type) : 1 operation power supply voltage 5 v.dc 12 v.dc 24 v.dc :: : 12 3 installation direction type horizontal type : 1 direct mount bracket :: 01 :: detection sensitivity 0.136 v/(m/s 2 ) (1.333 v/g) 0.306 v/(m/s 2 ) (3.0 v/g) 37 agf 1 1 electrostatic capacitance detection sensor 1-axis acceleration sensor gf1 high precision, high reliability : superior offset voltage temperature characteristic s (33 mg (typ.)) high sensitivity : 1.333 to 3.0 v/g compact size : 58 36.5 33 mm 2.283 1.437 1.299 inch (direct-mount type) rohs compliant automobiles : 4wd-abs control, neutral control, idling stop system and suspension control special vehicles : inclination detection (for enhanced safety and operating ef? ciency) of ag ricultural machine, construction machine and welfare vehicles photovoltaic generation : sun tracking panels features typical applications ordering information product types product name unit absolute maximum ratings remarks agf1 11 (power supply: 5 v.dc type) agf1 21 (power supply: 12 v.dc type) agf1 31 (power supply: 24 v.dc type) maximum allowable voltage v.dc 7 16 30 max. ta=25 c 68 f maximum appliedacceleration agf1 3 1 g 15 max. agf1 7 1 5 max. storage temperature range c f ?30 to 85 C22 to 185 operation temperature range c f ?30 to 85 C22 to 185 anti-shock characteristic g 5,000 max. grade of protection ? ip67 product name operation power supply voltage acceleration detection range detection sensitivity installation type part number 1-axis accleration sensor gf1 5 v.dc 11.76 m/s 2 (1.2 g) 0.136 v/(m/s 2 ) (1.333 v/g) bracket agf11311 4.9 m/s 2 (0.5g) 0.306 v/(m/s 2 ) (3.0 v/g) direct mount agf10711 12 v.dc 11.76 m/s 2 (1.2 g) 0.136 v/(m/s 2 ) (1.333 v/g) direct mount AGF10321 4.9 m/s 2 (0.5g) 0.306 v/(m/s 2 ) (3.0 v/g) direct mount agf10721 24 v.dc 11.76 m/s 2 (1.2 g) 0.136 v/(m/s 2 ) (1.333 v/g) direct mount agf10331 4.9 m/s 2 (0.5g) 0.306 v/(m/s 2 ) (3.0 v/g) direct mount agf10731 note : ? performance when matching connector is connected. carton : 80 pcs. (bracket), 150 pcs. (direct mount) absolute maximum ratings direct mount bracket aug. 2015 00 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. agf1 item unit performance remarks agf1 11 (power supply: 5 v.dc type) agf1 21 (power supply: 12 v.dc type) agf1 31 (power supply: 24 v.dc type) operation power supply voltage v.dc 5 v.dc5 % 12 v.dc10 % 24 v.dc10 % ?30 c to +85 c C22 f to +185 f acceleration detection range ? 1 g () 1.2 (90) current consumption ma 10 15 0g, ta=20 c 68 f , max. sensitivity v/g 1.3333 % ?30 c to +85 c C22 f to +185 f offset voltage (0g) v 2.50.1 ta=20 c 68 f offset voltage temperature characteristic v 0.093 ?30 c to +85 c C22 f to +185 f other axis sensitivity % 5 ta=20 c 68 f non-linearity ? 2 %fs 1 ta=20 c 68 f frequency response hz 10 to 15 C3 db point clamping voltage vh ? 3 v 4.5 ? ? typ. clamping voltage vl ? 3 v 0.5 ? ? typ. note : ? 1 the acceleration unit g means 9.8 m/s 2 . ? 2 maximum error from linear output that connects +1.2 g and C1.2 g output. (agf1 3 1) maximum error from linear output that connects +0.5 g and C0.5 g output. (agf1 7 1) ? 3 the 12 v and 24 v.dc operating power supply voltage types can also be compatible with the clamping voltage. please consult us. agf1 3 1 (sensitivity : 1.333 v/g type) item unit performance remarks agf1 11 (power supply: 5 v.dc type) agf1 21 (power supply: 12 v.dc type) agf1 31 (power supply: 24 v.dc type) operation power supply voltage v.dc 5 v.dc5 % 12 v.dc10 % 24 v.dc10 % ?30 c to +85 c C22 f to +185 f acceleration detection range ? 1 g () 0.5 (30) current consumption ma 10 15 0g, ta=20 c 68 f , max. sensitivity v/g 3.03 % ?30 c to +85 c C22 f to +185 f offset voltage (0g) v 2.50.1 ta=20 c 68 f offset voltage temperature characteristic v 0.21 ?30 c to +85 c C22 f to +185 f other axis sensitivity % 5 ta=20 c 68 f non-linearity ? 2 %fs 1 ta=20 c 68 f frequency response hz 10 to 15 C3 db point clamping voltage vh ? 3 v 4.5 ? ? typ. clamping voltage vl ? 3 v 0.5 ? ? typ. agf1 7 1 (sensitivity : 3.0 v/g type) electrical characteristics aug. 2015 00 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. agf1 ?2.0 ?1.0 ?1.5 ?0.5 0.0 0.5 1.0 1.5 2.0 0.50.0 1.0 2.01.5 2.5 3.53.0 4.0 5.04.5 acceleration (g) output voltage (v) agf11311agf10711 ?100 ?75 ?50 ?25 0 25 50 75 100 ?40 ?20 0 20 40 60 80 100 offset voltage change (measured value) (mg) ?40 ?4 +32 +68 +104 +140 +176 +212 temperature (c f ) ?100?80 ?60 ?40 ?20 20 40 60 80 100 0 0.0 1.50.5 1.0 2.0 2.5 3.0 3.5 4.54.0 5.0 inclination angle ( ) agf11311agf10711 output voltage (v) frequency (hz) 1 10 60 100 ?20 ?18 ?16 ?14 ?12 ?10 ?8 ?6 ?4 ?2 0 gain (db) ?5 ?4 ?3 ?2 ?1 0 1 2 3 4 5 ?40 ?4 +32 +68 +104 +140 +176 +212 ?40 ?20 0 20 40 60 80 100 temperature (c f ) sensitivity change (measured value) (%) 1. output characteristics 4. offset voltage temperature characteristics 2. inclination angle - output voltage characteristics 5. frequency characteristics 3. sensitivity temperature characteristics reference data aug. 2015 00 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. agf1 33 6 1.299 0.236 28 1.102 vout gnd vdd 44 0.5 1.7320.020 58 2.283 2-7 dia. 2-0.275 dia. 36.5 1.437 detection axis japan 100610 61.8 2.433 85 3.346 40 1.575 6.5 dia. 0.256 dia. agf11311 part no. lot no. 28 1.102 37 1.457 gnd vout vdd detection axis sensoroutput vdd vdd r l gnd vout r l =load resistance (min.50 k  ) direct mount (agf10 1) bracket (agf11 1) matching connector: manufacturing company : yazaki corporation housing : 7283-8730-30 matching connector : manufacturing company : yazaki corporation housing: 7283-8730-30 unit : mm inch unit : mm inch dimensions the cad data of the products with a mark can be downloaded from: http://industrial.panasonic.com/ wiring diagram aug. 2015 00 downloaded from: http:///
design and specifications are each subject to change without notice. ask factory for the current technical specifications before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. agf1 notes before using the products, carefully check the quality under actual use conditions to enhance stability. wire connection correctly wire as in the connection diagram. reverse connection may damage the product and degrade the performance. cleaning avoid ultrasonic cleaning as this may cause disconnection of the wire. environment ? avoid use and storage in the corrosive gas (organic solvent, sulfurous acid and hydrogen sulfide gases) which negatively affects the product. ? use surge absorbers as applying the external surge voltage may damage the internal circuit. ? malfunction may occur near electric noises from static electricity, lightning, broadcast or amateur radio stations and mobile phones. ? avoid use in an environment where these products cause dew condensation. when water attached to the sensor chip freezes, the sensor output may be fluctuated or damaged. ? do not apply high-frequency oscillation, such as ultrasonic waves, to the product. ? do not use in direct sunlight or other comparable light. other precautions these specifications are for individual components. before use, carefully check the performance and quality under actual use conditions to enhance stability. ? misconnection and the wrong range of acceleration detection may invite the risk of accidents. ? avoid use beyond the specified acceleration range, as such use may damage the product. ? carefully handle as static electricity may damage the product. special notes we exert maximum efforts for quality control of the product, please mind also about the following. 1) to prevent occurrence of unexpected circumstances, please inform us of the specifications of your product, customers, use conditions and details of the attachment position. 2) have sufficient margin values of driving/ performance guarantee described in the specifications and apply safety measures with double circuits, if serious effects on human lives or property are predicted due to a quality failure of the product. those countermeasures are also for the product liability. 3) a warranty period is one year after the delivery to your company. quality assurance is limited to the items and the scopes described in the specifications. if a defect is found after the delivery, we will promptly provide a replacement or change/ repair the defect part at the place of delivery in good faith. exceptions are below. ? damages by a failure or a defect which arose after the delivery. ? after the delivery, when storing and transporting, if conditions other than conditions in the specifications are applied to the product. ? damages by unforeseen phenomenon which cannot be predicted with the technologies available at the time of delivery. ? damages by natural and anthropogenic disasters, such as earthquake, flood, fire and war, which are beyond our reasonable control. aug. 2015 00 downloaded from: http:///
if you want to use our products described in this onlin e catalog for applications requiring special qualities or reliability, or for applications where the failure or malfunction of the products may directly jeopardize human life or potentially caus e personal injury (e.g. aircraft and aerospace equipment, traffic and transportat ion equipment, combustion equipment, medical equipment, accident prevention, anti-crime eq uipment, and/or safety equipment), it is necessary to verify whether the specificatio ns of our products fit to such applications. please ensure that you will ask and check with our inquiry desk as to whether the specifications of our products fit to such applications use before you use our products. the quality and performance of our products as described in this online catalog only apply to our products when used in isolation. therefore, please en sure you evaluate and verify our products under the specific circumstances in which our pr oducts are assembled in your own products and in which our products will actually be used. if you use our products in equipment that requires a h igh degree of reliability, regardless of the application, it is recommended that you set up protectio n circuits and redundancy circuits in order to ensure safety of your equipment. the products and product specifications described in this online catalog are subject to change for improvement without prior notice. therefore, pleas e be sure to request and confirm the latest product specifications which explain the specifications of our products in detail, before you finalize the design of your applications, pu rchase, or use our products. the technical information in this online catalog provides example s of our products' typical operations and application circuits. we do not guarantee the non-infringement of third party's intellectual property rights and we do not grant any license, right, or interest in our intellectual property. if any of our products, product specifications and/or technical information in this online catalog is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially with regard to security and ex port control, shall be observed. the switchover date for compliance with the rohs directive /reach regulations varies depending on the part number or series of our products. when you use the inventory of our products for which it is unc lear whether those products are compliant with the rohs directive/reach regulation, please se lect "sales inquiry" in the website inquiry form and contact us. we do not take any responsibility for the use of our products outside the scope of the specifications, descriptions, guidelines and precautions described in this online catalog. guidelines and precautions regarding the described in this online catalog. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AGF10321

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X