Part Number Hot Search : 
RN1103F PSUT36 FCPAXT 0ACPZ DD1300 PC150 NTE7030 Y3620R
Product Description
Full Text Search
 

To Download A11CSQ24VDC15R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. rohs compliant a1 22.8 x 15.3 x 25.8 mm ? switching capacity up to 30a ? small size and light weight ? pcb pin and quick connect mounting available ? suitable for automobile and lamp accessories coil voltage vdc coil resistance +/- 10% pick up voltage vdc (max) 70% of rated voltage release voltage vdc (min) 10% of rated voltage coil power w operate time ms release time ms rated max 1.2w 1.5w 6 7.8 30 24 4.20 .6 1.20 or 1.50 10 7 12 15.6 120 96 8.40 1.2 24 31.2 480 384 18.00 2.4 48 62.4 1920 1536 33.60 4.8 contact data* coil data* general data* contact arrangement 1a = spst n.o. 1c = spdt contact rating 1a : 25a, 30a @ 14vdc 1c : 20a @ 14vdc contact resistance < 50 milliohms initial contact material agsno 2 maximum switching power 350w maximum switching voltage 75vdc maximum switching current 30a electrical life @ rated load 100k cycles, average mechanical life 10m cycles, average insulation resistance 100m min. @ 500vdc initial dielectric strength, coil to contact 2500v rms min. @ sea level initial contact to contact 1500v rms min. @ sea level initial shock resistance 100m/s 2 for 11 ms vibration resistance 1.27mm double amplitude 10~40hz terminal (copper alloy) strength 8n (quick connect), 4n (pcb pin s) operating temperature -40 o c to +85 o c storage temperature -40 o c to +155 o c solderability 260 o c for 5 s weight 18.5g features * values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. it is recommended to test actual load conditions for the application. it is the user?s responsibility to determine the performance suitability for their speci c application. the use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. t u r e s
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. a1 page 2 ordering information dimensions units = mm 23.45 [.92] 15.65 [.62] 25.80 [1.02] 3x 4.75 [.187] 0.80 typ [.032] 2x 6.35 [.250] 11.70 [.46] 23.45 [.92] 15.65 [.62] 25.80 [1.02] 7.00 [.28] 8.00 [.31] 4.50 [.18] 4.50 [.18] 2.45 typ [.10] 2.80 [.11] 3.20 [.13] 0.80 typ [.03] quick connect pc pin 1. series a1 1a s q 12vdc 1.2 a1 2. contact arrangement 1a = spst n.o. 1c = spdt 3. sealing option s = sealed 4. termination p = pcb pins q = quick connect 5. coil voltage 6vdc 12vdc 24vdc 48vdc 6. coil power 1.2 = 1.2w 1.5 = 1.5w 7. coil suppression blank = standard d = diode (1n4005) r = resistor (680 ohms) ** consult factory if other values are needed
www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 speci? cations and availability subject to change without notic e. dimensions shown in mm. dimensions are shown for reference purp oses only. page 3 a1 bottom views schematics & pc layout 86 85 87 30 30 87 86 87a 85 1a 1c 87 86 30 85 87a 87 87a 86 30 85 1c with resistor 1c with diode 4.50 [.18] 4.50 [.18] 7.00 [.28] 8.00 [.31] ?2.75 [.11]


▲Up To Search▲   

 
Price & Availability of A11CSQ24VDC15R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X