Part Number Hot Search : 
HDBL152G GAL20V8 NJU8761 2SK21 30P1600 3018A A8021178 16200
Product Description
Full Text Search
 

To Download 74AVC4T774GU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74avc4t774 4-bit dual supply translating transceiver; 3-state rev. 1 25 september 2017 product data sheet 1 general description the 74avc4t774 is a 4-bit, dual supply transceiver that enables bidirectional level translation. it features eight 1-bit input-output ports (an and bn), four direction control inputs (dir1, dir2, dir3 and dir4), an output enable input (oe ) and dual supply pins (v cc(a) and v cc(b) ). both v cc(a) and v cc(b) can be supplied at any voltage between 0.8 v and 3.6 v making the device suitable for translating between any of the low voltage nodes (0.8 v, 1.2 v, 1.5 v, 1.8 v, 2.5 v and 3.3 v). pins an, oe and dirn are referenced to v cc(a) and pins bn are referenced to v cc(b) . a high on dirn allows transmission from an to bn and a low on dirn allows transmission from bn to an. the output enable input (oe ) can be used to disable the outputs so the buses are effectively isolated. the device is fully specified for partial power-down applications using i off . the i off circuitry disables the output, preventing any damaging backflow current through the device when it is powered down. in suspend mode when either v cc(a) or v cc(b) are at gnd level, both an and bn are in the high-impedance off-state. 2 features and benefits ? wide supply voltage range: C v cc(a) : 0.8 v to 3.6 v C v cc(b) : 0.8 v to 3.6 v ? complies with jedec standards: C jesd8-12 (0.8 v to 1.3 v) C jesd8-11 (0.9 v to 1.65 v) C jesd8-7 (1.2 v to 1.95 v) C jesd8-5 (1.8 v to 2.7 v) C jesd8-b (2.7 v to 3.6 v) ? esd protection: C hbm jesd22-a114e class 3b exceeds 8000 v C cdm jesd22-c101c exceeds 1500 v ? maximum data rates: C 380 mbit/s ( 1.8 v to 3.3 v translation) C 200 mbit/s ( 1.1 v to 3.3 v translation) C 200 mbit/s ( 1.1 v to 2.5 v translation) C 200 mbit/s ( 1.1 v to 1.8 v translation) C 150 mbit/s ( 1.1 v to 1.5 v translation) C 100 mbit/s ( 1.1 v to 1.2 v translation) ? suspend mode ? latch-up performance exceeds 100 ma per jesd 78 class ii ? inputs accept voltages up to 3.6 v ? i off circuitry provides partial power-down mode operation downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 2 / 26 ? specified from -40 c to +85 c and -40 c to +125 c 3 ordering information table 1.?ordering information package type number temperature range name description version 74avc4t774bq -40 c to +125 c dhvqfn16 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 x 3.5 x 0.85 mm sot763-1 74AVC4T774GU -40 c to +125 c xqfn16 plastic, extremely thin quad flat package; no leads; 16 terminals; body 1.80 x 2.60 x 0.50 mm sot1161-1 4 marking table 2.?marking codes type number marking code 74avc4t774bq c4t774 74AVC4T774GU b77 5 functional diagram 001aao069 b1 a1 oe dir1 b2 b3 b4 v cc(b) a2 dir2 a3 dir3 a4 dir4 v cc(a) figure 1.? logic symbol downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 3 / 26 001aao070 v cc(a) v cc(b) bn to next transceiver oe an dirn figure 2.? logic diagram (one 1-bit transceiver) 6 pinning information 6.1 pinning aaa-027526 74avc4t774 dir3 gnd a4 b4 gnd (1) a3 b3 a2 b2 a1 b1 dir2 v cc(b) di r4 oe d ir1 v c c(a ) transparent top view 7 10 6 11 5 12 4 13 3 14 2 15 8 9 1 16 terminal 1 index area (1) this is not a supply pin, the substrate is attached to this pad using conductive die attach material. there is no electrical or mechanical requirement to solder this pad. however if it is soldered the solder land should remain floating or be connected to gnd. figure 3.? pin configuration sot763-1 (dhvqfn16) 74avc4t774 terminal 1 index area aaa-027527 transparent top view 8 gnd 7 oe 6 dir4 5 dir3 v c c (b) 13 v c c (a) 14 d i r 1 1 5 d i r 2 1 6 b1 12 b2 11 b3 10 b4 9 1 a1 2 a2 3 a3 4 a4 figure 4.? pin configuration sot1161-1 (xqfn16) downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 4 / 26 6.2 pin description table 3.?pin description pin description symbol sot763-1 sot1161-1 v cc(a) 16 14 supply voltage a (an, oe and dirn inputs are referenced to v cc(a) ) dir1, dir2, dir3, dir4 1, 2, 7, 8 15, 16, 5, 6 direction control input a1, a2, a3, a4 3, 4, 5, 6 1, 2, 3, 4 data input or output gnd 10 8 ground (0 v) b1, b2, b3, b4 14, 13, 12, 11 12, 11, 10, 9 data input or output oe 9 7 output enable input (active low) v cc(b) 15 13 supply voltage b (bn pins are referenced to v cc(b) ) 7 functional description table 4.?function table [1] [2] supply voltage input input/output v cc(a) , v cc(b) oe dir1 dir2 dir3 dir4 an bn 0.8 v to 3.6 v l l x x x a1 = b1 input b1 0.8 v to 3.6 v l h x x x input a1 b1 = a1 0.8 v to 3.6 v l x l x x a2 = b2 input b2 0.8 v to 3.6 v l x h x x input a2 b2 = a2 0.8 v to 3.6 v l x x l x a3 = b3 input b3 0.8 v to 3.6 v l x x h x input a3 b3 = a3 0.8 v to 3.6 v l x x x l a4 = b4 input b4 0.8 v to 3.6 v l x x x h input a4 b4 = a4 0.8 v to 3.6 v h x x x x z z gnd [3] x x x x x z z [1] h = high voltage level; l = low voltage level; x = dont care; z = high-impedance off-state. [2] the an, dirn and oe input circuit is referenced to v cc(a) ; the bn input circuit is referenced to v cc(b) . [3] if at least one of v cc(a) or v cc(b) is at gnd level, the device goes into suspend mode. downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 5 / 26 8 limiting values table 5.?limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (g round = 0 v). symbol parameter conditions min max unit v cc(a) supply voltage a -0.5 +4.6 v v cc(b) supply voltage b -0.5 +4.6 v i ik input clamping current v i < 0 v -50 - ma v i input voltage [1] -0.5 +4.6 v i ok output clamping current v o < 0 v -50 - ma active mode [1] [2] [3] -0.5 v cco + 0.5 v v o output voltage suspend or 3-state mode [1] -0.5 +4.6 v i o output current v o = 0 v to v cco [2] - 50 ma i cc supply current i cc(a) or i cc(b) - 100 ma i gnd ground current -100 - ma t stg storage temperature -65 +150 c t amb = -40 c to +125 c dhvqfn16 [4] - 500 mw p tot total power dissipation xqfn16 - 250 mw [1] the minimum input voltage ratings and output voltage ratings may be exceeded if the input and out put current ratings are observed. [2] v cco is the supply voltage associated with the output port. [3] v cco + 0.5 v should not exceed 4.6 v. [4] for dhvqfn16 package: above 60 c the value of p tot derates linearly at 4.5 mw/k. 9 recommended operating conditions table 6.?recommended operating conditions symbol parameter conditions min max unit v cc(a) supply voltage a 0.8 3.6 v v cc(b) supply voltage b 0.8 3.6 v v i input voltage 0 3.6 v active mode [1] 0 v cco v v o output voltage suspend or 3-state mode 0 3.6 v t amb ambient temperature -40 +125 c t/v input transition rise and fall rate v cci =0.8 v to 3.6 v [2] - 10 ns/v [1] v cco is the supply voltage associated with the output port. [2] v cci is the supply voltage associated with the input port. downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 6 / 26 10 static characteristics table 7.?typical static characteristics at t amb = 25 c [1] [2] at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit v i = v ih or v il v oh high-level output voltage i o = -1.5 ma; v cc(a) = v cc(b) = 0.8 v - 0.69 - v v i = v ih or v il v ol low-level output voltage i o = 1.5 ma; v cc(a) = v cc(b) = 0.8 v - 0.07 - v i i input leakage current dirn, oe input; v i = 0 v or 3.6 v; v cc(a) = v cc(b) = 0.8 v to 3.6 v - 0.025 0.25 a a or b port; v o = 0 v or v cco ; v cc(a) = v cc(b) = 3.6 v [3] - 0.5 2.5 a suspend mode a port; v o = 0 v or v cco ; v cc(a) = 3.6 v; v cc(b) = 0 v [3] - 0.5 2.5 a i oz off-state output current suspend mode b port; v o = 0 v or v cco ; v cc(a) = 0 v; v cc(b) = 3.6 v [3] - 0.5 2.5 a a port; v i or v o = 0 v to 3.6 v; v cc(a) = 0 v; v cc(b) = 0.8 v to 3.6 v - 0.1 1 a i off power-off leakage current b port; v i or v o = 0 v to 3.6 v; v cc(b) = 0 v; v cc(a) = 0.8 v to 3.6 v - 0.1 1 a c i input capacitance dirn, oe input; v i = 0 v or 3.3 v; v cc(a) = v cc(b) = 3.3 v - 2.0 - pf c i/o input/output capacitance a and b port; v o = 3.3 v or 0 v; v cc(a) = v cc(b) = 3.3 v - 4.0 - pf [1] v cco is the supply voltage associated with the output port. [2] v cci is the supply voltage associated with the data input port. [3] for i/o ports, the parameter i oz includes the input leakage current. downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 7 / 26 table 8.?static characteristics [1] [2] at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). -40 c to +85 c -40 c to +125 c symbol parameter conditions min max min max unit data input v cci = 0.8 v 0.70v cci - 0.70v cci - v v cci = 1.1 v to 1.95 v 0.65v cci - 0.65v cci - v v cci = 2.3 v to 2.7 v 1.6 - 1.6 - v v cci = 3.0 v to 3.6 v 2 - 2 - v dirn, oe input v cc(a) = 0.8 v 0.70v cc(a) - 0.70v cc(a) - v v cc(a) = 1.1 v to 1.95 v 0.65v cc(a) - 0.65v cc(a) - v v cc(a) = 2.3 v to 2.7 v 1.6 - 1.6 - v v ih high-level input voltage v cc(a) = 3.0 v to 3.6 v 2 - 2 - v data input v cci = 0.8 v - 0.30v cci - 0.30v cci v v cci = 1.1 v to 1.95 v - 0.35v cci - 0.35v cci v v cci = 2.3 v to 2.7 v - 0.7 - 0.7 v v cci = 3.0 v to 3.6 v - 0.8 - 0.8 v dirn, oe input v cc(a) = 0.8 v - 0.30v cc(a) - 0.30v cc(a) v v cc(a) = 1.1 v to 1.95 v - 0.35v cc(a) - 0.35v cc(a) v v cc(a) = 2.3 v to 2.7 v - 0.7 - 0.7 v v il low-level input voltage v cc(a) = 3.0 v to 3.6 v - 0.8 - 0.8 v v i = v ih or v il i o = -100 a; v cc(a) = v cc(b) = 0.8 v to 3.6 v v cco - 0.1 - v cco - 0.1 - v i o = -3 ma; v cc(a) = v cc(b) = 1.1 v 0.85 - 0.85 - v i o = -6 ma; v cc(a) = v cc(b) = 1.4 v 1.05 - 1.05 - v i o = -8 ma; v cc(a) = v cc(b) = 1.65 v 1.2 - 1.2 - v i o = -9 ma; v cc(a) = v cc(b) = 2.3 v 1.75 - 1.75 - v v oh high-level output voltage i o = -12 ma; v cc(a) = v cc(b) = 3.0 v 2.3 - 2.3 - v downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 8 / 26 -40 c to +85 c -40 c to +125 c symbol parameter conditions min max min max unit v i = v ih or v il i o = 100 a; v cc(a) = v cc(b) = 0.8 v to 3.6 v - 0.1 - 0.1 v i o = 3 ma; v cc(a) = v cc(b) = 1.1 v - 0.25 - 0.25 v i o = 6 ma; v cc(a) = v cc(b) = 1.4 v - 0.35 - 0.35 v i o = 8 ma; v cc(a) = v cc(b) = 1.65 v - 0.45 - 0.45 v i o = 9 ma; v cc(a) = v cc(b) = 2.3 v - 0.55 - 0.55 v v ol low-level output voltage i o = 12 ma; v cc(a) = v cc(b) = 3.0 v - 0.7 - 0.7 v i i input leakage current dirn, oe input; v i = 0 v or 3.6 v; v cc(a) = v cc(b) = 0.8 v to 3.6 v - 1 - 5 a a or b port; v o = 0 v or v cco ; v cc(a) = v cc(b) = 3.6 v [3] - 5 - 30 a suspend mode a port; v o = 0 v or v cco ; v cc(a) = 3.6 v; v cc(b) = 0 v [3] - 5 - 30 a i oz off-state output current suspend mode b port; v o = 0 v or v cco ; v cc(a) = 0 v; v cc(b) = 3.6 v [3] - 5 - 30 a a port; v i or v o = 0 v to 3.6 v; v cc(a) = 0 v; v cc(b) = 0.8 v to 3.6 v - 5 - 30 a i off power-off leakage current b port; v i or v o = 0 v to 3.6 v; v cc(b) = 0 v; v cc(a) = 0.8 v to 3.6 v - 5 - 30 a downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 9 / 26 -40 c to +85 c -40 c to +125 c symbol parameter conditions min max min max unit a port; v i = 0 v or v cci ; i o = 0 a v cc(a) = 0.8 v to 3.6 v; v cc(b) = 0.8 v to 3.6 v - 10 - 55 a v cc(a) = 1.1 v to 3.6 v; v cc(b) = 1.1 v to 3.6 v - 8 - 50 a v cc(a) = 3.6 v; v cc(b) = 0 v - 8 - 50 a v cc(a) = 0 v; v cc(b) = 3.6 v -2 - -12 - a b port; v i = 0 v or v cci ; i o = 0 a v cc(a) = 0.8 v to 3.6 v; v cc(b) = 0.8 v to 3.6 v - 10 - 55 a v cc(a) = 1.1 v to 3.6 v; v cc(b) = 1.1 v to 3.6 v - 8 - 50 a v cc(a) = 3.6 v; v cc(b) = 0 v -2 - -12 - a v cc(a) = 0 v; v cc(b) = 3.6 v - 8 - 50 a a plus b port (i cc(a) + i cc(b) ); i o = 0 a; v i = 0 v or v cci ; v cc(a) = 0.8 v to 3.6 v; v cc(b) = 0.8 v to 3.6 v - 20 - 70 a i cc supply current a plus b port (i cc(a) + i cc(b) ); i o = 0 a; v i = 0 v or v cci ; v cc(a) = 1.1 v to 3.6 v; v cc(b) = 1.1 v to 3.6 v - 16 - 65 a i cc additional supply current v i = 3.0 v; v cc(a) = v cc(b) = 3.6 v - 500 - 650 a [1] v cco is the supply voltage associated with the output port. [2] v cci is the supply voltage associated with the data input port. [3] for i/o ports, the parameter i oz includes the input leakage current. table 9.?typical total supply current (i cc(a) + i cc(b) ) v cc(b) v cc(a) 0 v 0.8 v 1.2 v 1.5 v 1.8 v 2.5 v 3.3 v unit 0 v 0 0.1 0.1 0.1 0.1 0.1 0.1 a 0.8 v 0.1 0.1 0.1 0.1 0.1 0.3 1.6 a 1.2 v 0.1 0.1 0.1 0.1 0.1 0.1 0.8 a 1.5 v 0.1 0.1 0.1 0.1 0.1 0.1 0.4 a 1.8 v 0.1 0.1 0.1 0.1 0.1 0.1 0.2 a 2.5 v 0.1 0.3 0.1 0.1 0.1 0.1 0.1 a 3.3 v 0.1 1.6 0.8 0.4 0.2 0.1 0.1 a downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 10 / 26 11 dynamic characteristics table 10.?typical power dissipation capacitance at v cc(a) = v cc(b) and t amb = 25 c [1] [2] voltages are referenced to gnd (ground = 0 v). v cc(a) = v cc(b) symbol parameter conditions 0.8 v 1.2 v 1.5 v 1.8 v 2.5 v 3.3 v unit a port: (direction an to bn); output enabled 0.2 0.2 0.2 0.2 0.3 0.4 pf a port: (direction an to bn); output disabled 0.2 0.2 0.2 0.2 0.3 0.4 pf a port: (direction bn to an); output enabled 9.5 9.7 9.8 9.9 10.7 11.9 pf a port: (direction bn to an); output disabled 0.6 0.6 0.6 0.6 0.7 0.7 pf b port: (direction an to bn); output enabled 9.5 9.7 9.8 9.9 10.7 11.9 pf b port: (direction an to bn); output disabled 0.6 0.6 0.6 0.6 0.7 0.7 pf b port: (direction bn to an); output enabled 0.2 0.2 0.2 0.2 0.3 0.4 pf c pd power dissipation capacitance b port: (direction bn to an); output disabled 0.2 0.2 0.2 0.2 0.3 0.4 pf [1] c pd is used to determine the dynamic power dissipation (p d in w). p d = c pd x v cc 2 f i x n + (c l x v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; (c l x v cc 2 x f o ) = sum of the outputs. [2] f i = 10 mhz; v i = gnd to v cc ; t r = t f = 1 ns; c l = 0 pf; r l = . downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 11 / 26 table 11.?typical dynamic characteristics at v cc(a) = 0.8 v and t amb = 25 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 7 ; for waveforms see figure 5 and figure 6 v cc(b) symbol parameter conditions 0.8 v 1.2 v 1.5 v 1.8 v 2.5 v 3.3 v unit an to bn 14.5 7.3 6.5 6.2 5.9 6.0 ns t pd propagation delay bn to an 14.5 12.7 12.4 12.3 12.1 12.0 ns oe to an 14.3 14.3 14.3 14.3 14.3 14.3 ns t dis disable time oe to bn 17.0 9.9 9.0 9.4 9.0 9.7 ns oe to an 18.2 18.2 18.2 18.2 18.2 18.2 ns t en enable time oe to bn 19.2 10.7 9.8 9.6 9.7 10.2 ns [1] t pd is the same as t plh and t phl ; t dis is the same as t plz and t phz ; t en is the same as t pzl and t pzh . table 12.?typical dynamic characteristics at v cc(b) = 0.8 v and t amb = 25 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 7 ; for waveforms see figure 5 and figure 6 v cc(a) symbol parameter conditions 0.8 v 1.2 v 1.5 v 1.8 v 2.5 v 3.3 v unit an to bn 14.5 12.7 12.4 12.3 12.1 12.0 ns t pd propagation delay bn to an 14.5 7.3 6.5 6.2 5.9 6.0 ns oe to an 14.3 5.5 4.1 4.0 3.0 3.5 ns t dis disable time oe to bn 17.0 13.8 13.4 13.1 12.9 12.7 ns oe to an 18.2 5.6 4.0 3.2 2.4 2.2 ns t en enable time oe to bn 19.2 14.6 14.1 13.9 13.7 13.6 ns [1] t pd is the same as t plh and t phl ; t dis is the same as t plz and t phz ; t en is the same as t pzl and t pzh . downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 12 / 26 table 13.?dynamic characteristics for temperature range -40 c to +85 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 7 ; for waveforms see figure 5 and figure 6 v cc(b) 1.2 v 0.1 v 1.5 v 0.1 v 1.8 v 0.15 v 2.5 v 0.2 v 3.3 v 0.3 v symbol parameter conditions min max min max min max min max min max unit v cc(a) = 1.1 v to 1.3 v an to bn 2.0 10.5 1.3 7.8 1.2 6.9 1.0 5.9 0.8 5.7 ns t pd propagation delay bn to an 2.0 10.5 1.5 9.9 1.5 9.7 1.4 9.4 1.4 9.3 ns oe to an 2.0 10.0 2.0 10.0 2.0 10.0 2.0 10.0 2.0 10.0 ns t dis disable time oe to bn 2.0 11.1 2.0 8.6 1.0 8.0 0.7 7.0 1.0 8.0 ns oe to an 2.0 13.5 2.0 13.5 2.0 13.5 2.0 13.5 2.0 13.5 ns t en enable time oe to bn 2.0 15.0 2.0 11.0 2.0 9.4 1.0 7.8 1.0 7.4 ns v cc(a) = 1.4 v to 1.6 v an to bn 1.5 9.9 1.0 7.1 1.0 6.0 0.5 4.8 0.5 4.3 ns t pd propagation delay bn to an 1.3 7.8 1.0 7.1 0.9 6.9 0.8 6.6 0.6 6.5 ns oe to an 1.0 6.0 1.0 6.0 1.0 6.0 1.0 6.0 1.0 6.0 ns t dis disable time oe to bn 2.0 10.2 1.5 7.5 0.9 7.2 0.4 6.2 0.4 6.1 ns oe to an 1.0 7.5 1.0 7.5 1.0 7.5 1.0 7.5 1.0 7.5 ns t en enable time oe to bn 2.0 14.4 1.4 7.9 1.3 7.7 1.1 6.4 1.1 5.6 ns v cc(a) = 1.65 v to 1.95 v an to bn 1.5 9.7 0.9 6.9 0.8 5.7 0.5 4.5 0.3 4.0 ns t pd propagation delay bn to an 1.2 6.9 1.0 6.0 0.8 5.7 0.5 5.5 0.5 5.3 ns oe to an 0.5 5.7 0.5 5.7 0.5 5.7 0.5 5.7 0.5 5.7 ns t dis disable time oe to bn 2.0 9.9 1.5 7.0 0.8 6.9 0.2 5.8 0.2 5.9 ns oe to an 1.0 6.7 1.0 6.7 1.0 6.7 1.0 6.7 1.0 6.7 ns t en enable time oe to bn 1.5 13.9 1.2 7.2 1.2 6.9 0.8 5.4 0.6 5.0 ns v cc(a) = 2.3 v to 2.7 v an to bn 1.4 9.4 0.8 6.6 0.5 5.5 0.4 4.2 0.2 3.7 ns t pd propagation delay bn to an 1.0 5.9 0.5 4.8 0.5 4.5 0.4 4.2 0.3 3.9 ns oe to an 0.2 4.0 0.2 4.0 0.2 4.0 0.2 4.0 0.2 4.0 ns t dis disable time oe to bn 2.0 9.3 1.5 6.7 0.7 6.3 0.2 5.0 0.2 5.7 ns oe to an 0.6 4.5 0.6 4.5 0.6 4.5 0.6 4.5 0.6 4.5 ns t en enable time oe to bn 1.5 13.6 1.0 6.8 1.0 6.0 0.8 4.6 0.6 4.2 ns downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 13 / 26 v cc(b) 1.2 v 0.1 v 1.5 v 0.1 v 1.8 v 0.15 v 2.5 v 0.2 v 3.3 v 0.3 v symbol parameter conditions min max min max min max min max min max unit v cc(a) = 3.0 v to 3.6 v an to bn 1.4 9.3 0.6 6.5 0.5 5.3 0.3 3.9 0.2 3.5 ns t pd propagation delay bn to an 0.8 5.7 0.5 4.3 0.3 4.0 0.2 3.7 0.2 3.5 ns oe to an 0.2 4.5 0.2 4.5 0.2 4.5 0.2 4.5 0.2 4.5 ns t dis disable time oe to bn 2.0 9.0 1.5 6.4 0.7 6.1 0.2 4.8 0.2 5.6 ns oe to an 0.5 4.0 0.5 4.0 0.5 4.0 0.5 4.0 0.5 4.0 ns t en enable time oe to bn 1.5 13.4 1.0 6.7 1.0 5.9 0.7 4.4 0.5 4.0 ns [1] t pd is the same as t plh and t phl ; t dis is the same as t plz and t phz ; t en is the same as t pzl and t pzh . table 14.?dynamic characteristics for temperature range -40 c to +125 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 7 ; for waveforms see figure 5 and figure 6 v cc(b) 1.2 v 0.1 v 1.5 v 0.1 v 1.8 v 0.15 v 2.5 v 0.2 v 3.3 v 0.3 v symbol parameter conditions min max min max min max min max min max unit v cc(a) = 1.1 v to 1.3 v an to bn 2.0 12.1 1.3 9.0 1.2 8.0 1.0 6.8 0.8 6.6 ns t pd propagation delay bn to an 2.0 12.1 1.5 11.4 1.5 11.2 1.4 10.9 1.4 10.7 ns oe to an 2.0 11.5 2.0 11.5 2.0 11.5 2.0 11.5 2.0 11.5 ns t dis disable time oe to bn 2.0 12.8 2.0 9.9 1.0 9.2 0.7 8.1 1.0 9.2 ns oe to an 2.0 15.6 2.0 15.6 2.0 15.6 2.0 15.6 2.0 15.6 ns t en enable time oe to bn 2.0 17.3 2.0 12.7 2.0 10.9 1.0 9.0 1.0 8.6 ns v cc(a) = 1.4 v to 1.6 v an to bn 1.5 11.4 1.0 8.2 1.0 6.9 0.5 5.6 0.5 5.0 ns t pd propagation delay bn to an 1.3 9.0 1.0 8.2 0.9 8.0 0.8 7.6 0.6 7.5 ns oe to an 1.0 6.9 1.0 6.9 1.0 6.9 1.0 6.9 1.0 6.9 ns t dis disable time oe to bn 2.0 11.8 1.5 8.7 0.9 8.3 0.4 7.2 0.4 7.1 ns oe to an 1.0 8.7 1.0 8.7 1.0 8.7 1.0 8.7 1.0 8.7 ns t en enable time oe to bn 2.0 16.6 1.4 9.1 1.3 8.9 1.1 7.4 1.1 6.5 ns downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 14 / 26 v cc(b) 1.2 v 0.1 v 1.5 v 0.1 v 1.8 v 0.15 v 2.5 v 0.2 v 3.3 v 0.3 v symbol parameter conditions min max min max min max min max min max unit v cc(a) = 1.65 v to 1.95 v an to bn 1.5 11.2 0.9 8.0 0.8 6.6 0.5 5.2 0.3 4.6 ns t pd propagation delay bn to an 1.2 8.0 1.0 6.9 0.8 6.6 0.5 6.4 0.5 6.1 ns oe to an 0.5 6.6 0.5 6.6 0.5 6.6 0.5 6.6 0.5 6.6 ns t dis disable time oe to bn 2.0 11.4 1.5 8.1 0.8 8.0 0.2 6.7 0.2 6.8 ns oe to an 1.0 7.8 1.0 7.8 1.0 7.8 1.0 7.8 1.0 7.8 ns t en enable time oe to bn 1.5 16.0 1.2 8.3 1.2 8.0 0.8 6.3 0.6 5.8 ns v cc(a) = 2.3 v to 2.7 v an to bn 1.4 10.9 0.8 7.6 0.5 6.4 0.4 4.9 0.2 4.3 ns t pd propagation delay bn to an 1.0 6.8 0.5 5.6 0.5 5.2 0.4 4.9 0.3 4.5 ns oe to an 0.2 4.6 0.2 4.6 0.2 4.6 0.2 4.6 0.2 4.6 ns t dis disable time oe to bn 2.0 10.7 1.5 7.8 0.7 7.3 0.2 5.8 0.2 6.6 ns oe to an 0.6 5.2 0.6 5.2 0.6 5.2 0.6 5.2 0.6 5.2 ns t en enable time oe to bn 1.5 15.7 1.0 7.9 1.0 6.9 0.8 5.3 0.6 4.9 ns v cc(a) = 3.0 v to 3.6 v an to bn 1.4 10.7 0.6 7.5 0.5 6.1 0.3 4.5 0.2 4.1 ns t pd propagation delay bn to an 0.8 6.6 0.5 5.0 0.3 4.6 0.2 4.3 0.2 4.1 ns oe to an 0.2 5.2 0.2 5.2 0.2 5.2 0.2 5.2 0.2 5.2 ns t dis disable time oe to bn 2.0 10.4 1.5 7.4 0.7 7.1 0.2 5.6 0.2 6.5 ns oe to an 0.5 4.6 0.5 4.6 0.5 4.6 0.5 4.6 0.5 4.6 ns t en enable time oe to bn 1.5 15.5 1.0 7.8 1.0 6.8 0.7 5.1 0.5 4.6 ns [1] t pd is the same as t plh and t phl ; t dis is the same as t plz and t phz ; t en is the same as t pzl and t pzh . 11.1 waveforms and test circuit 001aao074 v i gnd v oh an, bn input bn, an output v ol v m v m t phl t plh measurement points are given in table 15 . v ol and v oh are typical output voltage levels that occur with the output load. figure 5.? the data input (an, bn) to output (bn, an) propagation delay times downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 15 / 26 001aao075 outputs disabled outputs enabled outputs enabled v y v m v m v m v x v i gnd v cco v ol v oh oe input output low-to-off off-to-low output high-to-off off-to-high gnd t pzl t plz t phz t pzh measurement points are given in table 15 . v ol and v oh are typical output voltage levels that occur with the output load. figure 6.? enable and disable times table 15.?measurement points supply voltage input [1] output [2] v cc(a) , v cc(b) v m v m v x v y 0.8 v to 1.6 v 0.5v cci 0.5v cco v ol + 0.1 v v oh - 0.1 v 1.65 v to 2.7 v 0.5v cci 0.5v cco v ol + 0.15 v v oh - 0.15 v 3.0 v to 3.6 v 0.5v cci 0.5v cco v ol + 0.3 v v oh - 0.3 v [1] v cci is the supply voltage associated with the data input port. [2] v cco is the supply voltage associated with the output port. downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 16 / 26 v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aae331 v ext v cc v i v o dut c l r t r l r l g test data is given in table 16 . r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. figure 7.? test circuit for measuring switching times table 16.?test data supply voltage input load v ext v cc(a) , v cc(b) v i [1] t/v [2] c l r l t plh , t phl t pzh , t phz t pzl , t plz [3] 0.8 v to 1.6 v v cci 1.0 ns/v 15 pf 2 k open gnd 2v cco 1.65 v to 2.7 v v cci 1.0 ns/v 15 pf 2 k open gnd 2v cco 3.0 v to 3.6 v v cci 1.0 ns/v 15 pf 2 k open gnd 2v cco [1] v cci is the supply voltage associated with the data input port. [2] dv/dt 1.0 v/ns [3] v cco is the supply voltage associated with the output port. downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 17 / 26 11.2 typical propagation delay characteristics 001aai476 c l (pf) 0 60 40 20 12 16 8 20 24 t pd (ns) 4 (1) (2) (3) (4) (5) (6) c l (pf) 0 60 40 20 001aai477 13 17 21 t pd (ns) 9 (1) (2) (3) (4) (5) (6) a. propagation delay (a to b); v cc(a) = 0.8 v b. propagation delay (a to b); v cc(b) = 0.8 v (1) v cc(b) = 0.8 v (2) v cc(b) = 1.2 v (3) v cc(b) = 1.5 v (4) v cc(b) = 1.8 v (5) v cc(b) = 2.5 v (6) v cc(b) = 3.3 v (1) v cc(a) = 0.8 v (2) v cc(a) = 1.2 v (3) v cc(a) = 1.5 v (4) v cc(a) = 1.8 v (5) v cc(a) = 2.5 v (6) v cc(a) = 3.3 v figure 8.? typical propagation delay versus load capacitance; t amb = 25 c downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 18 / 26 c l (pf) 0 60 40 20 001aai478 3 5 7 t plh (ns) 1 (1) (2) (3) (4) (5) c l (pf) 0 60 40 20 001aai491 3 5 7 t phl (ns) 1 (4) (5) (1) (2) (3) a. low to high propagation delay (a to b); v cc(a) = 1.2 v b. high to low propagation delay (a to b); v cc(a) = 1.2 v c l (pf) 0 60 40 20 001aai479 3 5 7 t plh (ns) 1 (1) (2) (3) (4) (5) c l (pf) 0 60 40 20 001aai480 3 5 7 t phl (ns) 1 (1) (2) (3) (5) (4) c. low to high propagation delay (a to b); v cc(a) = 1.5 v d. high to low propagation delay (a to b); v cc(a) = 1.5 v (1) v cc(b) = 1.2 v (2) v cc(b) = 1.5 v (3) v cc(b) = 1.8 v (4) v cc(b) = 2.5 v (5) v cc(b) = 3.3 v figure 9.? typical propagation delay versus load capacitance; t amb = 25 c downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 19 / 26 c l (pf) 0 60 40 20 001aai481 3 5 7 t plh (ns) 1 (1) (2) (3) (5) (4) c l (pf) 0 60 40 20 001aai482 3 5 7 t phl (ns) 1 (1) (2) (3) (5) (4) a. low to high propagation delay (a to b); v cc(a) = 1.8 v b. high to low propagation delay (a to b); v cc(a) = 1.8 v c l (pf) 0 60 40 20 001aai483 3 5 7 t plh (ns) 1 (1) (2) (3) (5) (4) c l (pf) 0 60 40 20 001aai486 3 5 7 t phl (ns) 1 (1) (2) (3) (5) (4) c. low to high propagation delay (a to b); v cc(a) = 2.5 v d. high to low propagation delay (a to b); v cc(a) = 2.5 v (1) v cc(b) = 1.2 v (2) v cc(b) = 1.5 v (3) v cc(b) = 1.8 v (4) v cc(b) = 2.5 v (5) v cc(b) = 3.3 v figure 10.? typical propagation delay versus load capacitance; t amb = 25 c downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 20 / 26 c l (pf) 0 60 40 20 001aai485 3 5 7 t plh (ns) 1 (1) (2) (3) (5) (4) c l (pf) 0 60 40 20 001aai484 3 5 7 t phl (ns) 1 (1) (2) (3) (5) (4) a. low to high propagation delay (a to b); v cc(a) = 3.3 v b. high to low propagation delay (a to b); v cc(a) = 3.3 v (1) v cc(b) = 1.2 v (2) v cc(b) = 1.5 v (3) v cc(b) = 1.8 v (4) v cc(b) = 2.5 v (5) v cc(b) = 3.3 v figure 11.? typical propagation delay versus load capacitance; t amb = 25 c downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 21 / 26 12 package outline terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.6 3.4 d h 2.15 1.85 y 1 2.6 2.4 1.15 0.85 e 1 2.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot763-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot763-1 dhvqfn16: plastic dual in-line compatible thermal enhance d very thin quad flat package; no leads; 16 terminals; body 2.5 x 3.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 2 7 15 10 9 8 1 16 x d e c b a terminal 1 index area ac c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are no t included. d (1) 02-10-17 03-01-27 figure 12.? package outline sot763-1 (dhvqfn16) downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 22 / 26 references outline version european projection issue date iec jedec jeita sot1161-1 - - - - - - - - - sot1161-1_po 09-12-28 09-12-29 unit (1) mm max nom min 0.5 0.05 0.00 0.25 0.20 0.15 1.9 1.8 1.7 2.7 2.6 2.5 0.4 1.2 0.45 0.40 0.35 0.1 a dimensions note 1. plastic or metal protrusions of 0.075 mm maximum per side a re not included. xqfn16: plastic, extremely thin quad flat package; no leads ; 16 terminals; body 1.80 x 2.60 x 0.50 mm sot1161-1 a 1 a 3 0.127 b d e e e 1 1.2 e 2 l l 1 0.55 0.50 0.45 v w 0.05 y 0.05 y 1 0.05 0 1 2 mm scale b a terminal 1 index area d e x c y c y 1 detail x a a 1 a 3 terminal 1 index area b e 2 e 1 ac b v c w l l 1 5 8 16 13 9 12 41 e e figure 13.? package outline sot1161-1 (xqfn16) downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 23 / 26 13 abbreviations table 17.?abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model 14 revision history table 18.?revision history document id release date data sheet status change notice supersedes 74avc4t774 v.1 20170925 product data sheet - - downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 24 / 26 15 legal information 15.1 data sheet status document status [1][2] product status [3] definition objective [short] data sheet development this document contains data from the objective specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document w as published and may differ in case of multiple devices. the latest product status information is available on the internet at url http://www.nexper ia.com . 15.2 definitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nexperia does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nexperia sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification the information and data provided in a product data sheet shall define the specification of the product as agreed between nexperia and its customer, unless nexperia and customer have explicitly agreed otherwise in writing. in no event however, shall an agreement be valid in which the nexperia product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability information in this document is believed to be accurate and reliable. however, nexperia does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. nexperia takes no responsibility for the content in this document if provided by an information source outside of nexperia. in no event shall nexperia be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nexperia's aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nexperia. right to make changes nexperia reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nexperia products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nexperia product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nexperia and its suppliers accept no liability for inclusion and/or use of nexperia products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nexperia makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nexperia products, and nexperia accepts no liability for any assistance with applications or customer product design. it is customers sole responsibility to determine whether the nexperia product is suitable and fit for the customers applications and products planned, as well as for the planned application and use of customers third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nexperia does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customers applications or products, or the application or use by customers third party customer(s). customer is responsible for doing all necessary testing for the customers applications and products using nexperia products in order to avoid a default of the applications and the products or of the application or use by customers third party customer(s). nexperia does not accept any liability in this respect. limiting values stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale nexperia products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nexperia.com/profile/terms, unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nexperia hereby expressly objects to applying the customers general terms and conditions with regard to the purchase of nexperia products by customer. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state 74avc4t774 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2017. all rights reserved. product data sheet rev. 1 25 september 2017 25 / 26 non-automotive qualified products unless this data sheet expressly states that this specific nexperia product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nexperia accepts no liability for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nexperia's warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nexperia's specifications such use shall be solely at customers own risk, and (c) customer fully indemnifies nexperia for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond nexperia's standard warranty and nexperia's product specifications. translations a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 15.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. downloaded from: http:///
nexperia 74avc4t774 4-bit dual supply translating transceiver; 3-state please be aware that important notices concerning this document and the product(s) described herein, have been included in section 'legal information'. ? nexperia b.v. 2017. all rights reserved. for more information, please visit: http://www.nexperia.com for sales office addresses, please send an email to: salesaddresses@nexperia.com date of release: 25 september 2017 document identifier: 74avc4t774 contents 1 general description ....................................... ..... 1 2 features and benefits ........................................ .1 3 ordering information ..................................... ..... 2 4 marking .............................................. ...................2 5 functional diagram ...................................... ....... 2 6 pinning information ................................... ......... 3 6.1 pinning ............................................... ................ 3 6.2 pin description ............................................. ...... 4 7 functional description ................................... .....4 8 limiting values ........................................ ............ 5 9 recommended operating conditions ................ 5 10 static characteristics .......................................... 6 11 dynamic characteristics ...................................10 11.1 waveforms and test circuit .............................. 14 11.2 typical propagation delay characteristics ........ 17 12 package outline ......................................... ........21 13 abbreviations ........................................... ......... 23 14 revision history ......................................... ....... 23 15 legal information ....................................... ....... 24 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 74AVC4T774GU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X