![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74aup1g132 low-power 2-input nand schmitt trigger rev. 6 1 may 2019 product data sheet 1. general description the 74aup1g132 provides the single 2-input nand schmitt trigger function which accept standard input signals. they are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. this device ensures a very low static and dynamic power consumption across the entire v cc range from 0.8 v to 3.6 v. this device is fully specified for partial power-down applications using i off . the i off circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. the inputs switch at different points for positive and negative-going signals. the difference betwee n the positive voltage v t+ and the negative voltage v t- is defined as the input hysteresis voltage v h . 2. features and benefits ? wide supply voltage range from 0.8 v to 3.6 v ? high noise immunity ? esd protection: ? hbm jesd22-a114f class 3a exceeds 5000 v ? mm jesd22-a115-a exceeds 200 v ? cdm jesd22-c101e exceeds 1000 v ? low static power consumption; i cc = 0.9 a (maximum) ? latch-up performance exceeds 100 ma per jesd 78 class ii ? inputs accept voltages up to 3.6 v ? low noise overshoot and undershoot < 10 % of v cc ? i off circuitry provides partial power-down mode operation ? multiple package options ? specified from -40 c to +85 c and -40 c to +125 c 3. applications ? wave and pulse shaper ? astable multivibrator ? monostable multivibrator. downloaded from: http:///
nexperia 74aup1g132 low-power 2-input nand schmitt trigger 4. ordering information table 1. ordering information package type number temperature range name description version 74AUP1G132GW -40 c to +125 c tssop5 plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 74aup1g132gm -40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 74aup1g132gf -40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1 0.5 mm sot891 74aup1g132gn -40 c to +125 c xson6 extremely thin small outline package; no leads; 6 terminals; body 0.9 1.0 0.35 mm sot1115 74aup1g132gs -40 c to +125 c xson6 extremely thin small outline package; no leads; 6 terminals; body 1.0 1.0 0.35 mm sot1202 74aup1g132gx -40 c to +125 c x2son5 plastic thermal enhanced extremely thin small outline package; no leads; 5 terminals; body 0.8 0.8 0.35 mm sot1226 5. marking table 2. marking type number marking code [1] 74AUP1G132GW ae 74aup1g132gm ae 74aup1g132gf ae 74aup1g132gn ae 74aup1g132gs ae 74aup1g132gx ae [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 6. functional diagram mna097 b a y 2 1 4 fig. 1. logic symbol mna098 2 4 & 1 fig. 2. iec logic symbol 001aac532 y b a fig. 3. logic diagram 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 2 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 7. pinning information 7.1. pinning 74aup1g132 b v cc a gnd y 001aac531 1 2 3 5 4 fig. 4. pin configuration sot353-1 (tssop5) 74aup1g132 a 001aac530 b gnd n.c. v cc y transparent top view 23 1 54 6 fig. 5. pin configuration sot886 (xson6) 74aup1g132 a 001aaf508 b gnd n.c. v cc y transparent top view 23 1 54 6 fig. 6. pin configuration sot891, sot1115 and sot1202 (xson6) b v cc gnd 3 2 54 a y aaa-003012 transparent top view 74aup1g132 1 fig. 7. pin configuration sot1226 (x2son5) 7.2. pin description table 3. pin description pin symbol tssop5 and x2son5 xson6 description b 1 1 data input a 2 2 data input gnd 3 3 ground (0 v) y 4 4 data output n.c. - 5 not connected v cc 5 6 supply voltage 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 3 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 8. functional description table 4. function table h = high voltage level; l = low voltage level. input output a b y l l h l h h h l h h h l 9. limiting values table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (g round = 0 v). symbol parameter conditions min max unit v cc supply voltage -0.5 +4.6 v i ik input clamping current v i < 0 v -50 - ma v i input voltage [1] -0.5 +4.6 v i ok output clamping current v o < 0 v -50 - ma v o output voltage active mode and power-down mode [1] -0.5 +4.6 v i o output current v o = 0 v to v cc - 20 ma i cc supply current - 50 ma i gnd ground current -50 - ma t stg storage temperature -65 +150 c p tot total power dissipation t amb = -40 c to +125 c [2] - 250 mw [1] the minimum input and output voltage ratings may be exceeded if the input and output current rati ngs are observed. [2] for tssop5 packages: above 87.5 c the value of p tot derates linearly with 4.0 mw/k. for xson6 and x2son5 packages: above 118 c the value of p tot derates linearly with 7.8 mw/k. 10. recommended operating conditions table 6. recommended operating conditions symbol parameter conditions min max unit v cc supply voltage 0.8 3.6 v v i input voltage 0 3.6 v active mode 0 v cc v v o output voltage power-down mode; v cc = 0 v 0 3.6 v t amb ambient temperature -40 +125 c 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 4 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 11. static characteristics table 7. static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 c v i = v t+ or v t- i o = -20 a; v cc = 0.8 v to 3.6 v v cc - 0.1 - - v i o = -1.1 ma; v cc = 1.1 v 0.75v cc - - v i o = -1.7 ma; v cc = 1.4 v 1.11 - - v i o = -1.9 ma; v cc = 1.65 v 1.32 - - v i o = -2.3 ma; v cc = 2.3 v 2.05 - - v i o = -3.1 ma; v cc = 2.3 v 1.9 - - v i o = -2.7 ma; v cc = 3.0 v 2.72 - - v v oh high-level output voltage i o = -4.0 ma; v cc = 3.0 v 2.6 - - v v i = v t+ or v t- i o = 20 a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.31 v i o = 1.9 ma; v cc = 1.65 v - - 0.31 v i o = 2.3 ma; v cc = 2.3 v - - 0.31 v i o = 3.1 ma; v cc = 2.3 v - - 0.44 v i o = 2.7 ma; v cc = 3.0 v - - 0.31 v v ol low-level output voltage i o = 4.0 ma; v cc = 3.0 v - - 0.44 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.1 a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.2 a i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v - - 0.2 a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v - - 0.5 a i cc additional supply current v i = v cc - 0.6 v; i o = 0 a; v cc = 3.3 v [1] - - 40 a c i input capacitance v i = gnd or v cc ; v cc = 0 v to 3.6 v - 1.1 - pf c o output capacitance v o = gnd; v cc = 0 v - 1.7 - pf t amb = -40 c to +85 c v i = v t+ or v t- i o = -20 a; v cc = 0.8 v to 3.6 v v cc - 0.1 - - v i o = -1.1 ma; v cc = 1.1 v 0.7v cc - - v i o = -1.7 ma; v cc = 1.4 v 1.03 - - v i o = -1.9 ma; v cc = 1.65 v 1.30 - - v i o = -2.3 ma; v cc = 2.3 v 1.97 - - v i o = -3.1 ma; v cc = 2.3 v 1.85 - - v i o = -2.7 ma; v cc = 3.0 v 2.67 - - v v oh high-level output voltage i o = -4.0 ma; v cc = 3.0 v 2.55 - - v 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 5 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger symbol parameter conditions min typ max unit v i = v t+ or v t- i o = 20 a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.37 v i o = 1.9 ma; v cc = 1.65 v - - 0.35 v i o = 2.3 ma; v cc = 2.3 v - - 0.33 v i o = 3.1 ma; v cc = 2.3 v - - 0.45 v i o = 2.7 ma; v cc = 3.0 v - - 0.33 v v ol low-level output voltage i o = 4.0 ma; v cc = 3.0 v - - 0.45 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.5 a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.5 a i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v - - 0.6 a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v - - 0.9 a i cc additional supply current v i = v cc - 0.6 v; i o = 0 a; v cc = 3.3 v [1] - - 50 a t amb = -40 c to +125 c v i = v t+ or v t- i o = -20 a; v cc = 0.8 v to 3.6 v v cc - 0.11 - - v i o = -1.1 ma; v cc = 1.1 v 0.6v cc - - v i o = -1.7 ma; v cc = 1.4 v 0.93 - - v i o = -1.9 ma; v cc = 1.65 v 1.17 - - v i o = -2.3 ma; v cc = 2.3 v 1.77 - - v i o = -3.1 ma; v cc = 2.3 v 1.67 - - v i o = -2.7 ma; v cc = 3.0 v 2.40 - - v v oh high-level output voltage i o = -4.0 ma; v cc = 3.0 v 2.30 - - v v i = v t+ or v t- i o = 20 a; v cc = 0.8 v to 3.6 v - - 0.11 v i o = 1.1 ma; v cc = 1.1 v - - 0.33v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.41 v i o = 1.9 ma; v cc = 1.65 v - - 0.39 v i o = 2.3 ma; v cc = 2.3 v - - 0.36 v i o = 3.1 ma; v cc = 2.3 v - - 0.50 v i o = 2.7 ma; v cc = 3.0 v - - 0.36 v v ol low-level output voltage i o = 4.0 ma; v cc = 3.0 v - - 0.50 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.75 a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.75 a i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v - - 0.75 a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v - - 1.4 a i cc additional supply current v i = v cc - 0.6 v; i o = 0 a; v cc = 3.3 v [1] - - 75 a [1] one input at v cc - 0.6 v, other input at v cc or gnd. 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 6 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 11.1. transfer characteristics table 8. transfer characteristics voltages are referenced to gnd (ground = 0 v; for test circuit see fig. 13 . 25 c -40 c to +85 c -40 c to +125 c symbol parameter conditions min typ max min max min max unit see fig. 8 and fig. 9 v cc = 0.8 v 0.30 - 0.60 0.30 0.60 0.30 0.62 v v cc = 1.1 v 0.53 - 0.90 0.53 0.90 0.53 0.92 v v cc = 1.4 v 0.74 - 1.11 0.74 1.11 0.74 1.13 v v cc = 1.65 v 0.91 - 1.29 0.91 1.29 0.91 1.31 v v cc = 2.3 v 1.37 - 1.77 1.37 1.77 1.37 1.80 v v t+ positive-going threshold voltage v cc = 3.0 v 1.88 - 2.29 1.88 2.29 1.88 2.32 v see fig. 8 and fig. 9 v cc = 0.8 v 0.10 - 0.60 0.10 0.60 0.10 0.60 v v cc = 1.1 v 0.26 - 0.65 0.26 0.65 0.26 0.65 v v cc = 1.4 v 0.39 - 0.75 0.39 0.75 0.39 0.75 v v cc = 1.65 v 0.47 - 0.84 0.47 0.84 0.47 0.84 v v cc = 2.3 v 0.69 - 1.04 0.69 1.04 0.69 1.04 v v t- negative-going threshold voltage v cc = 3.0 v 0.88 - 1.24 0.88 1.24 0.88 1.24 v (v t+ - v t- ); see fig. 8 , fig. 9 , fig. 10 and fig. 11 v cc = 0.8 v 0.07 - 0.50 0.07 0.50 0.07 0.50 v v cc = 1.1 v 0.08 - 0.46 0.08 0.46 0.08 0.46 v v cc = 1.4 v 0.18 - 0.56 0.18 0.56 0.18 0.56 v v cc = 1.65 v 0.27 - 0.66 0.27 0.66 0.27 0.66 v v cc = 2.3 v 0.53 - 0.92 0.53 0.92 0.53 0.92 v v h hysteresis voltage v cc = 3.0 v 0.79 - 1.31 0.79 1.31 0.79 1.31 v 11.2. waveforms transfer characteristics mna207 v o v i v h v t+ v t- fig. 8. transfer characteristic mna208 v o v i v h v t+ v t- v t+ and v t- limits at 70 % and 20 %. fig. 9. definition of v t+ , v t- and v h 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 7 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger v i (v) 0 2.0 1.6 0.8 1.2 0.4 001aad691 80 160 240 i cc (a) 0 fig. 10. typical transfer characteristics; v cc = 1.8 v 001aad692 v i (v) 0 3.0 2.0 1.0 400 800 1200 i cc (a) 0 fig. 11. typical transfer characteristics; v cc = 3.0 v 12. dynamic characteristics table 9. dynamic characteristics voltages are referenced to gnd (ground = 0 v; for test circuit see fig. 13 . 25 c -40 c to +85 c -40 c to +125 c symbol parameter conditions min typ [1] max min max min max unit c l = 5 pf a or b to y; see fig. 12 [2] v cc = 0.8 v - 22.5 - - - - - ns v cc = 1.1 v to 1.3 v 2.6 6.3 13.4 2.4 15.1 2.4 16.6 ns v cc = 1.4 v to 1.6 v 2.2 4.6 8.2 1.9 9.7 1.9 10.7 ns v cc = 1.65 v to 1.95 v 1.9 3.9 6.6 1.7 7.9 1.7 8.7 ns v cc = 2.3 v to 2.7 v 1.7 3.2 5.3 1.5 6.2 1.5 6.8 ns t pd propagation delay v cc = 3.0 v to 3.6 v 1.6 2.9 4.7 1.4 5.6 1.4 6.2 ns c l = 10 pf a or b to y; see fig. 12 [2] v cc = 0.8 v - 26.1 - - - - - ns v cc = 1.1 v to 1.3 v 3.0 7.2 15.4 2.7 17.3 2.7 19.0 ns v cc = 1.4 v to 1.6 v 2.5 5.2 9.3 2.2 11.0 2.2 12.1 ns v cc = 1.65 v to 1.95 v 2.3 4.5 7.5 2.0 9.0 2.0 9.9 ns v cc = 2.3 v to 2.7 v 2.1 3.8 6.1 1.8 7.2 1.8 7.9 ns t pd propagation delay v cc = 3.0 v to 3.6 v 2.0 3.5 5.5 1.8 6.5 1.8 7.2 ns c l = 15 pf a or b to y; see fig. 12 [2] v cc = 0.8 v - 29.6 - - - - - ns v cc = 1.1 v to 1.3 v 3.3 8.0 17.2 3.0 19.4 3.0 21.3 ns v cc = 1.4 v to 1.6 v 2.8 5.8 10.4 2.5 12.3 2.5 13.5 ns v cc = 1.65 v to 1.95 v 2.6 5.0 8.3 2.3 10.0 2.3 11.0 ns v cc = 2.3 v to 2.7 v 2.3 4.2 6.7 2.1 7.9 2.1 8.7 ns t pd propagation delay v cc = 3.0 v to 3.6 v 2.2 3.9 6.1 2.0 7.3 2.0 8.0 ns 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 8 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 25 c -40 c to +85 c -40 c to +125 c symbol parameter conditions min typ [1] max min max min max unit c l = 30 pf a or b to y; see fig. 12 [2] v cc = 0.8 v - 39.9 - - - - - ns v cc = 1.1 v to 1.3 v 4.3 10.2 22.6 3.8 25.4 3.8 27.9 ns v cc = 1.4 v to 1.6 v 3.6 7.3 13.3 3.2 15.8 3.2 17.4 ns v cc = 1.65 v to 1.95 v 3.2 6.3 10.6 2.9 12.8 2.9 14.1 ns v cc = 2.3 v to 2.7 v 3.0 5.3 8.5 2.7 10.1 2.7 11.1 ns t pd propagation delay v cc = 3.0 v to 3.6 v 2.8 5.0 7.8 2.7 9.2 2.7 10.1 ns c l = 5 pf, 10 pf, 15 pf and 30 pf f i = 1 mhz; v i = gnd to v cc [3] v cc = 0.8 v - 2.6 - - - - - pf v cc = 1.1 v to 1.3 v - 2.9 - - - - - pf v cc = 1.4 v to 1.6 v - 3.0 - - - - - pf v cc = 1.65 v to 1.95 v - 3.2 - - - - - pf v cc = 2.3 v to 2.7 v - 3.8 - - - - - pf c pd power dissipation capacitance v cc = 3.0 v to 3.6 v - 4.4 - - - - - pf [1] all typical values are measured at nominal v cc . [2] t pd is the same as t plh and t phl . [3] c pd is used to determine the dynamic power dissipation (p d in w). p d = c pd v cc 2 f i n + (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; (c l v cc 2 f o ) = sum of the outputs. 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 9 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 12.1. waveforms and test circuit mna612 t phl t plh v m v m a, b input y output gnd v i v oh v ol measurement points are given in table 10 . v ol and v oh are typical output voltage drop that occur with the output load. fig. 12. the data input (a or b) to output (y) propagation delays table 10. measurement points supply voltage output input v cc v m v m v i t r = t f 0.8 v to 3.6 v 0.5 v cc 0.5 v cc v cc 3.0 ns 001aac521 dut r t v i v o v ext v cc r l 5 k c l g test data is given in table 11 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig. 13. test circuit for measuring switching times table 11. test data supply voltage load v ext v cc c l r l [1] t plh , t phl t pzh , t phz t pzl , t plz 0.8 v to 3.6 v 5 pf, 10 pf, 15 pf and 30 pf 5 k or 1 m open gnd 2 v cc [1] for measuring enable and disable times r l = 5 k. for measuring propagation delays, setup and hold times and pulse width r l = 1 m. 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 10 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 13. application information the slow input rise and fall times cause additional power dissipation, this can be calculated using the following formula: p add = f i (t r i cc(av) + t f i cc(av) ) v cc where: ? p add = additional power dissipation (w); ? f i = input frequency (mhz); ? t r = input rise time (ns); 10 % to 90 %; ? t f = input fall time (ns); 90 % to 10 %; ? i cc(av) = average additional supply current (a). average i cc(av) differs with positive or negative input transitions, as shown in fig. 14 . 001aad027 v cc (v) 0.8 3.8 2.8 1.8 0.1 0.2 0.3 i cc(av) (ma) 0 (1) (2) (1) positive-going edge. (2) negative-going edge. linear change of v i between 0.8 v and 2.0 v. all values given are typical, unless otherwise specified. fig. 14. average i cc as a function of v cc 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 11 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 14. package outline unit a 1 a max. a 2 a 3 b p l h e l p w y v c e d (1) e (1) z (1) references outline version european projection issue date iec jedec jeita mm 0.1 0 1.0 0.8 0.30 0.15 0.25 0.08 2.25 1.85 1.35 1.15 0.65 e 1 1.3 2.25 2.0 0.60 0.15 7 0 0.1 0.1 0.3 0.425 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per si de are not included. 0.46 0.21 sot353-1 mo-203 sc-88a 00-09-01 03-02-19 w m b p d z e e 1 0.15 1 3 5 4 a a 2 a 1 l p (a 3 ) detail x l h e e c v m a x a y 1.5 3 mm 0 scale tssop5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 1.1 fig. 15. package outline sot353-1 (tssop5) 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 12 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger references outline version european projection issue date iec jedec jeita sot886 mo-252 sot886_po 04-07-2212-01-05 unit mm max nom min 0.5 0.04 1.50 1.45 1.40 1.05 1.00 0.95 0.35 0.30 0.27 0.40 0.35 0.32 0.6 a (1) dimensions (mm are the original dimensions) notes 1. including plating thickness. 2. can be visible in some manufacturing processes. xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm sot886 a 1 b 0.25 0.20 0.17 d e e e 1 0.5 l l 1 terminal 1 index area d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale 1 6 2 5 3 4 6x (2) 4x (2) a fig. 16. package outline sot886 (xson6) 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 13 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger terminal 1 index area references outline version european projection issue date iec jedec jeita sot891 sot891 05-04-06 07-05-15 xson6: plastic extremely thin small outline package ; no leads; 6 terminals; body 1 x 1 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale dimensions (mm are the original dimensions) unit mm 0.20 0.12 1.05 0.95 0.35 0.27 a 1 max b e 1.05 0.95 d e e 1 l 0.40 0.32 l 1 0.35 0.55 a max 0.5 0.04 16 25 34 a 6 (1) 4 (1) note 1. can be visible in some manufacturing processes. fig. 17. package outline sot891 (xson6) 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 14 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger references outline version european projection issue date iec jedec jeita sot1115 sot1115_po 10-04-02 10-04-07 unit mm max nom min 0.35 0.04 0.95 0.90 0.85 1.05 1.00 0.95 0.55 0.3 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing techno logy. xson6: extremely thin small outline package; no lea ds; 6 terminals; body 0.9 x 1.0 x 0.35 mm sot1115 a 1 b 0.20 0.15 0.12 d e e e 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4) (2) e 1 e 1 e l l 1 b3 2 1 6 5 4 (6) (2) a 1 a fig. 18. package outline sot1115 (xson6) 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 15 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger references outline version european projection issue date iec jedec jeita sot1202 sot1202_po 10-04-02 10-04-06 unit mm max nom min 0.35 0.04 1.05 1.00 0.95 1.05 1.00 0.95 0.55 0.35 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing techno logy. xson6: extremely thin small outline package; no lea ds; 6 terminals; body 1.0 x 1.0 x 0.35 mm sot1202 a 1 b 0.20 0.15 0.12 d e e e 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4) (2) e 1 e 1 e l b 1 2 3 l 1 6 5 4 (6) (2) a a 1 fig. 19. package outline sot1202 (xson6) 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 16 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger references outline version european projection issue date iec jedec eiaj sot1226 sot1226_po 12-04-1012-04-25 unit mm max nom min 0.35 0.85 0.80 0.75 0.04 0.30 0.25 0.20 0.85 0.80 0.75 0.27 0.22 0.17 0.05 a (1) dimensions note 1. dimension a is including plating thickness. 2. plastic or metal protrusions of 0.075 mm maximum per side are not included. sot1226 a 1 a 3 0.128 0.040 d d h e b e 0.48 k l v 0.1 w y 0.05 0.05 scale 0 1 m m x terminal 1 index area d e a b detail x a a 1 a 3 c y c y 1 5 4 terminal 1 index area d h l b k e ac b v c w 2 1 0.20 0.27 0.22 0.17 y 1 x2son5: plastic thermal enhanced extremely thin small outline package; no leads; 5 terminals; body 0.8 x 0.8 x 0.35 mm 3 fig. 20. package outline sot1226 (x2son5) 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 17 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 15. abbreviations table 12. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mm machine model 16. revision history table 13. revision history document id release date data sheet status change notice supersedes 74aup1g132 v.6 20190501 product data sheet - 74aup1g132 v.5 modifications: ? the format of this data sheet has been redesigned to comply with the identity guidelines of nexperia. ? legal texts have been adapted to the new company name where appropriate. ? fig. 7 : pin configuration drawing sot1226 (x2son5) updated. 74aup1g132 v.5 20120629 product data sheet - 74aup1g132 v.4 modifications: ? added type number 74aup1g132gx (sot1226) ? package outline drawing of sot886 ( fig. 16 ) modified. 74aup1g132 v.4 20111124 product data sheet - 74aup1g132 v.3 modifications: ? legal pages updated. 74aup1g132 v.3 20101029 product data sheet - 74aup1g132 v.2 74aup1g132 v.2 20090615 product data sheet - 74aup1g132 v.1 74aup1g132 v.1 20061020 product data sheet - - 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 18 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger 17. legal information data sheet status document status [1][2] product status [3] definition objective [short] data sheet development this document contains data from the objective specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest product status information is available on the internet at https://www.nexperia.com . definitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nexperia does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nexperia sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification the information and data provided in a product data sheet shall define the specification of the product as agreed between nexperia and its customer, unless nexperia and customer have explicitly agreed otherwise in writing. in no event however, shall an agreement be valid in which the nexperia product is deemed to offer functions and qualities beyond those described in the product data sheet. disclaimers limited warranty and liability information in this document is believed to be accurate and reliable. however, nexperia does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. nexperia takes no responsibility for the content in this document if provided by an information source outside of nexperia. in no event shall nexperia be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nexperias aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nexperia. right to make changes nexperia reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nexperia products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nexperia product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nexperia and its suppliers accept no liability for inclusion and/or use of nexperia products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. quick reference data the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding. applications applications that are described herein for any of these products are for illustrative purposes only. nexperia makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nexperia products, and nexperia accepts no liability for any assistance with applications or customer product design. it is customers sole responsibility to determine whether the nexperia product is suitable and fit for the customers applications and products planned, as well as for the planned application and use of customers third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nexperia does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customers applications or products, or the application or use by customers third party customer(s). customer is responsible for doing all necessary testing for the customers applications and products using nexperia products in order to avoid a default of the applications and the products or of the application or use by customers third party customer(s). nexperia does not accept any liability in this respect. limiting values stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale nexperia products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nexperia.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nexperia hereby expressly objects to applying the customers general terms and conditions with regard to the purchase of nexperia products by customer. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. non-automotive qualified products unless this data sheet expressly states that this specific nexperia product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nexperia accepts no liability for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nexperias warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nexperias specifications such use shall be solely at customers own risk, and (c) customer fully indemnifies nexperia for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond nexperias standard warranty and nexperias product specifications. translations a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 19 / 20 downloaded from: http:/// nexperia 74aup1g132 low-power 2-input nand schmitt trigger contents 1. general description...................................... ................ 1 2. features and benefits...................................... ............ 1 3. applications........................................ .......................... 1 4. ordering information.................................... ................2 5. marking............................................. ............................. 2 6. functional diagram.................................... ...................2 7. pinning information.................................. ....................3 7.1. pinning.............................................. ...........................3 7.2. pin description............................................ ................. 3 8. functional description.................................. ............... 4 9. limiting values...................................... ....................... 4 10. recommended operating conditions........................4 11. static characteristics........................................ ..........5 11.1. transfer characteristics......................................... .....7 11.2. waveforms transfer characteristics............................ 7 12. dynamic characteristics......................................... ... 8 12.1. waveforms and test circuit...................................... 10 13. application information.................................. ......... 11 14. package outline....................................... ................. 12 15. abbreviations......................................... ................... 18 16. revision history....................................... .................18 17. legal information...................................... ................19 ? nexperia b.v. 2019. all rights reserved for more information, please visit: http://www.nexperia.com for sales office addresses, please send an email to: salesaddresses@nexperia.com date of release: 1 may 2019 74aup1g132 all information provided in this document is subject to legal disclaimers. ? nexperia b.v. 2019. all rights reserved product data sheet rev. 6 1 may 2019 20 / 20 downloaded from: http:/// |
Price & Availability of 74AUP1G132GW
![]() |