Part Number Hot Search : 
F1640 XC17S05 EPR1083S GS9074A I74F138D SIZ902DT 1380D 2N4269S
Product Description
Full Text Search
 

To Download 6050114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet imp12-1b5povc0b imp inductive proximity sensors 7.4 (0.29) 17.9 (0.70) ? 10e7 56 (2.20) 1 o-ring5.3 (0.21) x 2.4 (0.09) m12x1 (0.04) 2 3 + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk f c b d a b c d e f h i j k l m n o p q r s t online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com
imp12-1b5povc0b | imp inductive proximity sensors illustration may differ ordering information type part no. imp12-1b5povc0b 6050114 other models and accessories www.sick.com/imp detailed technical data features housing cylindrical thread design thread size m12 1 diameter ??12?mm pressure resistance ?500?bar sensing range s n 1.5?mm safe sensing range s a 1.2?mm installation type flush switching frequency 600?hz connection type male connector m12, 4-pin switching output pnp output function nc electrical wiring dc 3-wire enclosure rating ip68? 1) special features high pressure resistant 1) ?sensing face. mechanics/electronics supply voltage 10?v?dc?... 30?v?dc ripple ?20?%? 1) voltage drop ?2?v? 2) current consumption ?10?ma? 3) 1) ?of v s . 2) ?with ia?= 200?ma. 3) ?without load. 4) ?typ. 8%. 5) ?ub?= 20?... 30?vdc. 6) ?ta?= 23?c 5?c. 7) ?front. 2 proximity sensors | sick online data sheet | 2018-03-22 15:47:22 subject to change without notice 7.4 (0.29) 17.9 (0.70) ? 10e7 56 (2.20) 1 o-ring5.3 (0.21) x 2.4 (0.09) m12x1 (0.04) 2 3 + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk f c b d a b c d e f h i j k l m n o p q r s t online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com
imp12-1b5povc0b | imp inductive proximity sensors time delay before availability ?50?ms hysteresis 1?%?... 15?%? 4) reproducibility ?7?%? 5) ? 6) temperature drift (of s r ) ?15?% emc according to en?60947-5-2 continuous current i a ?200?ma vacuum resistance 10 -8 torr? 7) large sealing ring 5.3?mm?x 2.4?mm size support ring 10?mm?x 5.9?mm?x 1?mm short-circuit protection ? reverse polarity protection ? shock and vibration resistance 30?g, 11?ms?/?10?... 55?hz, 1?mm ambient operating temperature C25?c?... +80?c housing material stainless steel, v2a sensing face material ceramics, ceramics sealing ring material fpm housing length 56?mm thread length 28?mm tightening torque, max. ?40?nm 1) ?of v s . 2) ?with ia?= 200?ma. 3) ?without load. 4) ?typ. 8%. 5) ?ub?= 20?... 30?vdc. 6) ?ta?= 23?c 5?c. 7) ?front. reduction factors note the values are reference values which may vary st37 steel (fe) 1 stainless steel (v2a, 304) approx.?0.75 aluminum (al) approx.?0.2 copper (cu) approx.?0.12 brass (br) approx.?0.34 installation note remark associated graphic see "installation" classifications ecl@ss 5.0 27270101 ecl@ss 5.1.4 27270101 ecl@ss 6.0 27270101 ecl@ss 6.2 27270101 ecl@ss 7.0 27270101 ecl@ss 8.0 27270101 2018-03-22 15:47:22 | online data sheet subject to change without notice proximity sensors | sick 3 7.4 (0.29) 17.9 (0.70) ? 10e7 56 (2.20) 1 o-ring5.3 (0.21) x 2.4 (0.09) m12x1 (0.04) 2 3 + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk f c b d a b c d e f h i j k l m n o p q r s t online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com
imp12-1b5povc0b | imp inductive proximity sensors ecl@ss 8.1 27270101 ecl@ss 9.0 27270101 etim 5.0 ec002714 etim 6.0 ec002714 unspsc 16.0901 39122230 installation note flush installation connection diagram cd-008 dimensional drawing (dimensions in mm (inch)) imp12-xxxxxxxxb, 56?mm ??male connector m12, 4-pin ??width across 10 ??width across 17 4 proximity sensors | sick online data sheet | 2018-03-22 15:47:22 subject to change without notice 7.4 (0.29) 17.9 (0.70) ? 10e7 56 (2.20) 1 o-ring5.3 (0.21) x 2.4 (0.09) m12x1 (0.04) 2 3 + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk f c b d a b c d e f h i j k l m n o p q r s t online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com
imp12-1b5povc0b | imp inductive proximity sensors recommended accessories other models and accessories www.sick.com/imp brief description type part no. other mounting accessories o-ring imp12 5327494 support ring imp12 5327496 plug connectors and cables head a: female connector, m12, 4-pin, straight, a-coded head b: open cable ends cable: sensor/actuator cable, pur, halogen-free, unshielded, 2?m yf2a14-020ub3xleax 2095607 head a: female connector, m12, 4-pin, straight, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 2?m yf2a14-020vb3xleax 2096234 head a: female connector, m12, 4-pin, straight, a-coded head b: open cable ends cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m yf2a14-050ub3xleax 2095608 head a: female connector, m12, 4-pin, straight, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 5?m yf2a14-050vb3xleax 2096235 head a: female connector, m12, 4-pin, angled, a-coded head b: open cable ends cable: sensor/actuator cable, pur, halogen-free, unshielded, 2?m yg2a14-020ub3xleax 2095766 head a: female connector, m12, 4-pin, angled, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 2?m yg2a14-020vb3xleax 2095895 head a: female connector, m12, 4-pin, angled, a-coded head b: open cable ends cable: sensor/actuator cable, pur, halogen-free, unshielded, 5?m yg2a14-050ub3xleax 2095767 head a: female connector, m12, 4-pin, angled, a-coded head b: open cable ends cable: sensor/actuator cable, pvc, unshielded, 5?m yg2a14-050vb3xleax 2095897 2018-03-22 15:47:22 | online data sheet subject to change without notice proximity sensors | sick 5 7.4 (0.29) 17.9 (0.70) ? 10e7 56 (2.20) 1 o-ring5.3 (0.21) x 2.4 (0.09) m12x1 (0.04) 2 3 + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk f c b d a b c d e f h i j k l m n o p q r s t online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com
7.4 (0.29) 17.9 (0.70) ? 10e7 56 (2.20) 1 o-ring5.3 (0.21) x 2.4 (0.09) m12x1 (0.04) 2 3 + (l+) - (m) 14 3 nc 2 not connected bn wh bu bk f c b d a b c d e f h i j k l m n o p q r s t online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com


▲Up To Search▲   

 
Price & Availability of 6050114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X