Part Number Hot Search : 
BT3904 A5534AD M113TGN F3062F2 S1100 NJM2754V 2812D RFP2N20L
Product Description
Full Text Search
 

To Download 6021129 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet im30-15n-n-zw0 imn inductive proximity sensors 2 (0.08) 41 (1.61) 15 (0.59) m30 x 1.5 1 2 5.4 (0.21) bn bu + (l+) - (m) a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
im30-15n-n-zw0 | imn inductive proximity sensors illustration may differ ordering information type part no. im30-15n-n-zw0 6021129 other models and accessories www.sick.com/imn detailed technical data features housing cylindrical thread design thread size m30 1.5 diameter ??30?mm sensing range s n 15?mm safe sensing range s a 12.15?mm installation type non-flush switching frequency 200?hz connection type cable, 2-wire, 2?m switching output namur output function nc enclosure rating ip67? 1) 1) ?according to en?60529. mechanics/electronics supply voltage 7.5?v?dc?... 25?v?dc? 1) current consumption ?30?ma? 1) hysteresis 1?%?... 15?% temperature drift (of s r ) ?10?% emc according to en?60947-5-6 current consumption, sensor is activated ?1?ma current consumption, sensor is not activat- ed ?2.2?ma 1) ?when used outside the hazardous area. 2) ?for connection to a separately certified intrinsically safe circuit only. 3) ?1?k. 2 proximity sensors | sick online data sheet | 2018-07-03 13:08:34 subject to change without notice 2 (0.08) 41 (1.61) 15 (0.59) m30 x 1.5 1 2 5.4 (0.21) bn bu + (l+) - (m) a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
im30-15n-n-zw0 | imn inductive proximity sensors cable material pvc conductor size 0.5?mm2 cable diameter ??5.4?mm cable resistance 50? shock and vibration resistance 30?g, 11?ms?/?10?... 55?hz, 1?mm ambient operating temperature C20?c?... +70?c housing material metal, nickel-plated brass sensing face material plastic, plastic housing length 41?mm thread length 25?mm tightening torque, max. 50?nm weight 220?g items supplied fastening nuts (2?x); 36?mm hex, metal ec approval certificate ptb 03?atex 2037 ex area category 1g, 2g input voltage u i max. 15?v? 2) input power p i max. 120?mw? 2) input current i i max. 50?ma? 2) internal capacitance c i max. 145?nf? 2) internal?inductance l i max. 110?h? 2) nominal voltage 8.2?v?dc? 3) device labeling ii 1g ex ia iic t6 ga ta C20 c?... +70 c, ii 2?g ex ia iic t6 gb ta: C20 c?... +70 c 1) ?when used outside the hazardous area. 2) ?for connection to a separately certified intrinsically safe circuit only. 3) ?1?k. reduction factors note the values are reference values which may vary stainless steel (v2a, 304) approx.?0.7 aluminum (al) approx.?0.4 copper (cu) approx.?0.3 brass (br) approx.?0.5 installation note remark associated graphic see "installation" a 30?mm b 60?mm c 30?mm d 45?mm e 30?mm f 120?mm 2018-07-03 13:08:34 | online data sheet subject to change without notice proximity sensors | sick 3 2 (0.08) 41 (1.61) 15 (0.59) m30 x 1.5 1 2 5.4 (0.21) bn bu + (l+) - (m) a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
im30-15n-n-zw0 | imn inductive proximity sensors classifications ecl@ss 5.0 27270101 ecl@ss 5.1.4 27270101 ecl@ss 6.0 27270101 ecl@ss 6.2 27270101 ecl@ss 7.0 27270101 ecl@ss 8.0 27270101 ecl@ss 8.1 27270101 ecl@ss 9.0 27270101 etim 5.0 ec002714 etim 6.0 ec002714 unspsc 16.0901 39122230 installation note connection diagram cd-012 4 proximity sensors | sick online data sheet | 2018-07-03 13:08:34 subject to change without notice 2 (0.08) 41 (1.61) 15 (0.59) m30 x 1.5 1 2 5.4 (0.21) bn bu + (l+) - (m) a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
im30-15n-n-zw0 | imn inductive proximity sensors dimensional drawing (dimensions in mm (inch)) im30 namur, non flush ??connection ??fastening nuts (2x); width across 36, metal recommended accessories other models and accessories www.sick.com/imn brief description type part no. mounting brackets and plates mounting plate for m30 sensors, steel, zinc coated, without mounting hardware bef-wg-m30 5321871 mounting bracket for m30 sensors, steel, zinc coated, without mounting hardware bef-wn-m30 5308445 modules and gateways namur isolatig amplifier, cable fault detection, switching outputs: 2?no relay (1?per channel), supply voltage: 24?v?... 230?v, voltage type: ac/dc en2-2ex1 6041096 2018-07-03 13:08:34 | online data sheet subject to change without notice proximity sensors | sick 5 2 (0.08) 41 (1.61) 15 (0.59) m30 x 1.5 1 2 5.4 (0.21) bn bu + (l+) - (m) a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
2 (0.08) 41 (1.61) 15 (0.59) m30 x 1.5 1 2 5.4 (0.21) bn bu + (l+) - (m) a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t


▲Up To Search▲   

 
Price & Availability of 6021129

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X