Part Number Hot Search : 
ER102 FAIRCHIL ST63126 ADL5601 SC2544 130058 DL5405 GPTS7224
Product Description
Full Text Search
 

To Download 35SEK82M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  conductive polymer aluminum solid capacitors radial lead type high voltage50 v.dc max. 125 1000 h rohs compliance, halogen free unit * depends on the case size. e12 8.0 f13 10.0 13.0 5.0 0.60 2.5 0.50 12.0 3.5 0.60 dissipation factor (tan ) dc leakage current within 20 % of the initial value f0.5 d0.05 dimensions (not to scale) 30-oct-17 should a safety concern arise regarding this product, please be su re to contact us immediately. rated voltage range category temp. range 25 v.dc to 50 v.dc C55 to +125 capacitance tolerance nominal cap.range dissipation factor (tan) dc leakage current 20 % (120 hz / +20 ) +125 1000 h, rated voltage applied Q 200 % of the initial limit within the initial limit capacitance change endurance e7 e12 f13 design and specifications are each subject to change without noti ce. ask factory for the current technical specifications befor e purchase and/or use. please see the attached characteristics list please see the attached characteristics list damp heat (steady state) marking Q 150 % of the initial limit within the initial limit (after voltage processing) capacitance change dissipation factor (tan) dc leakage current +60 , 90 % to 95 %, 1000 h, no-applied voltage within 20 % of the initial value size code features specifications sek series c6 22 f to 82 f 33 f to 120 f 68 f to 270 f 120 f to 470 f 3.5 0.50 e7 8.0 size code d0.5 l max. 7.0 c6 6.3 6.0 ? 15 min. 4 min. 19 min. l max. d 0.5 f d 0.05 polarity marking (?) r. capacitance ( f) series code* r. voltage v.dc) lot no. downloaded from: http:///
conductive polymer aluminum solid capacitors *1: ripple current100 khz / +105 < tx Q +125 / allowable rippl e current100 khz / tx Q +105 *2: esr100 khz to 300 khz / +20 *3: tan (120 hz / +20 ) *4: after 2 minutes please refer to each page in this catarog for flow conditions and taping specifications. characteristics list 35 13.0 e12 f13 12.0 13.0 8.0 10.0 10.0 c6 e7 6.3 8.0 8.0 10.0 f13 6.3 6.0 7.0 6.0 rated voltage (v.dc) 12.0 13.0 size code case size (mm) 8.0 8.0 270 470 22 33 7.0 50 25 design and specifications are each subject to change without noti ce. ask factory for the current technical specifications befor e purchase and/or use. should a safety concern arise regarding this product, please be su re to contact us immediately. 30-oct-17 100 khz Q f 500 khz 1 330 50sek33m 680 50sek68m 1200 50sek120m 0.12 25 7.0 12.0 20 0.12 10 khz Q f 100 khz 0.7 1 khz Q f 10 khz 0.3 120 hz Q f 1 khz 0.05 e12 f13 c6 e7 e12 0.12 820 2600 35 0.12 20 4000 1260 6.0 25sek82m 600 25sek120m specifications ripple current *1 (ma r.m.s.) allowable ripple current *1 (ma r.m.s.) esr *2 (m) tan *3 lc *4 a part number 960 3060 25 0.12 1010 410 0.12 24 3200 frequency(f) coefficient rated capacitance (20 %) (f) 82 120 47 82 180 330 68 120 frequency correction factor for ripple current 1470 1590 930 c6 l d 4650 5000 2950 e7 6.3 8.0 25sek270m 14 0.12 2350 25sek470m 27 0.12 329 35sek47m 16 0.12 1350 220 50sek22m 1390 850 1200 1350 35 574 35SEK82M 0.12 1260 35sek180m 18 0.12 2310 35sek330m 4300 25 3060 0.12 4400 2700 3800 960 downloaded from: http:///
y,i \ rxzdqwwrxvhrxu s urgxfwvghvfulehglq wklvrqolqhfdwdor j irud ss olfdwlrqvuh t xlulq j  v s hfldo t xdolwlhvruuholdelolw \ ruirud ss olfdwlrqvzkhuhwkhidloxuhrupdoixqfwlrqriwkh  s urgxfwvpd \ gluhfwo \  m hr s dugl]hkxpdqolihru s rwhqwldoo \ fdxvh s huvrqdolq m xu \   h j dlufudiwdqgdhurv s dfhh t xl s phqw  wudiilfdqgwudqv s ruwdwlrqh t xl s phqw  frpexvwlrq h t xl s phqw  phglfdoh t xl s phqw  dfflghqw s uhyhqwlrq  dqwlfulphh t xl s phqw  dqgruvdihw \  h t xl s phqw  lwlvqhfhvvdu \ wryhuli \ zkhwkhuwkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfk d ss olfdwlrqv3ohdvhhqvxuhwkdw \ rxzloodvndqgfkhfnzlwkrxulq t xlu \ ghvndvwrzkhwkhu wkhv s hflilfdwlrqvrirxu s urgxfwvilwwrvxfkd ss olfdwlrqvxvhehiruh \ rxxvhrxu s urgxfwv y7kh t xdolw \ dqg s huirupdqfhrirxu s urgxfwvdvghvfulehglqwklvrqolqhfdwdor j rqo \ d ss o \  wrrxu s urgxfwvzkhqxvhglql vrodwlrq7khuhiruh   s ohdvhhqvxuh \ rxhydoxdwhdqgyhuli \  rxu s urgxfwvxqghuwkhv s hflilfflufxpvwdqfhvlqzklfkrxu s urgxfwvduhdvvhpeohglq \ rxu rzq s urgxfwvdqglqzklfkrxu s urgxfwvzloodfwxdoo \ ehxvhg y,i \ rxxvhrxu s urgxfwvlqh t xl s phqwwkdwuh t xluhvdkl j kgh j uhhriuholdelolw \ uh j dugohvv riwkhd ss olfdwlrq  lwlvuhfrpphqghgwkdw \ rxvhwx s  s urwhfwlrqflufxlwvdqguhgxqgdqf \  flufxlwvlqrughu wrhqvxuhvdihw \ ri \ rxuh t xl s phqw y7kh s urgxfwvdqg s urgxfwv s hflilfdwlrqvghvfulehglqwklvrqolqhfdwdor j duhvxe m hfwwr fkdq j hirulp s uryhphqwzlwkrxw s ulruqrwlfh7khuhiruh   s ohdvhehvxuhwruh t xhvwdqg frqilupwkhodwhvw s urgxfwv s hflilfdwlrqvzklfkh[ s odlqwkhv s hflilfdwlrqvrirxu s urgxfwvlq ghwdlo  ehiruh \ rxilqdol]hwkhghvl j qri \ rxud ss olfdwlrqv   s xufkdvh  ruxvhrxu s urgxfwv y7khwhfkqlfdolqirupdwlrqlqwklvrqolqhfdwdor j  s urylghvh[dp s ohvrirxu s urgxfwv
 w \s lfdor s hudwlrqvdqgd ss olfdwlrqflufxlwv:hgrqrw j xdudqwhhwkhqrqlqiulq j hphqwri wklug s duw \
vlqwhoohfwxdo s ur s huw \ ul j kwvdqgzhgrqrw j udqwdq \ olfhqvh  ul j kw  rulqwhuhvw lqrxulqwhoohfwxdo s ur s huw \  y,idq \ rirxu s urgxfwv   s urgxfwv s hflilfdwlrqvdqgruwhfkqlfdolqirupdwlrqlqwklvrqolqh fdwdor j lvwrehh[ s ruwhgru s urylghgwrqrquhvlghqwv  wkhodzvdqguh j xodwlrqvriwkh h[ s ruwlq j frxqwu \ hv s hfldoo \ zlwkuh j dugwrvhfxulw \ dqgh[ s ruwfrqwuro  vkdooehrevhuyhg y7khvzlwfkryhugdwhirufrp s oldqfhzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrqvydulhv gh s hqglq j rqwkh s duwqxpehuruvhulhvrirxu s urgxfwv y:khq \ rxxvhwkhlqyhqwru \ rirxu s urgxfwviruzklfklwlv xqfohduzkhwkhuwkrvh s urgxfwv duhfrp s oldqwzlwkwkh5r+6'luhfwlyh5($&+5h j xodwlrq   s ohdvhvhohfw6dohv,q t xlu \ lqwkh zhevlwhlq t xlu \ irupdqgfrqwdfwxv :hgrqrwwdnhdq \ uhv s rqvlelolw \ iruwkhxvhrirxu s urgxfwvrxwvlghwkhvfr s hriwkh v s hflilfdwlrqv  ghvful s wlrqv   j xlgholqhvdqg s uhfdxwlrqvghvfulehglqwklvrqolqhfdwdor j  *xlgholqhvdqgsuhfdxwlrqvuhjduglqjwkh ghvfulehglqwklvrqolqhfdwdorj 5hjduglqjwkh&huwlilfdwhri&rpsoldqfhzlwk $su whfkqlfdolqirupdwlrqdqgxvhrirxusurgxfwv wkh(85r+6'luhfwlyh5($&+5hjxodwlrqv! downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 35SEK82M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X