Part Number Hot Search : 
01800 MAU321 78M12AHF UPD44 CW801M TMK107B 1206H LF50A
Product Description
Full Text Search
 

To Download 1511195016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/27/2017 please check www.molex.com for latest part information part number: 1511195016 status: active overview: milli-grid? connector system description: 2.00mm pitch milli-grid? header, through hole, dual row, right angle, 2.00m tin (sn) plating, without peg, 4.60mm pc tail length, without pick and place tape, 16 circuits, low-halogen, tube documents: drawing (pdf) packaging specification pk-151119-3000 (pdf) product specification ps-151117-0001-001 (pdf) rohs certificate of compliance (pdf) packaging specification pk-151119-0001 (pdf) product literature (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 151119 application board-to-board, signal, wire-to-board overview milli-grid? connector system product literature order no 987651-5501 product name milli-grid? upc 889056751575 physical breakaway no circuits (loaded) 16 circuits (maximum) 16 color - resin black first mate / last break no flammability 94v-0 glow-wire compliant under evaluation guide to mating part no keying to mating part none lock to mating part yes material - metal copper alloy material - plating mating tin over nickel material - plating termination tin over nickel material - resin liquid crystal polymer net weight 0.957/g number of rows 2 orientation right angle pc tail length 4.60mm pcb locator no pcb retention none pcb thickness - recommended 3.60mm packaging type tube pitch - mating interface 2.00mm pitch - termination interface 2.00mm plating min - mating 2.000m plating min - termination 2.000m polarized to mating part yes polarized to pcb yes shrouded yes stackable no surface mount compatible (smc) yes series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 151119 series mates with milli-grid? receptacle housing (low- halogen) 151192
milli-grid? receptacle housing 51110
milli-grid? pcb receptacles 78787 , 78788 , 79107 , 79109
temperature range - operating -55c to +105c termination interface: style through hole electrical current - maximum per contact 2.0a voltage - maximum 125v ac solder process data duration at max. process temperature (seconds) 010 lead-freeprocess capability smc&wave max. cycles at max. process temperature 001 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-151119-0001, pk-151119-3000 product specification ps-151117-0001-001 sales drawing sd-151119-0001 this document was generated on 07/27/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 1511195016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X