Part Number Hot Search : 
DTS7001 123ML 74HCT153 78D05 D70N0 BT2222 HM9100A TLP114A
Product Description
Full Text Search
 

To Download 102035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  buffer module with maintenance-free capacitor-based power storage device quint-buffer/24dc/20 ? phoenix contact - 07/2006 data sheet interface short-term mains interruptions are bridged by quint buffer, a maintenance-free buffer module on a capacitor basis. systems can therefore also run in unstable networks or are, in the event of failures of a longer duration, correctly shut down after all relevant process data is saved. the bridg- ing time is 200 ms at 20 a and 4 s at 1 a. the buffer module also acts as a power storage device for peak loads and for triggering fuses. for function monitoring, an active switching output and a control lamp are used. with the integrated di- ode, loads can be divided into buffered and unbuffered loads. thus, the buffer period is extended and the buffered consumers are protected against errors in the internal net- work. description danger! components with dangerously high voltage and high stored energy are located in the device! never carry out work on live parts! depending on the ambient temperature and the load, the housing can become very hot! make sure you always use the the latest documentation. it can be downloaded at www.download.phoenixcontact.com . a conversion table is available on the internet at www.download.phoenixcontact.com/general/7000_en_00.pdf . ? maintenance-free due to capacitor-based power buffer ? the slim design saves space on the din rail ? high system availability due to clear signaling ? extended buffer period for critical loads through decou- pled input 102035_03_en
quint-buffer/24dc/20 102035_03_en phoenix contact 2 description type order no. pcs./pkt. buffer module with maintenance-free capacitor-based power storage device quint-buffer/24dc/20 2866213 1 accessories type order no. pcs./pkt. universal wall adapter uwa 182/52 2938235 1 input data nominal input voltage 24 v dc dc input voltage range 22.5 v dc ... 30 v dc buffer period 0.2 s (20 a) 4 s (1 a) charging time < 27 s current consumption 0.1 a (idling) 0.6 a (charging process) 20.6 a (max.) protection against polarity reversal yes charging delay no connect threshold < 22 v dc (fixed) (u in - 1 v)/0.1 s (variable) protective circuitry transient surge protection suppressor diode, 35 v dc input fuse, integrated (slow-blow, internal) output data nominal output voltage 24 v dc (depending on the input voltage) setting range of the output voltage 22 v ac ... 28.5 v ac buffer voltage u in - 0.8 v and > 22.0 v output current 20 a output current limit 27 a (buffer mode) max. transit current 27 a (at 40c) 20 a (at 70c) disconnect > 4.5 s (buffer mode) power loss 2.5 w (ready at 27 a) 9.8 w (buffer mode at 27 a) efficiency > 95 % (at 27 a) residual ripple < 100 mv ss (buffer mode) peak switching voltages < 100 mv ss (20 mhz) connection in parallel yes, for increasing the buffer time and for redundancy surge protection against internal surge voltages yes, limited to approx. 35 v dc resistance to reverse feed < 35 v dc (buffer mode) status indication status display led "power good", green buffer module is loaded: led on order data technical data
quint-buffer/24dc/20 102035_03_en phoenix contact 3 signal output active (high = buffer module is loaded) output description power good continuous current +20 ma output voltage +24 v standards electrical equipment for machinery en 60204 safety transformers for power supply units en 61558-2-17 electrical safety (of information technology equipment) en 60950/vde 0805 (selv) en 61558-2-17 ul/c-ul recognized ul 60950 industrial control equipment ul/c-ul listed ul 508 shipbuilding german lloyd, abs electronic equipment for use in electrical power installations en 50178/vde 0160 selv en 60950 (selv) and en 60204 (pelv) safe isolation din vde 0106-101 approvals granted approvals u f abs granted approvals for potentially explosive areas u general data insulation voltage input/output 1 kv (routine test) 1 kv (type test) installation position horizontal din rail ns 35, en 60715 degree of protection ip20 class of protection iii, without pe connection mtbf > 500 000 h in acc. with iec 61709 (sn 29500) housing version alunox (almg1) width 64 mm height 130 mm depth 125 mm width with alternative assembly 122 mm height with alternative assembly 130 mm depth with alternative assembly 67 mm weight 1 kg climatic data ambient temperature (operation) -25 c ... 70 c ambient temperature (storage/transport) -40 c ... 85 c max. permissible. relative humidity (operation) 95 % (at 25c, no condensation) vibration (operation) < 15 hz, amplitude 2.5 mm in acc. with iec 60068-2-6 15 hz ... 150 hz, 2.3g, 90 min. shock 30g in all directions in acc. with iec 60068-2-27 pollution degree in acc. with en 50178 2 climatic class 3k3 (in acc. with en 60721)
quint-buffer/24dc/20 102035_03_en phoenix contact 4 conformance with emc directive 89/336/eec immunity to interference in acc. with en 61000-6-2 discharge of static electricity in acc. with en 61000-4-2 housing level 4 contact discharge 8 kv discharge in air 15 kv comments criterion b electromagnetic hf field in acc. with en 61000-4-3 housing level 3 frequency range 80 mhz ... 1 ghz field intensity 10 v/m comments criterion a fast transients (burst) in acc. with en 61000-4-4 input 2 kv (level 3 - asymmetrical: conductor to ground) output 2 kv (level 3 - asymmetrical: conductor to ground) signal 1 kv (level 2 - asymmetrical: conductor to ground) comments criterion b surge voltage capacities (surge) in acc. with en 61000-4-5 input/output/signal 0.5 kv (level 1 - asymmetrical: conductor to ground) 0.5 kv (level 1 - symmetrical: conductor to conductor) comments criterion b conducted disturbance in acc. with en 61000-4-6 input/output/signal level 3 frequency range 0.15 mhz ... 80 mhz voltage 10 v comments criterion a emitted interference in acc. with en 61000-6-3 radio interference voltage in acc. with en 55011 en 55011 (en 55022) class b, area of application: industry and residential emitted radio interference in acc. with en 55011 en 55011 (en 55022) class b, area of application: industry and residential note: criterion a: normal operating behavior within the defined limits. criterion b: temporary impairment to operational behavior that is corrected by the device itself en 55011 corresponds to cispr11 / en 55022 corresponds to cispr22 en 61000 corresponds to iec 1000 power good output input block diagram
quint-buffer/24dc/20 102035_03_en phoenix contact 5 gnd power g o o d 2 0 a o u t p u t quint b uffer p o w e r g o o d +? +? d c 2 4 v i n p u t power good 1 3 2 4 5 6 structure 1 - dc input 2 - dc output 3 ? control lamp "power good" 4 ? switching output active 5 - din rail adapter 6 - switch dynamic on/off [mm 2 ] awg [nm] solid stranded torque input 0.5 - 16 0.5 - 10 20 - 6 1.2 - 1.5 output 0.5 - 16 0.5 - 10 20 - 6 1.2 - 1.5 signal 0.2 - 2.5 0.2 - 2.5 24 - 12 0.5 - 0.6 input data nominal input voltage 24 v dc dc input voltage range 22.5 v dc ... 30 v dc input fuse, integrated (slow-blow, internal) type of connection screw connection stripping length 10 mm output data nominal output voltage 24 v dc (depending on the input voltage) setting range of the output voltage 22 v ac ... 28.5 v ac output current 20 a type of connection screw connection stripping length 10 mm
quint-buffer/24dc/20 102035_03_en phoenix contact 6 safety and warning notes the power supply units are built-in devices. the device may only be installed and put into operation by qual- ified personnel. the corresponding national regulations (e.g. vde, din) must be observed. danger! components with dangerously high voltage and high stored energy are located in the device! never carry out work on live parts! depending on the ambient temperature and the load, the housing can become very hot! before startup please ensure: the mains connection has been carried out by a competent person and protection against electric shock is guaranteed! all feed lines are sufficiently protected and dimensioned! all output lines are dimensioned according to the maximum output current of the device or separately protected! sufficient convection is guaranteed! g n d power g oo d 2 0 a o u tpu t quint b uffer p o w e r g o o d + ? + ? d c 24 v inp u t power g o o d installation in order for the device to function in the man- ner intended. it is not necessary to observe any minimum spacing to other devices. the power supply unit can be snapped onto all din rails in acc. with en 60715. they must be horizontal (connecting terminal blocks below).
quint-buffer/24dc/20 102035_03_en phoenix contact 7 input +? power good power good output +? quint buffer gnd dc 24 v 20a 64 125 130 installation position slim-style installation: installation depth 125 mm (+ din rail) (state at delivery) low-profile installation: installation depth 67 mm (+ din rail) slim-style installation: assembly position the module with the din rail guide on the upper edge of the din rail, and snap it in with a downward motion. dismantling pull the snap lever open with the aid of a screwdriver and slide the module out at the lower edge of the din rail.
quint-buffer/24dc/20 102035_03_en phoenix contact 8 low-profile installation: low-profile installation can be achieved by mounting the device at right-angles to the din rail. mount the din rail adapter (uta 107) as described in the figure. no additional mounting material is required. fixing screws: torx t10 (torque 0.8 nm ... 0.9 nm). quint buffer 4-pol power supply + ? ac dc quint buffer 4-pol unbuffered load + ? dc buffered load quint buffer 2-pol power supply + ? ac dc quint buffer 2-pol buffered load input the buffer module is connected at the output of the power supply via the "+" and "-" screw connections of the 24 v dc input (connection as 4-pos.). the output is decoupled from the input by means of the internal diode. the stored power is only delivered at the output (see figure). if no decoupling is required, the buffer module can also be connected to the power supply as a 2-pos. connection via the "+" and "-" connections of the dc output (see figure). protection of the primary side device installation must be carried out according to the reg- ulations in en 60950. for device protection, there is an internal fuse. additional de- vice protection is not necessary. if an internal fuse is triggered, there is most probably a malfunction in the device. in this case, the device must be inspected in the factory!
quint-buffer/24dc/20 102035_03_en phoenix contact 9 output all loads that, in the event of a failure of the supply voltage, are to be supplied with power stored in the buffer module, ("b uff- ered load"), are connected to the "+" and "-" of the dc output. we recommend that all other loads not requiring buffering in the event of a failure of the supply voltage ("unbuffered load") should be connected parallel to the power supply unit. this extends the buffer time, as it depends on the output current (see figure). the internal diode guarantees that the buffered loads are decoupled from the unbuffered loads. output voltage the output voltage of the buffer module is equal to the supply voltage connected. if the input voltage falls within 0.1 s by more than 1 v, the buffer is connected and the output voltage is regulated to this value. this dynamic detection can be disabled with switch "dynamic on/off". the minimum connect threshold is 22 v. the device is electronically protected against short circuit and idling. in the event of a malfunction, the output voltage is limited to 35 v dc. signaling for function monitoring, there is the active signal output and an led "power good". the signal output is connected via the "power good" and "gnd" screw connections. the 24 v dc signal can carry up to 20 ma. state 1 state 2 led "power good" on flashing active signal output "power good" u = +24 v (in reference to "-") u = 0 v (in reference to "-") meaning 1. supply voltage is present 2. buffer module is charged 3. buffer module is ready 1. there is supply voltage, buffer module is being charged or 2. there is no supply voltage, the power store in the buffer module will be provided at the out- put (as long as is available)
quint-buffer/24dc/20 102035_03_en 10 phoenix contact gmbh & co. kg ? 32823 blomberg ? germany phone: +49-(0) 5235-3-00 ? fax: +49-(0) 5235-3-4 12 00 ? www.phoenixcontact.com www.phoenixcontact.com/salesnetwork function for all connected loads, quint-buffer provides a regu- lated and uninterrupted 24 v dc voltage at the output for a load current of 20 a. once the 24 v supply voltage has been applied, the integrated capacitor-based power storage de- vice is charged. if the supply voltage fails, uninterrupted op- eration of up to 4 seconds for all connected loads is guaran- teed with the stored power. at 22,5 v at 24 v at 28,5 v output current [a] buffer period [s ] 0 5 10 15 20 0,1 1,0 10,0 1 2 3 2 3 1 buffer time extension with the decoupled input, the connected consumers can be divided into buffered and non-buffered loads. thus, the buffer time, which is dependent on the output current, is ex- tended. if only the critical consumers are protected, the buffer time is markedly extended. in addition, the decoupled input of the connected consumers protects against errors in the internal network.


▲Up To Search▲   

 
Price & Availability of 102035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X