Part Number Hot Search : 
PE7422 MUR160 DG300AAK ZMM5256B NTXV1 1N4743 SSM24LPT P6KE20
Product Description
Full Text Search
 

To Download 101103210022 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0,8 0,1 0,8 0,1 4,8 0,2 steckl?nge / mating length e = early mate, late break / voreilend s = standard e s l l = late mate, early break / nacheilend 2,54 3,95 3 +0,1 2x2,54=5,08 31x2,54= 78,74 2,54 2,54 2,54 (=78,74) 2,54 31 x 2 x 2,54 (= 5,08) a b c 0,6 0,1 6 -0,4 3 2 x 2,54 (=5,08) a1 c32 c1 a32 max. 85,5 11,1 2,5 -0,2 8,7 +0,2 l?tanschluss 0,6x0,6mm / solder terminal 0,6x0,6mm bauart 4 / t ype 4 anforderungsstufe 2 = 400 steckzyklen / performance class 2 = 400 mating cycles fehlende ma?e und angaben nach iec 60 603-2 / din en 60 603-2 missing information and dimensions per iec 60 603-2 / di n en 60 603-2 erni erni erni erni date datum mating length xxxxxxx xxxxxxx xxxxxxx xxxxxxx rc 2 rc 2rc 2 rc 2 steckl?nge anforderungsstufe class 2,5 88,9 94 max. 12,7 87,5 +0,1 6,4 -0,1 10,2 -0,2 s ss s 25 27 28 29 30 31 1 s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s s ss s 23 s ss s s ss s 24 s ss s s ss s s ss s contact layout cb a 2 3 4 5 6 7 8 9 10 11 19 12 13 14 15 16 17 20 18 21 26 22 bestckungsplan / 32 2:1 all dimensions proprietary notice pursuant to iso 16016 to be observed. messerleiste c 96 l?t scale 30.10.2014 copyright by erni gmbh a in mm tolerances designation 101103210022 drawing will not be updated. contact one of the erni companies stvc male connector c96 solder class i www.erni.com before using. version of this drawing, please index information: a3 all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date 26 leiterplatten-lochbild / all holes 7 22 10 3 32 c 13 24 5 2 28 25 14 27 20 16 21 12 4 9 8 23 6 15 29 18 17 11 31 19 1 30 b pcb drillhole pattern a alle l?cher/ 0,05 +0,1 88,9 0,1 2,8 1 5,3 0,1


▲Up To Search▲   

 
Price & Availability of 101103210022

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X