Part Number Hot Search : 
2N20C 1N4742A ENN6553 SM5841A 1N5371 L780S10 DB102 PT22151
Product Description
Full Text Search
 

To Download 0015475230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 09/11/2018 please check www.molex.com for latest part information part number: 0015475230 status: active overview: sl modular connectors description: sl ffc/fpc connector - single row male version d, 23 circuits documents: 3d model product specification ps-70430-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family ffc/fpc connectors series 70431 comments male overview sl modular connectors product name sl upc 800754623032 physical actuator type n/a circuits (loaded) 23 color - resin black contact position n/a durability (mating cycles max) 50 flammability 94v-0 material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester alloy net weight 3.580/g number of rows 1 orientation vertical pcb locator no pcb mounting n/a pcb retention none packaging type tube pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 0.381m plating min - termination 1.905m polarized to pcb no stackable yes surface mount compatible (smc) n/a temperature range - operating -40 to +105c wire/cable type ffc/fpc electrical current - maximum per contact 2.0a voltage - maximum 250v solder process data lead-freeprocess capability n/a material info series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/61/2018 (27 june 2018) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant prop65 compliant rohs phthalates not contained search parts in this series 70431 series
reference - drawing numbers product specification ps-70430-001 sales drawing sda-70431-**** this document was generated on 09/11/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0015475230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X