Part Number Hot Search : 
C3114 X5325 12N65 AX7042 3EZ12D10 150UR80 P4304MR6 C4017
Product Description
Full Text Search
 

To Download WNM2096-3TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wnm2096 will semiconductor ltd. 1 feb ,2019 - rev.1.0 wnm2096 single n - channel, 20 v, 0.8 a, power mosfet description the wnm 2096 is n - channel enhancement mos field effect transistor. uses advanced trench technology and design to provide excellent r ds(on) w ith low gate charge. this device is suitable for use in dc - dc conversion, power switch and charging circuit. standard product wnm 2096 is pb - free. features ? trench technology ? supper high density cell design ? e xcellent on resistance ? extremely low threshold voltage ? small package dfn1006 - 3l applications ? d c/dc converters ? power supply converters circuit ? load/power switching for po r table device dfn 1006 - 3l pin configuration (top view) 6 = device code * = month (a~z) marking order i nformation v ds (v) typical r ds(on) (m ) 20 325 @ v gs = 4.5 v 370 @ v gs = 3.1 v 420 @ v gs =2.5v 560 @ v gs =1.8v esd rating 2000v hbm device package shipping wnm2096 - 3 /tr dfn 1006 - 3 l 10k /tape&reel http://www.sh - willsemi.com 6 * d g s
wnm2096 will semiconductor ltd. 2 feb ,2019 - rev.1.0 absolute maximum ratings thermal resistance ratings a the value of r ja is measured with the device mounted on 1 - inch2 (6.45cm2) with 2oz.(0.071mm thick) copper pad on a 1.5*1.5 inch2, 0.06 - inch thick fr4 pcb, in a still air environment with t a =25c. the power dissipation p d is based on r ja value and the t j(max) =150c. the value in any given application is determined by the user's specific board design, and the maximum temperature of 150c may be used if the pcb allows it to. b the value of r ja is measured with the device mounted on fr - 4 minimum pad board, in a still air envi ronment with t a =25c. the power dissipation p d is based on r ja value and the t j(max) =150c. the value in any given application is determined by the user's specific board design, and the maximum temperature of 150c may be used if the pcb allows it to. c re petitive rating, ~10us pulse width, duty cycle ~1%, keep initial t j =25c, the maximum allowed junction temperature of 150c. d the maximum current rating by source bonding technology e the static characteristics are obtained using ~380us pulses, duty cycle ~1 %. . parameter symbol maximum unit drain - source voltage v ds 20 v gate - source voltage v gs 10 continuous drain current d t a =25c i d 800 m a t a =70c 640 pulsed drain current c i dm 3 000 ma power dissipation a t a =25c p d 480 m w t a =70c 305 operating junction temperature t j - 55 to 150 c storage temperature range t stg - 55 to 150 c single operation parameter symbol maximum unit junction - to - ambient thermal resistance a t 10 s r ja 216 c/w steady state 262 junction - to - ambient thermal resistance b t 10 s r ja 464 steady state 580
wnm2096 will semiconductor ltd. 3 feb ,2019 - rev.1.0 electronics characteristics (ta=25 o c, unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics drain - to - source breakdown voltage b v dss v gs = 0 v, i d = 250 u a 20 v zero gate voltage drain current i dss v ds = 16 v, v gs = 0v 1 u a gate - t o - s ource leakage current i gss v ds = 0 v, v gs = 10 v 10 u a on characteristics gate threshold voltage v gs(th) v gs = v ds , i d = 2 5 0u a 0.4 0 . 7 1 .0 v drain - t o - s ource on - r esistance r ds(on) v gs = 4.5 v , i d = 0.55 a 325 500 m? v gs = 3.1 v , i d = 0.35 a 370 570 v gs = 2.5 v , i d = 0.25 a 420 700 v gs = 1.8 v , i d = 0.15 a 560 1500 charges, capacitances and gate resistance input capacitance c iss v gs = 0 v, f = 1 .0 mhz, v ds = 1 0 v 29 pf output capacitance c oss 11 reverse transfer capacitance c rss 4 total gate charge q g(tot) v gs = 4.5 v, v ds = 10 v, i d = 0.55 a 1.1 nc threshold gate charge q g(th) 0.11 gate - to - source charge q gs 0.15 gate - to - drain charge q gd 0.32 switching characteristics turn - on delay time td(on) v gs = 4.5 v, v ds = 10 v, i d =0.55a , r g = 6 ? 5 ns rise time tr 5.8 turn - off delay time td(off) 15.4 fall time tf 3.6 body diode characteristics forward voltage v sd v gs = 0 v, i s = 0.8 a 0. 9 1 .1 v
wnm2096 will semiconductor ltd. 4 feb ,2019 - rev.1.0 typical characteristics (ta=25 o c, unless otherwise noted) output c haracteristics e on - resistance vs. d rain current e on - resistance vs. junction temperature e transfer c haracteristics e on - resistance vs. gate - to - source voltage e threshold v oltage vs. temperature 0 5 10 15 20 0 2 4 6 v gs =10v v gs =8v v gs =6v i ds -drain-to-source current (a) v ds -drain-to-source voltage(v) v gs =5.5v 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v gs =4.5v v gs =2.5v v gs =3.1v v gs =1.8v i d -drain-to-source current(a) v ds -drain-to-source voltage(v) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t=-50 o c t=25 o c t=150 o c i ds -drain to source current(a) v gs -gate to source voltage(v) v ds =2v 1 2 3 4 5 6 7 8 9 10 200 300 400 500 600 700 i d =0.55a r ds(on) -on resistance ( m ? v gs -gate to source voltage (v) -50 -25 0 25 50 75 100 125 150 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v gs =4.5v i d =0.55a r ds(on) -on resistance normalized temperature ( o c ) -50 -25 0 25 50 75 100 125 150 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 i d =250ua gate threshold voltage normalized temperature ( o c ) 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 250 300 350 400 450 500 v gs =4.5v v gs =3.1v r ds(on) -resistance ( m ? i ds -drain to source current(a)
wnm2096 will semiconductor ltd. 5 feb ,2019 - rev.1.0 capacitance single p ulse power body diode forward voltage e safe o perating p ower gate c harge c haracteristics 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1 2 3 4 5 t=-50 o c t=25 o c t=150 o c i sd -source to drain current (a) v sd -source to drain voltage (v) 0.0 0.3 0.6 0.9 1.2 1.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v gs =4.5v v ds =10v i d =0.55a v gs -gate to source voltage (v) gate charge characteristics (nc) 0 2 4 6 8 10 0 10 20 30 40 50 c rss c oss c iss v gs =0 f=1mhz c-capacitance(pf) v ds -source to source voltage(v) 1e-4 1e-3 0.01 0.1 1 10 100 1000 5 10 15 20 25 30 t j(max) =25 o c t a =25 o c t j(max) =25 o c t a =25 o c t j(max) =25 o c t a =25 o c t j(max) =25 o c t a =25 o c t j(max) =25 o c t a =25 o c t j(max) =25 o c t a =25 o c t j(max) =25 o c t a =25 o c t j(max) =25 o c t a =25 o c t j(max) =25 o c t a =25 o c power(w) pulse width(s) 0.01 0.1 1 10 100 0.01 0.1 1 10 100us 1ms 10ms 100ms dc t j(max) =150 o c t a =25 o c single pulse limit by rdson 10s 1s i d -drain current (a) v ds -drain to source voltage(v)
wnm2096 will semiconductor ltd. 6 feb ,2019 - rev.1.0 transient thermal response (junction - to - ambient) 1e-5 1e-4 1e-3 0.01 0.1 1 10 100 1000 1e-3 0.01 0.1 1 10 single pulse in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pluse normalized effective transient thermal impedance square wave pulse duration (s)
w nm2096 will semiconductor ltd. 7 feb ,2019 - rev.1.0 p ackage outline dimensions dfn1006 - 3l symbol dimensions in millimeters min. typ. max. a 0.36 - 0.50 a1 0.00 - 0.05 d 0.95 1.00 1.05 e 0.55 0.60 0.65 b 1 0.10 0.15 0.20 b 2 0.40 0.50 0.60 l 0.20 0.25 0.30 l 1 0.20 0.30 0.40 e 1 0.35ref e2 0.65 ref e2 e1 l l l1 ( ) ( ) ( ) ( ) e d b2 b1 top view bottom view side view a1 a
wnm2096 will semiconductor ltd. 8 feb ,2019 - rev.1.0 tape and reel information reel dimensions tape dimensions quadrant assignments for pin1 orientation in tape rd reel dimension w overall width of the carrier tape 1 p1 pitch between successive cavity centers pin1 pin1 quadrant user direction of feed w p1 q1 q2 q4 q3 q1 q2 q4 q3 reel dimensions rd 7inch 13inch 2mm 4mm 8mm q1 q2 q3 q4 8mm 12mm 16mm


▲Up To Search▲   

 
Price & Availability of WNM2096-3TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X