Part Number Hot Search : 
PL3223 ULN2024 PSD4235 HV3KVLCD MJE1300 TAC97 CA314 62WV5128
Product Description
Full Text Search
 

To Download TR4-SAM03P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet TR4-SAM03P tr4 direct non-contact safety switches
a b c d e f h i j k l m n o p q r s t TR4-SAM03P | tr4 direct non-contact safety switches ordering information type part no. TR4-SAM03P 6034586 other models and accessories www.sick.com/tr4_direct detailed technical data features system part sensor and actuator sensor principle transponder number of safe outputs 2 safe switch on distance s ao 15?mm safe switch off distance s ar 25?mm active sensor surfaces 2 actuation directions 5 coding universally coded safety-related parameters safety integrity level sil3 (iec?61508), silcl3 (en?62061) category category 4?(en?iso?13849) performance level pl?e?(en?iso?13849) pfh d (mean probability of a dangerous fail- ure per hour) 1.119?x?10 -9 (en?iso?13849) t m (mission time) 20?years (en?iso?13849) type type 4?(en?iso?14119) actuator coding level low coding level (en?iso?14119) classification in compliance with iec/ en?60947-5-3 pdf-m safe state in the event of a fault at least one safety-related semiconductor output (ossd) is in the off state. functions cascading ? interfaces connection type cable length of cable 3?m cable material pvc long connecting cable 200?m status display ? 2 safety switches | sick online data sheet | 2018-08-31 13:13:28 subject to change without notice
TR4-SAM03P | tr4 direct non-contact safety switches electrical data protection class iii (en?50178) classification according to culus class 2 supply voltage v s 24?v?dc (20.4?v?dc?... 26.4?v?dc) power consumption 50?ma type of output semiconductor (ossd) output current ?200?ma response time 60?ms? 1) enable time 360?ms? 2) risk time 60?s? 3) switch-on time 2.5?s? 4) electrical life 10?x?10 6 switching cycles 1) ?in a cascade, each downstream safety switch increases the system response time . more response times can be found in the operating instructions. 2) ?response time on approach to the enable zone. 3) ?detection time for external faults (e.g., short-circuit or cross-circuit of output signal switching devices). follow the detailed information in the operating instructions. 4) ?after application of the supply voltage to the safety switch. mechanical data design cylindrical housing diameter (sensor/actuator) m18?/ m18 weight 218?g housing material valox? dr48 ambient data enclosure rating ip69k (iec?60529) nema 3?(nema 250) nema 4x (nema 250) nema 12?(nema 250) nema 13?(nema 250) ambient operating temperature C10?c?... +55?c vibration resistance 10?hz?... 55?hz, 3.5?mm (iec?60068-2-6) shock resistance 30?g, 11?ms (en?60068-2-27) classifications ecl@ss 5.0 27272403 ecl@ss 5.1.4 27272403 ecl@ss 6.0 27272403 ecl@ss 6.2 27272403 ecl@ss 7.0 27272403 ecl@ss 8.0 27272403 ecl@ss 8.1 27272403 ecl@ss 9.0 27272403 etim 5.0 ec001829 etim 6.0 ec001829 unspsc 16.0901 39122205 2018-08-31 13:13:28 | online data sheet subject to change without notice safety switches | sick 3
a b c d e f h i j k l m n o p q r s t TR4-SAM03P | tr4 direct non-contact safety switches dimensional drawing (dimensions in mm (inch)) 67.1 2.0 m18 x 1 15.4 3.2 19.8 4.6 36.5 15.9 13.7 36.5 15.9 13.7 response range safe switch-on distance 15 mm ao s switch-on distance [mm] alignment offset [mm] side approach side approach on off off if the actuator moves laterally in relation to the surface of the sensor, a m inimum distance of 4?mm must be maintained. this dis- tance will prevent premature triggering due to the side approach areas. connection diagram white brown green yellow grey pink blue red aux output (not safe) voltage supply 24 v dc not connected enable input for channel b safety output a safety output b voltage supply 0 v dc enable input for channel a wh bn gn ye gy pk bu rd 4 safety switches | sick online data sheet | 2018-08-31 13:13:28 subject to change without notice
TR4-SAM03P | tr4 direct non-contact safety switches recommended accessories other models and accessories www.sick.com/tr4_direct brief description type part no. mounting brackets and plates mounting bracket for m18 sensors, steel, zinc coated, without mounting hardware bef-wn-m18 5308446 terminal and alignment brackets clamping block for round sensors m18, without fixed stop, plastic (pa12), glass-fiber reinforced, mounting hardware included bef-kh-m18 2051481 2018-08-31 13:13:28 | online data sheet subject to change without notice safety switches | sick 5
online data sheet sick ag | waldkirch | germany | www.sick.com sick at a glance sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica- tions. a unique range of products and services creates the perfect basis for controlling processes securely and eficiently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require- ments. with intelligent sensors, we can deliver exactly what our customers need. in application cent ers in europe, asia and north america, system solutions are tested and optimized in accordance with custome r speciications. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick lifetime services provide support throughout the ma- chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. worldwide presence: contacts and other locations www.sick.com


▲Up To Search▲   

 
Price & Availability of TR4-SAM03P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X