a3 dimensions: 0 plc 1 plc 2 plc 3 plc 4 plc angles d d c b a c b a 4 3 2 1 of scale sheet rev name size cage code drawing no tolerances unless otherwise specified: dwn chk apvd material finish revisions p ltr date apvd dwn description all rights reserved. released for publication c copyright this drawing is unpublished. product spec application spec weight 1470-19 (3/13) restricted to this drawing is a controlled document. te connectivity a initial release 08apr2015 gy cw b ecr-15-013759 29sep2015 dw cw b1 ecr-16-009892 13jul2016 rl cw 64 33.8 19.1 1.2 34.1 27 57 ( ) 21.1 48 57 5 27 14 36 4xn 3.3 t2040103101-001 he-010-ms he-010 male insert, wiih stainless steel screw, spring clamp he-010 , , stainless steel stainless steel T2040103101-000 he-010-ms he-010 male insert, spring clamp he-010 , steel steel part number part description fixing screw mat'l ground contact screw mat'l notes: 1. technical characteristics: insulation material: pc rated voltage: 500v rated current: 16a insulation resistance: >=400m^ rated impulse voltage: 6kv pollution degree: 3 flammability: ul94v-0 mating cycles: 500 cycles wire range: 0.5mm2~2.5mm2 (awg20-awg14) contact finish: silver plated contact type: spring clamp : 1. : : pc : 500v : 16a : >=400m^ : 6kv : 3 : ul94v-0 : 500 : 0.5mm2~2.5mm2 (awg20-awg14) : : m4 screw, recommended tightening torque 1.2nm m4 , 1.2nm 4x m3 screw recommended tightening torque 0.5nm 4 x m3 , 0.5nm panel cut out for inserts for use without hoods/housing customer drawing t2040103101000 gino.yao 08apr2015 chris.wang 08apr2015 xiang.xu 08apr2015 1:1 1 1 b1 108-137044 114-137044 - - - mm - - - - - - he-010-ms - 20 20 00779 by -
|