Part Number Hot Search : 
BUZ21SMD BD115 M00000 BAV16W06 LS100 00M5T AP9563GM 0722B
Product Description
Full Text Search
 

To Download SPS-2345MW-D210G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway sps-2345mw-dxxxg *************************************************** *************************************************** *************************************************** ************** *************************************************** *************************************************** *************************************************** ************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial pa rk, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@op toway.com http: // www.optoway.com 2017/9/15 v3.1 1 sps-2345mw-dxxxg (rohs co mpliant) 40 km / 50ghz dwdm / 10g multirate digital diagnostic lc sfp+ single-mode transceiver *************************************************** *************************************************** *************************************************** ************** features  support 9.95 gbps to 11.1 gbps  complaint to sfp+ msa  compliant to ieee 802.3ae 10gbase-er  compliant with oc-192 ir-2 / sdh stm s-64.2b  maximum link length of 40 km  temperature-stabilized dwdm eml transmitter  15 db power budget at least  50 ghz itu grid, c band  sff-8472 digital diagnostic function  ac/ac coupling according to msa  single +3.3 v power supply  rohs 6/6 compliant  0 to 70 o c operating  class 1 laser international safety standard iec-608 25 compliant applications  sonet oc-192 ir-2 sdh stm s-64.2b sonet oc-192 ir-3 sdh stm s-64.3b itu-t g.709  10gbase-er/ew  40 km 10g fibre channel description the sps-2345mw-dxxxg series single mode transceiver is a small form factor pluggable module for bi-dire ctional serial optical data communications such as sonet oc -192 / sdh stm-64, 10g ethernet 10gbase-er/ew and 10g fibre channel. it is with the sfp 20-pin connector to allow hot plug capability. digital diagnostic functions a re available via an i 2 c. this module is designed for single mode fiber and operates at a nominal wavelength of 50ghz itu grid, c band dwdm wavelength. a guaranteed minimum optical link budget of 15 db is offered. t he transmitter section uses temperature-stabilized dwd m electrical-modulated laser (eml) and is a class 1 l aser compliant according to international safety standar d iec-60825. the receiver section uses an integrated ingaas detector preamplifier (idp) mounted in an optical h eader and a limiting post-amplifier ic. laser safety this single mode transceiver is a class 1 laser pro duct. it complies with iec-60825 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated within t he specified temperature and voltage limits. the optic al ports of the module shall be terminated with an optical c onnector or with a dust plug.
optoway sps-2345mw-dxxxg *************************************************** *************************************************** *************************************************** ************** *************************************************** *************************************************** *************************************************** ************* optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial pa rk, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@op toway.com http: // www.optoway.com 2017/9/15 v3.1 2 order information p/no. bit rate (gb/s) 10g distance (km) spacing (ghz) wavelength (nm) package case temp ( o c) rohs compliant sps-2345mw-dxxxg 9.95 ? 11.1 multirate* 40 50 dwdm** sfp+ with dmi 0 to 70 yes * : multirate for sonet oc-192 ir-2, oc-192 ir-3, 10g base-er/ew, 10g fibre channel, itu-t g.709, 10gbase -er/ew+fec ** : xxx: 50ghz itu grid wavelength (please see below) channel # product code frequency (thz) center wavel ength (nm) label 190 sps-2345mw-d190g 191.90 1562.23 190 195 sps - 2345mw - d195g 191.95 1561. 83 195 200 sps-2345mw-d200g 192.00 1561.42 200 205 sps - 2345mw - d205g 192.05 1561.01 205 210 SPS-2345MW-D210G 192.10 1560.61 210 215 sps - 2345mw - d215g 192.15 1560.20 215 220 sps-2345mw-d220g 192.20 1559.79 220 225 sps - 2345mw - d225g 192.25 1559.39 225 230 sps-2345mw-d230g 192.30 1558.98 230 235 sps - 2345mw - d235g 192.35 1558.58 235 240 sps - 2345mw - d240g 192.40 1558.17 240 245 sps-2345mw-d245g 192.45 1557.77 245 250 sps - 2345mw - d250g 192.50 1557.36 250 255 sps-2345mw-d255g 192.55 1556.96 255 260 sps - 2345mw - d260g 192.60 1556.55 260 265 sps-2345mw-d265g 192.65 1556.15 265 270 sps - 2345mw - d270g 192.70 1555.75 270 275 sps-2345mw-d275g 192.75 1555.34 275 280 sps - 2345mw - d280g 192.80 1554.94 280 285 sps-2345mw-d285g 192.85 1554.54 285 290 sps - 2345mw - d290g 192.90 1554.13 290 295 sps-2345mw-d295g 192.95 1553.73 295 300 sps - 2345mw - d300g 193.00 1553.33 300 305 sps-2345mw-d305g 193.05 1552.93 305 310 sps - 2345mw - d310g 193.10 1552.52 310 315 sps-2345mw-d315g 193.15 1552.12 315 320 sps-2345mw-d320g 193.20 1551.72 320 325 sps-2345mw-d325g 193.25 1551.32 325 330 sps-2345mw-d330g 193.30 1550.92 330 335 sps-2345mw-d335g 193.35 1550.52 335 340 sps-2345mw-d340g 193.40 1550.12 340 345 sps-2345mw-d345g 193.45 1549.72 345 350 sps-2345mw-d350g 193.50 1549.32 350 355 sps-2345mw-d355g 193.55 1548.91 355 360 sps-2345mw-d360g 193.60 1548.51 360 365 sps-2345mw-d365g 193.65 1548.11 365 370 sps-2345mw-d370g 193.70 1547.72 370 375 sps-2345mw-d375g 193.75 1547.32 375 380 sps-2345mw-d380g 193.80 1546.92 380 385 sps-2345mw-d385g 193.85 1546.52 385 390 sps - 2345mw - d390g 193.90 1546.12 390 395 sps-2345mw-d395g 193.95 1545.72 395 400 sps - 2345mw - d40 0g 194.00 1545.32 400 405 sps-2345mw-d405g 194.05 1544.92 405 410 sps - 2345mw - d410g 194.10 1544.53 410 415 sps-2345mw-d415g 194.15 1544.13 415 420 sps - 2345mw - d420g 194.20 1543.73 420 425 sps-2345mw-d425g 194.25 1543.33 425 430 sps - 2345mw - d430g 194.30 1542.94 430 435 sps-2345mw-d435g 194.35 1542.54 435 440 sps - 2345mw - d440g 194.40 1542.14 440
optoway sps-2345mw-dxxxg *************************************************** *************************************************** *************************************************** ************** *************************************************** *************************************************** *************************************************** ************* optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial pa rk, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@op toway.com http: // www.optoway.com 2017/9/15 v3.1 3 channel # product code frequency (thz) center wavel ength (nm) label 445 sps-2345mw-d445g 194.45 1541.75 445 450 sps-2345mw-d450g 194.50 1541.35 450 455 sps - 2 345mw - d455g 194.55 1540.95 455 460 sps-2345mw-d460g 194.60 1540.56 460 465 sps - 2345mw - d465g 194.65 1540.16 465 470 sps-2345mw-d470g 194.70 1539.77 470 475 sps - 2345mw - d475g 194.75 1539.37 475 480 sps-2345mw-d480g 194.80 1538.98 480 485 sps - 2345mw - d485 g 194.85 1538.58 485 490 sps-2345mw-d490g 194.90 1538.19 490 495 sps - 2345mw - d495g 194.95 1537.79 495 500 sps-2345mw-d500g 195.00 1537.40 500 505 sps - 2345mw - d505g 195.05 1537.00 505 510 sps-2345mw-d510g 195.10 1536.61 510 515 sps - 2345mw - d515g 195.15 1 536.22 515 520 sps - 2345mw - d520g 195.20 1535.82 520 525 sps-2345mw-d525g 195.25 1535.43 525 530 sps - 2345mw - d530g 195.30 1535.04 530 535 sps-2345mw-d535g 195.35 1534.64 535 540 sps - 2345mw - d540g 195.40 1534.25 540 545 sps-2345mw-d545g 195.45 1533.86 545 550 sps - 2345mw - d550g 195.50 1533.47 550 555 sps-2345mw-d555g 195.55 1533.07 555 560 sps - 2345mw - d560g 195.60 1532.68 560 565 sps-2345mw-d565g 195.65 1532.29 565 570 sps - 2345mw - d570g 195.70 1531.90 570 575 sps-2345mw-d575g 195.75 1531.51 575 580 sps - 2345mw - d580g 195.80 1531.12 580 585 sps-2345mw-d585g 195.85 1530.72 585 590 sps - 2345mw - d590g 195.90 1530.33 590 595 sps-2345mw-d595g 195.95 1529.94 595 600 sps-2345mw-d600g 196.00 1529.55 600 605 sps-2345mw-d605g 196.05 1529.16 605 610 sps-2345mw-d610g 196.10 1528.77 610
optoway sps-2345mw-dxxxg *************************************************** *************************************************** *************************************************** ************** *************************************************** *************************************************** *************************************************** ************* optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial pa rk, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@op toway.com http: // www.optoway.com 2017/9/15 v3.1 4 absolute maximum ratings parameter symbol min max units notes storage temperature tstg -40 85 o c relative humidity rh 5 85 % non-condensing operating case temperature topr 0 70 o c power supply voltage vcc - 0.5 3.6 v receiver input optical power mip 3 dbm average pow er recommended operating conditions parameter symbol min typ max units / notes power supply voltage vcc 3.135 3.3 3.465 v operating case temperature topr 0 70 o c relative humidity rh 5 85 % / non-condensing power supply current i cc (tx+rx) 320 500 ma data rate 9.95 / 10.3 11.1 gb/s transmitter optical specifications (0 o c < topr < 70 o c, 3.13v < vcc < 3.47v) parameter symbol min typ max units notes average launch power po, avg -1 2 dbm 1 optical modulation amplitude po, oma - 1.7 1 extinction ratio er 8.2 db center wavelength spacing 50 ghz transmitter center wavelength -- over life time l c x-60 x x+60 pm 2 output spectrum width dl --- 1 nm -20 db width side mode suppression ratio smsr 30 db transmitter and dispersion penalty @ -500 to 1600 ps/nm tdp 2 db relative intensity noise rin - 1 28 db/hz average launch power of off transmitter -30 dbm 1. output power is power coupled into a 9/125 m m single-mode fiber. 2. x = specified itu grid wavelength. receiver optical specifications (0 o c < topr < 70 o c, 3.13v < vcc < 3.47v) parameter symbol min typ max units notes sensitivity -16 dbm 3 stressed receiver sensitivity, oma -11.3 dbm receiver overload p m ax -1 --- dbm los -- deasserted los d --- --- -16 dbm transition: low to high los -- asserted los a - 28 --- --- dbm transition: high to low wavelength of operation l c 1 26 0 1620 nm optical return loss orl - 2 7 db 3. measured with worst er; ber < 10 -12 and prbs 2 31 -1. equivalent to -14.3 dbm oma at er=8.2 db.
optoway sps-2345mw-dxxxg *************************************************** *************************************************** *************************************************** ************** *************************************************** *************************************************** *************************************************** ************* optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial pa rk, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@op toway.com http: // www.optoway.com 2017/9/15 v3.1 5 electrical characteristics parameter symbol min typ max units notes high - speed signal (cml) interface specification input data rate 9.95 / 10.3 11.1 gb/s differential input impedance rin 100 differential data input amplitude 120 820 mvpp internally ac coupled output data rate 9.95 / 10.3 1 1.1 gb/s differential output impedance rout 100 differential data output amplitude 350 600 850 mvpp internally ac coupled low - speed signal (lvttl) interface specification input high voltage 2.0 vcc+0.3 v input low voltage gnd 0.8 v output high voltage 2.4 vcc v output low voltage gnd 0.5 v
optoway sps-2345mw-dxxxg *************************************************** *************************************************** *************************************************** ************** *************************************************** *************************************************** *************************************************** ************* optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial pa rk, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@op toway.com http: // www.optoway.com 2017/9/15 v3.1 6 connection diagram pin signal name description pin signal name description 1 v ee t transmitter signal ground 11 v ee r receiver signal ground 2 tx_fault transmitter fault indication. logic ?1? output = laser fault. logic ?0? output = normal operation 12 rd- inverse receiver data out 3 tx_disable logic ?1? input (or no connection) = laser off, logic ?0? = laser on. 13 rd+ receiver data out 4 sda modulation definition 2 ? two wires serial id interface 14 v ee r receiver signal ground 5 scl modulation definition 1 ? two wires serial id interface 15 v cc r receiver power ? 3.3v5% 6 mod-abs modulation definition 0 ? ground in modul e 16 v cc t transmitter power ? 3.3v5% 7 rs0 rx rate select (lvttl). this pin has an internal 30k pulldown to ground. a signal on this pin will not affect module performance. 17 v ee t transmitter signal ground 8 rx_los loss of signal out (oc). 18 td+ transmitter data in 9 rs1 tx rate select (lvttl). this pin has an internal 30k pulldown to ground. a signal on this pin will not affect module performance. 19 td- inverse transmitter data in 10 v e e r receiver signal ground 20 v ee t transmitter signal ground module definition module definition pin 4 pin 5 pin 6 interpretation by host 4 sda scl mod-abs serial module definition protocol module definition 4 specifies a serial definition p rotocol. for this definition, upon power up, sda an d scl appear as no connector (nc) and mod-abs is ttl low. when the host system d etects this condition, it activates the serial prot ocol. the protocol uses the 2-wire serial cmos e 2 prom protocol of the atmel at24c01a/02/04 family of components.
optoway sps-2345mw-dxxxg *************************************************** *************************************************** *************************************************** ************** *************************************************** *************************************************** *************************************************** ************* optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial pa rk, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@op toway.com http: // www.optoway.com 2017/9/15 v3.1 7 recommended circuit schematic 0.1 f 22 f 0.1 f 22 f vee r post amp ld driver z=50 ? z=50 ? z=50 ? z=50 ? vee t 4 .7 h 4 .7 h td - td + vcc t vcc r rd - rd + 100 ? sfp+ module serdes 100 ? los rd - rd + td - td + 0.1 f protocol eeprom module detect scl sda loss of singal tx_disable tx_fault mod_abs scl sda 10 k ? 10 k ? 10 k ? 10 k ? tx_fault tx_disable (1,17,20) 3 2 18 19 16 15 12 13 8 (10,11,14) 6 5 4 10 k ? vcc 3.3v vcc 3.3v ic ic depending on serdes 0.1 f 30k ? 30k ? rs1 rs0 7 9 tx rate select rx rate select package diagram units in mm note: specifications subject to change without notice.
optoway sps-2345mw-dxxxg *************************************************** *************************************************** *************************************************** ************** *************************************************** *************************************************** *************************************************** ************* optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial pa rk, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@op toway.com http: // www.optoway.com 2017/9/15 v3.1 8 revision history version subject release date 1.0 initial datasheet 20 10 /7/1 2.0 change the tx wavelength stability to +/ - 60 pm 201 2 / 9 /1 3.0 add 5 0ghz itu grid channel # 19 0, 195 , 605, and 61 0 2016/1/5 3.1 update package diagram 2017/9/15


▲Up To Search▲   

 
Price & Availability of SPS-2345MW-D210G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X