Part Number Hot Search : 
ADC12 AN8570SH BD898 TDA48 BF799W 1N5249 S4F42Q1 TDA5155X
Product Description
Full Text Search
 

To Download SN74LVTH126NSR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  scbs746b ? july 2000 - revised october 2003 1 post office box 655303 ? dallas, texas 75265  support mixed-mode signal operation (5-v input and output voltages with 3.3-v v cc )  support unregulated battery operation down to 2.7 v  typical v olp (output ground bounce) <0.8 v at v cc = 3.3 v, t a = 25 c  i off and power-up 3-state support hot insertion  bus hold on data inputs eliminates the need for external pullup/pulldown resistors  latch-up performance exceeds 100 ma per jesd 78, class ii  esd protection exceeds jesd 22 ? 2000-v human-body model (a114-a) ? 200-v machine model (a115-a) ? 1000-v charged-device model (c101) description/ordering information these bus buffers are designed specifically for low-voltage (3.3-v) v cc operation, but with the capability to provide a ttl interface to a 5-v system environment. the ?lvth126 devices feature independent line drivers with 3-state outputs. each output is in the high-impedance state when the associated output-enable (oe) input is low. active bus-hold circuitry holds unused or undriven inputs at a valid logic state. use of pullup or pulldown resistors with the bus-hold circuitry is not recommended. ordering information t a package ? orderable part number top-side marking soic ? d tube sn74lvth126d lvth126 soic ? d tape and reel sn74lvth126dr lvth126 sop ? ns tape and reel SN74LVTH126NSR lvth126 ?40 c to 85 c ssop ? db tape and reel sn74lvth126dbr lxh126 ?40 c to 85 c tssop ? pw tube sn74lvth126pw lxh126 tssop ? pw tape and reel sn74lvth126pwr lxh126 tvsop ? dgv tape and reel sn74lvth126dgvr lxh126 cdip ? j tube snj54lvth126j snj54lvth126j ?55 c to 125 c cfp ? w tube snj54lvth126w snj54lvth126w ?55 c to 125 c lccc ? fk tube snj54lvth126fk snj54lvth126fk ? package drawings, standard packing quantities, thermal data, symbolization, and pcb design guidelines are available at www.ti.com/sc/package. copyright ? 2003, texas instruments incorporated please be aware that an important notice concerning avail ability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. sn54lvth126 ...j or w p ackage sn74lvth126 ...d, db, dgv, ns, or pw package (top view) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1oe 1a 1y 2oe 2a 2y gnd v cc 4oe 4a 4y 3oe 3a 3y 3212019 910111213 4 5 6 7 8 18 17 16 15 14 4a nc 4y nc 3oe 1y nc 2oe nc 2a 1a 1oe nc 3y 3a v 4oe 2y gnd nc cc nc ? no internal connection sn54lvth126 . . . fk package (top view)
scbs746b ? july 2000 - revised october 2003 2 post office box 655303 ? dallas, texas 75265 description/ordering information (continued) when v cc is between 0 and 1.5 v, the device is in the high-impedance state during power up or power down. however, to ensure the high-impedance state above 1.5 v, oe should be tied to gnd through a pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver. these devices are fully specified for hot-insertion applications using i off and power-up 3-state. the i off circuitry disables the outputs, preventing damaging current backflow through the devices when they are powered down. the power-up 3-state circuitry places the outputs in the high-impedance state during power up and power down, which prevents driver conflict. function table (each buffer) inputs output oe a output y h h h h ll l x z logic diagram (positive logic) 1 1oe 2 1a 1y 3 4 2oe 5 2a 2y 6 10 3oe 9 3a 3y 8 13 4oe 12 4a 4y 11 pin numbers shown are for the d, db, dgv, j, ns, pw, and w packages.
scbs746b ? july 2000 - revised october 2003 3 post office box 655303 ? dallas, texas 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) ? supply voltage range, v cc ?0.5 v to 4.6 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input voltage range, v i (see note 1) ?0.5 v to 7 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . voltage range applied to any output in the high-impedance or power-off state, v o (see note 1) ?0.5 v to 7 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . voltage range applied to any output in the high state, v o (see note 1) ?0.5 v to v cc + 0.5 v . . . . . . . . . . . . . current into any output in the low state, i o : sn54lvth126 96 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . sn74lvth126 128 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . current into any output in the high state, i o (see note 2): sn54lvth126 48 ma . . . . . . . . . . . . . . . . . . . . . . . . sn74lvth126 64 ma . . . . . . . . . . . . . . . . . . . . . . . . input clamp current, i ik (v i < 0) ?50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . output clamp current, i ok (v o < 0) ?50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . package thermal impedance, ja (see note 3): d package 86 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . db package 96 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . dgv package 127 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ns package 76 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . pw package 113 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ?65 c to 150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ? stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only, a nd functional operation of the device at these or any other conditions beyond those indicated under ?recommended operating conditi ons? is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. notes: 1. the input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observe d. 2. this current flows only when the output is in the high state and v o > v cc . 3. the package thermal impedance is calculated in accordance with jesd 51-7. recommended operating conditions (see note 4) sn54lvth126 sn74lvth126 unit min max min max unit v cc supply voltage 2.7 3.6 2.7 3.6 v v ih high-level input voltage 2 2 v v il low-level input voltage 0.8 0.8 v v i input voltage 5.5 5.5 v i oh high-level output current ?24 ?32 ma i ol low-level output current 48 64 ma ? t/ ? v input transition rise or fall rate outputs enabled 10 10 ns/v ? t/ ? v cc power-up ramp rate 200 200 s/v t a operating free-air temperature ?55 125 ?40 85 c note 4: all unused control inputs of the device must be held at v cc or gnd to ensure proper device operation. refer to the ti application report, implications of slow or floating cmos inputs , literature number scba004.
scbs746b ? july 2000 - revised october 2003 4 post office box 655303 ? dallas, texas 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions sn54lvth126 sn74lvth126 unit parameter test conditions min typ ? max min typ ? max unit v ik v cc = 2.7 v, i i = ?18 ma ?1.2 ?1.2 v v cc = 2.7 v to 3.6 v, i oh = ?100 a v cc ?0.2 v cc ?0.2 v oh v cc = 2.7 v, i oh = ?8 ma 2.4 2.4 v v oh v cc = 3 v i oh = ?24 ma 2 v v cc = 3 v i oh = ?32 ma 2 v cc = 2.7 v i ol = 100 a 0.2 0.2 v cc = 2.7 v i ol = 24 ma 0.5 0.5 v ol i ol = 16 ma 0.4 0.4 v v ol v cc = 3 v i ol = 32 ma 0.5 0.5 v v cc = 3 v i ol = 48 ma 0.55 i ol = 64 ma 0.55 v cc = 0 or 3.6 v, v i = 5.5 v 10 10 i i control inputs v cc = 3.6 v, v i = v cc or gnd 1 1 a i i data inputs v cc = 3.6 v v i = v cc 1 1 a data inputs v cc = 3.6 v v i = 0 ?5 ?5 i off v cc = 0, v i or v o = 0 to 4.5 v 100 a v cc = 3 v v i = 0.8 v 75 75 i i(hold) data inputs v cc = 3 v v i = 2 v ?75 ?75 a i i(hold) data inputs v cc = 3.6 v ? , v i = 0 to 3.6 v 500 a i ozh v cc = 3.6 v, v o = 3 v 5 5 a i ozl v cc = 3.6 v, v o = 0.5 v ?5 ?5 a i ozpu v cc = 0 to 1.5 v, v o = 0.5 v to 3 v, oe = don?t care 50 ? 50 a i ozpd v cc = 1.5 v to 0, v o = 0.5 v to 3 v, oe = don?t care 50 ? 50 a v cc = 3.6 v, outputs high 0.12 0.19 0.12 0.19 i cc v cc = 3.6 v, i o = 0, v = v or gnd outputs low 4.5 7 4.5 7 ma i cc i o = 0, v i = v cc or gnd outputs disabled 0.12 0.19 0.12 0.19 ma ? i cc v cc = 3 v to 3.6 v, one input at v cc ? 0.6 v, other inputs at v cc or gnd 0.3 0.2 ma c i v i = 3 v or 0 4 4 pf c o v o = 3 v or 0 6.5 6.5 pf ? on products compliant to mil-prf-38535, this parameter is not production tested. ? all typical values are at v cc = 3.3 v, t a = 25 c. ? this is the bus-hold maximum dynamic current. it is the minimum overdrive current required to switch the input from one state t o another. this is the increase in supply current for each input that is at the specified ttl voltage level, rather than v cc or gnd.
scbs746b ? july 2000 - revised october 2003 5 post office box 655303 ? dallas, texas 75265 switching characteristics over recommended operating free-air temperature range, c l = 50 pf (unless otherwise noted) (see figure 1) sn54lvth126 sn74lvth126 parameter from (input) to (output) v cc = 3.3 v 0.3 v v cc = 2.7 v v cc = 3.3 v 0.3 v v cc = 2.7 v unit (input) (output) min max min max min typ ? max min max t plh a y 1 4.8 5.5 1 2.3 3.8 4.5 ns t phl a y 1 4.9 5.4 1 2.4 3.9 4.4 ns t pzh oe y 1 6.4 7.1 1 3.6 5.4 6.1 ns t pzl oe y 1.1 6.2 6.8 1.1 3.6 5.2 5.8 ns t phz oe y 1 4.8 5.3 1 2.2 3.8 4.3 ns t plz oe y 1.3 6.5 7.1 1.3 3.6 5.5 6.1 ns ? all typical values are at v cc = 3.3 v, t a = 25 c.
scbs746b ? july 2000 - revised october 2003 6 post office box 655303 ? dallas, texas 75265 parameter measurement information 1.5 v t h t su from output under test c l = 50 pf (see note a) load circuit s1 6 v open gnd 500 ? 500 ? data input timing input 1.5 v 2.7 v 0 v 1.5 v 1.5 v 2.7 v 0 v 2.7 v 0 v 1.5 v t w input voltage waveforms setup and hold times voltage waveforms propagation delay times inverting and noninverting outputs voltage waveforms pulse duration t plh t phl t phl t plh v oh v oh v ol v ol 1.5 v 1.5 v 2.7 v 0 v 1.5 v 1.5 v input 1.5 v output control output waveform 1 s1 at 6 v (see note b) output waveform 2 s1 at gnd (see note b) v ol v oh t pzl t pzh t plz t phz 1.5 v 1.5 v 3 v 0 v 1.5 v v ol + 0.3 v 1.5 v v oh ? 0.3 v 0 v 2.7 v voltage waveforms enable and disable times low- and high-level enabling output output t plh /t phl t plz /t pzl t phz /t pzh open 6 v gnd test s1 notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 ? , t r 2.5 ns, t f 2.5 ns . d. the outputs are measured one at a time with one transition per measurement. 1.5 v figure 1. load circuit and voltage waveforms
packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) sn74lvth126d active soic d 14 50 pb-free (rohs) cu nipdau level-2-260c-1 year/ level-1-235c-unlim sn74lvth126dbr active ssop db 14 2000 pb-free (rohs) cu nipdau level-2-260c-1 year/ level-1-235c-unlim sn74lvth126dgvr active tvsop dgv 14 2000 pb-free (rohs) cu nipdau level-1-250c-unlim sn74lvth126dr active soic d 14 2500 pb-free (rohs) cu nipdau level-2-260c-1 year/ level-1-235c-unlim SN74LVTH126NSR active so ns 14 2000 pb-free (rohs) cu nipdau level-2-260c-1 year/ level-1-235c-unlim sn74lvth126pw active tssop pw 14 90 pb-free (rohs) cu nipdau level-1-250c-unlim sn74lvth126pwr active tssop pw 14 2000 pb-free (rohs) cu nipdau level-1-250c-unlim (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs) or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. -- the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder temperature. important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis. package option addendum www.ti.com 30-mar-2005 addendum-page 1
mechanical data mpds006c february 1996 revised august 2000 post office box 655303 ? dallas, texas 75265 dgv (r-pdso-g**) plastic small-outline 24 pins shown 14 3,70 3,50 4,90 5,10 20 dim pins ** 4073251/e 08/00 1,20 max seating plane 0,05 0,15 0,25 0,50 0,75 0,23 0,13 112 24 13 4,30 4,50 0,16 nom gage plane a 7,90 7,70 38 24 16 4,90 5,10 3,70 3,50 a max a min 6,60 6,20 11,20 11,40 56 9,60 9,80 48 0,08 m 0,07 0,40 0  8 notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side. d. falls within jedec: 24/48 pins mo-153 14/16/20/56 pins mo-194


mechanical data msso002e ? january 1995 ? revised december 2001 post office box 655303 ? dallas, texas 75265 db (r-pdso-g**) plastic small-outline 4040065 /e 12/01 28 pins shown gage plane 8,20 7,40 0,55 0,95 0,25 38 12,90 12,30 28 10,50 24 8,50 seating plane 9,90 7,90 30 10,50 9,90 0,38 5,60 5,00 15 0,22 14 a 28 1 20 16 6,50 6,50 14 0,05 min 5,90 5,90 dim a max a min pins ** 2,00 max 6,90 7,50 0,65 m 0,15 0 ?  8 0,10 0,09 0,25 notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion not to exceed 0,15. d. falls within jedec mo-150
mechanical data mtss001c january 1995 revised february 1999 post office box 655303 ? dallas, texas 75265 pw (r-pdso-g**) plastic small-outline package 14 pins shown 0,65 m 0,10 0,10 0,25 0,50 0,75 0,15 nom gage plane 28 9,80 9,60 24 7,90 7,70 20 16 6,60 6,40 4040064/f 01/97 0,30 6,60 6,20 8 0,19 4,30 4,50 7 0,15 14 a 1 1,20 max 14 5,10 4,90 8 3,10 2,90 a max a min dim pins ** 0,05 4,90 5,10 seating plane 0 8 notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion not to exceed 0,15. d. falls within jedec mo-153
important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to ti?s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ti?s standard warranty. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ti assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ti components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any ti patent right, copyright, mask work right, or other ti intellectual property right relating to any combination, machine, or process in which ti products or services are used. information published by ti regarding third-party products or services does not constitute a license from ti to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alteration is an unfair and deceptive business practice. ti is not responsible or liable for such altered documentation. resale of ti products or services with statements different from or beyond the parameters stated by ti for that product or service voids all express and any implied warranties for the associated ti product or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. following are urls where you can obtain information on other texas instruments products and application solutions: products applications amplifiers amplifier.ti.com audio www.ti.com/audio data converters dataconverter.ti.com automotive www.ti.com/automotive dsp dsp.ti.com broadband www.ti.com/broadband interface interface.ti.com digital control www.ti.com/digitalcontrol logic logic.ti.com military www.ti.com/military power mgmt power.ti.com optical networking www.ti.com/opticalnetwork microcontrollers microcontroller.ti.com security www.ti.com/security telephony www.ti.com/telephony video & imaging www.ti.com/video wireless www.ti.com/wireless mailing address: texas instruments post office box 655303 dallas, texas 75265 copyright ? 2005, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of SN74LVTH126NSR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X