Part Number Hot Search : 
L51DC MC74VHC1 TS01CRE MM1594G P87C5 LA71525M 2SC22 SAA4974
Product Description
Full Text Search
 

To Download SFA050XS1-OR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification SFA050XS1-OR customer d ate by approved by vincent prepared by weber
contents g e n e r a l d e s c r i p t i o n . . 2 f e a t u r e s . 2 a p p l i c a t i o n s 2 d r i vi n g b o a r d f u n c t i o n b l o c k . 3 a p p l i c a t i o n s c h e m a t i c d i a g r a ms . 4 e l e c t r o n i c c h a r a c t e r i s t i c s . . 5 c o n n e c t o r p i n d e f i n i t i o n 6 - 7 o u t l i n e d i m e n s i o n 8
general description: this color tft lcd driving board apply to drive pvis pa050xs1 pa050xu4,pa050xsg color tft lcd panel, the driving board provides all the needs to convert composite video signal to the proper interface of lcd panel .it can accept pal and ntsc video signal input. features: fit prime view pa050xs1& pa050xu4,pa050xsg tft lcd ultra compac dc/dc dc/ac video decoder all in one pal or ntsc video input up/down display reverse left/right display reverse single operation voltage 12v applications: security video game door phone video phone portable tv instrument display video input signal: composite video signal 1.0vp-p 75r work temperature: -20 0 c+70 0 c storage temperature: -30 0 c+80 0 c
driving board function block: composite video signal (1vpp, 75 ohm) +12v alternated r,g,b h.v composite sync lcd fpc cable backlight cable video signal process ic csc3100 d c/dc +5v +17v +3.3 -15v c n2 inverter c n tft lcd panel i/f pll l lcd panel
ap plication schematic diagrams
e lectronic characteristics (cn2) pin symbol i/o conditions min typ max unit 5 video i pal or ntsc 1 v 1 v in i in p in i dc( + ) dc ( +12v ) 10 12 14 550 6.6 v ma w 6 vo io o dc ( + ) 5 20 v ma 7 bright(rgb) i dc ( + ) 2.1 2.3 2.5 v 8 contrast i dc ( + ) 2.1 2.3 2.5 v 9 color i dc ( + ) 1.3 1.5 1.7 v 10 tint i dc ( + ) 1.7 1.8 1.9 v other vr default voltage p in symbol i/o conditions min typ max unit 1 brt i dc( + ) 2.1 2.3 2.5 v 2 pic i dc( + ) 1.3 1.5 1.7 v i nput / output connector 1.) cn2: power & video input connector pin no. : 14 , pitch : 1.25 mm, molex 53398-1410 or compatibility 2.) cn3: rgb input connector pin no. : 9 , pitch : 1.25 mm, molex 53398-0910 or compatibility 3.) cn1: lcd signal output connector fpc down connector, 30 pins , pitch : 0.5 mm 4.) cnh1: backlight high voltage connector pin no. : 2 , pitch : 3.5 mm jst bhsr-02vs-1or co mpatibility
connector pin definition cn2 pin definition no. pin name i/o pin description remark 1 vin i +12v power input 2 gnd i power ground 3 gnd i power ground 4 gnd i video signal ground 5 video i composite video signal input 6 +5v o for pin7/8/9/10 control purpose 7 brightness i brightness control voltage input 8 contrast i contrast control voltage input 9 color i color control voltage input 10 tint i tint control voltage input 11 on/off i on/off (default on) note 4 12 r/l i picture left/right inverse control note 1 13 u/d i picture up/down inverse control note 2 14 dimmer i dimmer (default nc ) note 5 cn3 pin definition no. pin name i/o pin description remark 1 rin i red signal input 2 gin i green signal input 3 bin i blue signal input 4 sw i switch (video/rgb select) note 3 5 sync in i sync input 6 sync out o sync output 7 /hsync out o reverse hsync output 8 /vsync out o reverse vsync output 9 gnd i power ground ( 1) cnh1 pin definition no. pin name i/o remark 1 hv o lamp driving terminal (high voltage) 2 lv o lamp driving terminal (low voltage) ( 2) cn1 pin definition meet pa050xs1 pa050xu4,pa050xsg input definition
note 1: r/l = hi (+5v) for shift right, low (gnd) for shift left note 2: u/d = hi (+5v) for down, low (gnd) for up note 3: video = low, high (+5v) for rgb input note 4: on/off function. on/off= hi (+5v) for on, low (gnd) for off note 5: dimmer function voltage 0 v 1 v 2 v 3 v 4 v 5 v brightness 350 nit 280 nit 200 nit 100 nit 10 nit 5 nit d efault states: 1 ) support video signal input 2) support bright contrast color and tint adjustable 3) composite sync input and could switch to rgb input 4) support osd input mode (rgb input and hsy/vsy output) if need support s-video input, the followed operation is needed: 1) open r59 (1k ohm resistor) 2) solder rb1 (75ohm resistor) 3) solder c64 (0.1uf capacitor) 4) open rb2 (0ohm resistor) if the analog video signal is rgb, the composite synchronization signal is needed.
outline dimension description: outline: 110.0*80.0*10.1mm top layer high (max): 8.5mm board thickness: 1.6mm 6 screws: m3.0 weight: 0.05kg


▲Up To Search▲   

 
Price & Availability of SFA050XS1-OR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X