Part Number Hot Search : 
170M2620 MC1458 MP150 TS01APE 5C060 2N495302 PA16209 14600
Product Description
Full Text Search
 

To Download S30A-7111DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet S30A-7111DP s3000 profinet io professional safety laser scanners online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 147 (5.79) 136.8 (5.39) 120 (4.72) 31.7 (1.25) 159 (6.26) 4 x m8 x 9 4 x m6 x 8 155 (6.10) 77 (3.03) 63 (2.48) 13.5 (0.53) 53.2 (2.09) 78.5 (3.09) 202 (7.95) 224 (8.82) 4 x reference points for mounting a b c d e f h i j k l m n o p q r s t
S30A-7111DP | s3000 profinet io professional safety laser scanners system plug not supplied with delivery ordering information type part no. S30A-7111DP 1045655 usage the system plug has to be ordered separately. for details, see accessories. network cable and male connector cannot be purchased from sick. other models and accessories www.sick.com/s3000_profinet_io_professional detailed technical data features usage s3000 profinet io does not have any local inputs or outputs and is only operated in a net- work with corresponding controller. protective field range 7?m warning field range 49?m (20?m at 20?% reflectivity) distance measuring range 49?m number of simultaneously monitored pro- tective fields 2 type of field set dual field sets number of field sets 8 number of fields 16 number of monitoring cases 16 scanning angle 190 resolution (can be configured) 30?mm, 40?mm, 50?mm, 70?mm, 150?mm angular resolution 0.5, 0.25, depending on range and resolution response time 60?ms? 1) protective field supplement 100?mm number of multiple samplings 2?... 16, configurable delay of automatic reset 120?ms?... 4,920?ms, configurable 1) ?depending on basic response time and multiple sampling. safety-related parameters type type 3?(iec?61496) safety integrity level sil2 (iec?61508) silcl2 (en?62061) category category 3?(en?iso?13849) performance level pl?d?(en?iso?13849) 2 opto-electronic protective devices | sick online data sheet | 2017-08-09 08:28:06 subject to change without notice online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 147 (5.79) 136.8 (5.39) 120 (4.72) 31.7 (1.25) 159 (6.26) 4 x m8 x 9 4 x m6 x 8 155 (6.10) 77 (3.03) 63 (2.48) 13.5 (0.53) 53.2 (2.09) 78.5 (3.09) 202 (7.95) 224 (8.82) 4 x reference points for mounting a b c d e f h i j k l m n o p q r s t
S30A-7111DP | s3000 profinet io professional safety laser scanners pfh d (mean probability of a dangerous fail- ure per hour) 8.0?x?10 -8 (en?iso?13849) t m (mission time) 20?years (en?iso?13849) safe state in the event of a fault the safety-related data is logic 0. functions restart interlock ? multiple sampling ? monitoring case switching ? simultaneous monitoring ? static protective field switching ? contour as a reference ? integrated configuration memory ? measured data output ? interfaces connection type bus connection copper conductor (2?female connectors for rj-45 push-pull plug) supply connection system plug with or without connecting cable configuration and diagnostics interface rs-232 transmission rate 9.6?kbaud, 19.2?kbaud, 38.4?kbaud fieldbus, industrial network profinet profisafe type of fieldbus integration integrated in the device device properties profinet io device with 2-port real-time switch according to profinet specification v2.2 profisafe profile with 6-octet input and 6-octet output according to iec?61784-3-3 v2.4 cycle time 4, 8, 16, 32?ms, etc. gsdml according to gsdml specification v2.25 switch properties filtering data base according to ieee 802.1d 6?prioritization levels for ieee 802.1q C network prioritization 64?kb sram memory for caching telegrams, managed in 768-byte segments resource prioritization for network control and rtc2/3 frames telegram extension based on "cut-through" port status (disabled, blocking, forwarding) support for non-real-time and real-time data transfer port properties auto-negotiation auto-crossover (mdix) auto-polarity 100base-tx conformance conformance class b topology support snmp, mib-2, lldp according to ieee 802.1ab mrp client support diagnostics application-related manufacturer-specific channel diagnostics and channel diagnostics for the profisafe profile, individually switchable report system errors cable diagnostics neighborhood alerts support for port statistics i&m support from i&m0 to i&m4 interfaces tcp port 9000?and udp port 30718 rs-232 functions that are not supported multicast communication supervisor ar mac-pause mechanism in full duplex 2017-08-09 08:28:06 | online data sheet subject to change without notice opto-electronic protective devices | sick 3 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 147 (5.79) 136.8 (5.39) 120 (4.72) 31.7 (1.25) 159 (6.26) 4 x m8 x 9 4 x m6 x 8 155 (6.10) 77 (3.03) 63 (2.48) 13.5 (0.53) 53.2 (2.09) 78.5 (3.09) 202 (7.95) 224 (8.82) 4 x reference points for mounting a b c d e f h i j k l m n o p q r s t
S30A-7111DP | s3000 profinet io professional safety laser scanners back-pressure in half duplex static learning broadcast storm control electrical data protection class iii (vde 0106, en?60950) supply voltage v s 24?v?dc (16.8?v?dc?... 28.8?v?dc) power consumption ?0.8?a? 1) ?2.3?a? 2) 1) ?at 24?v?dc without output load. 2) ?at 24?v?dc including maximum output load. mechanical data dimensions (w?x h?x d) 155?mm?x 185?mm?x 160?mm weight 3.3?kg housing material aluminum die cast housing color ral 1021?(yellow) front screen material polycarbonat front screen surface finish outside with scratch-resistant coating ambient data enclosure rating ip65 (en?60529) ambient operating temperature C10?c?... +50?c storage temperature C25?c?... +50?c vibration resistance 5?g, 10?hz?... 150?hz (iec?61496-1, iec?61496-3) shock resistance 10?g, 16?ms (iec?61496-1, iec?61496-3) other information type of light pulsed laser diode wave length 905?nm detectable remission 1.8?%?... >?1,000?%, reflectors laser class 1?(21?cfr 1040.10?and 1040.11, iec?60825-1) dimensional drawing (dimensions in mm (inch)) 4 opto-electronic protective devices | sick online data sheet | 2017-08-09 08:28:06 subject to change without notice online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 147 (5.79) 136.8 (5.39) 120 (4.72) 31.7 (1.25) 159 (6.26) 4 x m8 x 9 4 x m6 x 8 155 (6.10) 77 (3.03) 63 (2.48) 13.5 (0.53) 53.2 (2.09) 78.5 (3.09) 202 (7.95) 224 (8.82) 4 x reference points for mounting a b c d e f h i j k l m n o p q r s t
S30A-7111DP | s3000 profinet io professional safety laser scanners recommended accessories other models and accessories www.sick.com/s3000_profinet_io_professional brief description type part no. mounting brackets and plates 1?piece, visor for heavy duty mounting kit (2080350), steel, painted (ral 1021) heavy duty sight 2083733 1?piece, mounting bracket, heavy-duty version, with protection cover, for floor mount- ing, adjustable longitudinal and lateral axes via alignment plate, height adjustment possible. tilt angle ?5o. additional mounting brackets are not required., steel, painted (ral 1021) heavy-duty mounting kit 2080350 1?piece, mounting bracket for direct mounting, from the rear, on wall or machine, not adjustable mounting kit 1 2015623 1?piece, mounting bracket for rear mounting on wall or machine, adjustable longitudi- nal and lateral axes, only in conjunction with mounting kit 1?(2015623) mounting kit 2 2015624 1?piece, mounting bracket for rear mounting on wall, floor, or machine, adjustable longitudinal and lateral axes, only in conjunction with mounting kit 1?(2015623) and 2?(2015624) mounting kit 3 2015625 plug connectors and cables head a: male connector, m8, 4-pin, straight head b: male connector, usb-a, straight cable: pvc, unshielded, 2?m dsl-8u04g02m025km1 6034574 head a: male connector, m8, 4-pin, straight head b: male connector, usb-a, straight cable: pvc, unshielded, 10?m dsl-8u04g10m025km1 6034575 head a: system plug cable: without cable not for use of incremental encoders, integrated configuration storage sx1a-a0000l 2047286 head a: system plug cable: pre-assembled, not for use of incremental encoders, integrated configuration storage, pvc, unshielded, 1?m sx1a-b0201l 2049575 head a: system plug cable: pre-assembled with power y-junction, not for use of incremental encoders, inte- grated configuration storage, pvc, unshielded, 1?m sx1a-b0201m 2049857 2017-08-09 08:28:06 | online data sheet subject to change without notice opto-electronic protective devices | sick 5 online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 147 (5.79) 136.8 (5.39) 120 (4.72) 31.7 (1.25) 159 (6.26) 4 x m8 x 9 4 x m6 x 8 155 (6.10) 77 (3.03) 63 (2.48) 13.5 (0.53) 53.2 (2.09) 78.5 (3.09) 202 (7.95) 224 (8.82) 4 x reference points for mounting a b c d e f h i j k l m n o p q r s t
online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 147 (5.79) 136.8 (5.39) 120 (4.72) 31.7 (1.25) 159 (6.26) 4 x m8 x 9 4 x m6 x 8 155 (6.10) 77 (3.03) 63 (2.48) 13.5 (0.53) 53.2 (2.09) 78.5 (3.09) 202 (7.95) 224 (8.82) 4 x reference points for mounting a b c d e f h i j k l m n o p q r s t


▲Up To Search▲   

 
Price & Availability of S30A-7111DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X