Part Number Hot Search : 
AD574AL 1N001 10011 1206C 93C66AK IRF1520G GF1640C DTA143ZA
Product Description
Full Text Search
 

To Download S30A-6011GB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet S30A-6011GB s3000 expert safety laser scanners in a1 a2 k1 k2 in b1 b2 in c1 c2 in d1 d2 16 11 13 17 19 15 22 20 84 2 5 10 12 16 18 14 23 21 79 3 bn gn ye pk bu fe wh gy k1 k2 h1 h2 k2 k1 x x y y z z k2 k1 1) e112714/00/2014-03-06 2 3 4 5 6 7 h 1 s3000 expert h = housing fe 0 v +24 v s300 mini remote online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 90 0 ? + 90 0 ? + 1/f 1/f htl htl s3000 expert s3000 remote flexi soft xtio flexi soft cpu1 +24 v dc0 v dc pe 1 6 11 13 17 19 15 22 20 8 4 2 5 10 12 16 18 14 23 21 7 9 3 1 5 6 7 14 15 4 3 2 a2 i7 q1 q2 q3 x2 q4 i8 a1 i1 i3 i4 i5 x1 i6 i2 a1 a b a2 a b efi1 efi2 k1 1) k1 k1 k1 k2 h1 k2 fe fe s1 k2 k2 z y y x x z a1 a2 b1 b2 e112713/00/2014-03-06 area to be kept clear during installation of the scanner axis of rotation of motor connector range: approx. 270 (10.63) reference points for mounting beam diameter sender = 15 (0.59) beam diameter receiver = 44 (1.73) 147 (5.79) 136.8 (5.39) m6 x 8 120 (4.72) 31.7 (1.25) 55 (2.17) 35 (1.38) m8 x 9 m13.5 23 (0.91) 78.5 (3.09) 53.2 (2.09) 185 (7.28) 211 (8.31) 27.8 (1.09) 65.2 (2.57) 93 (3.66) 160 (6.30) 63 (2.48) 77.5 (3.05) 155 (6.10) 92.5 (3.64) 1 55 ( 6 .10 ) 211 (8.31) 185 (7.28) 31.7 (1.25) 63 (2.48) a b c d e f h i j k l m n o p q r s t
S30A-6011GB | s3000 expert safety laser scanners system plug not supplied with delivery ordering information type part no. S30A-6011GB 1052108 the system plug has to be ordered separately. for details, see accessories. other models and accessories www.sick.com/s3000_expert detailed technical data features protective field range 5.5?m warning field range 49?m (20?m at 20?% reflectivity) distance measuring range 49?m number of simultaneously monitored pro- tective fields 4? 1) type of field set triple field sets, dual field sets number of field sets 32? 2) number of fields 64 number of monitoring cases 32? 3) scanning angle 190 resolution (can be configured) 30?mm, 40?mm, 50?mm, 70?mm, 150?mm angular resolution 0.5, 0.25, depending on range and resolution response time 60?ms? 4) protective field supplement 100?mm number of multiple samplings 2?... 16, configurable delay of automatic reset 2?s?... 60?s, configurable 1) ?if more than one protective field is monitored simultaneously, then the safe output signals must be routed to safe outputs of a flexi soft safety controller, or via a safe efi gateway. 2) ?in dual field mode 32, in triple field mode 21?field sets. 3) ?in combination with an additional static input via efi or using the dynamic inputs on the device. otherwise 16. 4) ?depending on basic response time and multiple sampling. safety-related parameters type type 3?(iec?61496) safety integrity level sil2 (iec?61508) silcl2 (en?62061) category category 3?(en?iso?13849) performance level pl?d?(en?iso?13849) 2 opto-electronic protective devices | sick online data sheet | 2017-05-30 12:10:04 subject to change without notice in a1 a2 k1 k2 in b1 b2 in c1 c2 in d1 d2 16 11 13 17 19 15 22 20 84 2 5 10 12 16 18 14 23 21 79 3 bn gn ye pk bu fe wh gy k1 k2 h1 h2 k2 k1 x x y y z z k2 k1 1) e112714/00/2014-03-06 2 3 4 5 6 7 h 1 s3000 expert h = housing fe 0 v +24 v s300 mini remote online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 90 0 ? + 90 0 ? + 1/f 1/f htl htl s3000 expert s3000 remote flexi soft xtio flexi soft cpu1 +24 v dc0 v dc pe 1 6 11 13 17 19 15 22 20 8 4 2 5 10 12 16 18 14 23 21 7 9 3 1 5 6 7 14 15 4 3 2 a2 i7 q1 q2 q3 x2 q4 i8 a1 i1 i3 i4 i5 x1 i6 i2 a1 a b a2 a b efi1 efi2 k1 1) k1 k1 k1 k2 h1 k2 fe fe s1 k2 k2 z y y x x z a1 a2 b1 b2 e112713/00/2014-03-06 area to be kept clear during installation of the scanner axis of rotation of motor connector range: approx. 270 (10.63) reference points for mounting beam diameter sender = 15 (0.59) beam diameter receiver = 44 (1.73) 147 (5.79) 136.8 (5.39) m6 x 8 120 (4.72) 31.7 (1.25) 55 (2.17) 35 (1.38) m8 x 9 m13.5 23 (0.91) 78.5 (3.09) 53.2 (2.09) 185 (7.28) 211 (8.31) 27.8 (1.09) 65.2 (2.57) 93 (3.66) 160 (6.30) 63 (2.48) 77.5 (3.05) 155 (6.10) 92.5 (3.64) 1 55 ( 6 .10 ) 211 (8.31) 185 (7.28) 31.7 (1.25) 63 (2.48) a b c d e f h i j k l m n o p q r s t
S30A-6011GB | s3000 expert safety laser scanners pfh d (mean probability of a dangerous fail- ure per hour) 8.0?x?10 -8 (en?iso?13849) t m (mission time) 20?years (en?iso?13849) safe state in the event of a fault at least one ossd is in the off state. functions restart interlock ? external device monitoring (edm) ? multiple sampling ? monitoring case switching ? simultaneous monitoring ? static protective field switching ? dynamic protective field switching ? contour as a reference ? integrated configuration memory ? measured data output ? extended measured data output (cms) ? safe sick device communication via efi ? electrical data protection class ii (en?50178) supply voltage v s 24?v?dc (16.8?v?dc?... 28.8?v?dc) power consumption ?0.8?a? 1) ?2.3?a? 2) outputs safety outputs (ossd) 2?x 500?ma diagnostic outputs 3?x 100?ma? 3) 1) ?at 24?v?dc without output load. 2) ?at 24?v?dc including maximum output load. 3) ?freely programmable, e.g. warning field, contamination, reset required. mechanical data dimensions (w?x h?x d) 155?mm?x 185?mm?x 160?mm weight 3.3?kg housing material aluminum die cast housing color ral 1021?(yellow) front screen material polycarbonat front screen surface finish outside with scratch-resistant coating ambient data enclosure rating ip65 (en?60529) ambient operating temperature C10?c?... +50?c storage temperature C25?c?... +50?c vibration resistance 5?g, 10?hz?... 150?hz (iec?61496-1, iec?61496-3) shock resistance 10?g, 16?ms (iec?61496-1, iec?61496-3) 2017-05-30 12:10:04 | online data sheet subject to change without notice opto-electronic protective devices | sick 3 in a1 a2 k1 k2 in b1 b2 in c1 c2 in d1 d2 16 11 13 17 19 15 22 20 84 2 5 10 12 16 18 14 23 21 79 3 bn gn ye pk bu fe wh gy k1 k2 h1 h2 k2 k1 x x y y z z k2 k1 1) e112714/00/2014-03-06 2 3 4 5 6 7 h 1 s3000 expert h = housing fe 0 v +24 v s300 mini remote online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 90 0 ? + 90 0 ? + 1/f 1/f htl htl s3000 expert s3000 remote flexi soft xtio flexi soft cpu1 +24 v dc0 v dc pe 1 6 11 13 17 19 15 22 20 8 4 2 5 10 12 16 18 14 23 21 7 9 3 1 5 6 7 14 15 4 3 2 a2 i7 q1 q2 q3 x2 q4 i8 a1 i1 i3 i4 i5 x1 i6 i2 a1 a b a2 a b efi1 efi2 k1 1) k1 k1 k1 k2 h1 k2 fe fe s1 k2 k2 z y y x x z a1 a2 b1 b2 e112713/00/2014-03-06 area to be kept clear during installation of the scanner axis of rotation of motor connector range: approx. 270 (10.63) reference points for mounting beam diameter sender = 15 (0.59) beam diameter receiver = 44 (1.73) 147 (5.79) 136.8 (5.39) m6 x 8 120 (4.72) 31.7 (1.25) 55 (2.17) 35 (1.38) m8 x 9 m13.5 23 (0.91) 78.5 (3.09) 53.2 (2.09) 185 (7.28) 211 (8.31) 27.8 (1.09) 65.2 (2.57) 93 (3.66) 160 (6.30) 63 (2.48) 77.5 (3.05) 155 (6.10) 92.5 (3.64) 1 55 ( 6 .10 ) 211 (8.31) 185 (7.28) 31.7 (1.25) 63 (2.48) a b c d e f h i j k l m n o p q r s t
S30A-6011GB | s3000 expert safety laser scanners other information type of light pulsed laser diode wave length 905?nm detectable remission 1.8?%?... >?1,000?%, reflectors laser class 1?(21?cfr 1040.10?and 1040.11, iec?60825-1) dimensional drawing (dimensions in mm (inch)) 4 opto-electronic protective devices | sick online data sheet | 2017-05-30 12:10:04 subject to change without notice in a1 a2 k1 k2 in b1 b2 in c1 c2 in d1 d2 16 11 13 17 19 15 22 20 84 2 5 10 12 16 18 14 23 21 79 3 bn gn ye pk bu fe wh gy k1 k2 h1 h2 k2 k1 x x y y z z k2 k1 1) e112714/00/2014-03-06 2 3 4 5 6 7 h 1 s3000 expert h = housing fe 0 v +24 v s300 mini remote online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 90 0 ? + 90 0 ? + 1/f 1/f htl htl s3000 expert s3000 remote flexi soft xtio flexi soft cpu1 +24 v dc0 v dc pe 1 6 11 13 17 19 15 22 20 8 4 2 5 10 12 16 18 14 23 21 7 9 3 1 5 6 7 14 15 4 3 2 a2 i7 q1 q2 q3 x2 q4 i8 a1 i1 i3 i4 i5 x1 i6 i2 a1 a b a2 a b efi1 efi2 k1 1) k1 k1 k1 k2 h1 k2 fe fe s1 k2 k2 z y y x x z a1 a2 b1 b2 e112713/00/2014-03-06 area to be kept clear during installation of the scanner axis of rotation of motor connector range: approx. 270 (10.63) reference points for mounting beam diameter sender = 15 (0.59) beam diameter receiver = 44 (1.73) 147 (5.79) 136.8 (5.39) m6 x 8 120 (4.72) 31.7 (1.25) 55 (2.17) 35 (1.38) m8 x 9 m13.5 23 (0.91) 78.5 (3.09) 53.2 (2.09) 185 (7.28) 211 (8.31) 27.8 (1.09) 65.2 (2.57) 93 (3.66) 160 (6.30) 63 (2.48) 77.5 (3.05) 155 (6.10) 92.5 (3.64) 1 55 ( 6 .10 ) 211 (8.31) 185 (7.28) 31.7 (1.25) 63 (2.48) a b c d e f h i j k l m n o p q r s t
S30A-6011GB | s3000 expert safety laser scanners connection diagram protective field switching between two s3000 scanners with static and dynamic inputs combination of safety laser scanners and incremental encoders with flexi soft safety controller s3000 expert with incremental encoders (x 2) for safe protective field switching based on dynamic input signals of the incremental encoders (speed) protective field switching with static and dynamic inputs of two scanners in combination with a flexi soft safety controller via efi (enhanced function interface) speed signals are transferred from scanner 1?to scanner 2?via efi and flexi soft comments 1) output circuits: these contacts are to be connected to the controller such that, with the output circuit open, the dangerous state is disabled. for categories 4?and 3, this integration must be dual-channel (x/y paths). single-channel insertion in the control (z path) is only possible with a single-channel control and by taking the risk analysis into account. s3000 expert with s300 mini remote in an efi system with relays/contactors operating mode: without restart interlock, with external device monitoring static protective field switching by the s3000 control inputs in a to d. the protective fields affect the ossds on the s3000 expert. comments 1) output circuits: these contacts are to be connected to the controller such that, with the output circuit open, the dangerous state is disabled. for categories 4?and 3, this integration must be dual-channel (x/y paths). single-channel insertion in the control (z path) is only possible with a single-channel control and by taking the risk analysis into account. 2017-05-30 12:10:04 | online data sheet subject to change without notice opto-electronic protective devices | sick 5 in a1 a2 k1 k2 in b1 b2 in c1 c2 in d1 d2 16 11 13 17 19 15 22 20 84 2 5 10 12 16 18 14 23 21 79 3 bn gn ye pk bu fe wh gy k1 k2 h1 h2 k2 k1 x x y y z z k2 k1 1) e112714/00/2014-03-06 2 3 4 5 6 7 h 1 s3000 expert h = housing fe 0 v +24 v s300 mini remote online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 90 0 ? + 90 0 ? + 1/f 1/f htl htl s3000 expert s3000 remote flexi soft xtio flexi soft cpu1 +24 v dc0 v dc pe 1 6 11 13 17 19 15 22 20 8 4 2 5 10 12 16 18 14 23 21 7 9 3 1 5 6 7 14 15 4 3 2 a2 i7 q1 q2 q3 x2 q4 i8 a1 i1 i3 i4 i5 x1 i6 i2 a1 a b a2 a b efi1 efi2 k1 1) k1 k1 k1 k2 h1 k2 fe fe s1 k2 k2 z y y x x z a1 a2 b1 b2 e112713/00/2014-03-06 area to be kept clear during installation of the scanner axis of rotation of motor connector range: approx. 270 (10.63) reference points for mounting beam diameter sender = 15 (0.59) beam diameter receiver = 44 (1.73) 147 (5.79) 136.8 (5.39) m6 x 8 120 (4.72) 31.7 (1.25) 55 (2.17) 35 (1.38) m8 x 9 m13.5 23 (0.91) 78.5 (3.09) 53.2 (2.09) 185 (7.28) 211 (8.31) 27.8 (1.09) 65.2 (2.57) 93 (3.66) 160 (6.30) 63 (2.48) 77.5 (3.05) 155 (6.10) 92.5 (3.64) 1 55 ( 6 .10 ) 211 (8.31) 185 (7.28) 31.7 (1.25) 63 (2.48) a b c d e f h i j k l m n o p q r s t
S30A-6011GB | s3000 expert safety laser scanners protective field switching between an s3000 expert and an s300 mini remote with static inputs combination of safety laser scanners and incremental encoders with flexi soft safety controller s3000 expert with incremental encoders (x 2) for safe protective field switching based on dynamic input signals of the incremental encoders (speed) protective field switching with static and dynamic inputs of two scanners in combination with a flexi soft safety controller via efi (enhanced function interface) speed signals are transferred from scanner 1?to scanner 2?via efi and flexi soft comments 1) output circuits: these contacts are to be connected to the controller such that, with the output circuit open, the dangerous state is disabled. for categories 4?and 3, this integration must be dual-channel (x/y paths). single-channel insertion in the control (z path) is only possible with a single-channel control and by taking the risk analysis into account. s3000 expert with s300 mini remote in an efi system with relays/contactors operating mode: without restart interlock, with external device monitoring static protective field switching by the s3000 control inputs in a to d. the protective fields affect the ossds on the s3000 expert. comments 1) output circuits: these contacts are to be connected to the controller such that, with the output circuit open, the dangerous state is disabled. for categories 4?and 3, this integration must be dual-channel (x/y paths). single-channel insertion in the control (z path) is only possible with a single-channel control and by taking the risk analysis into account. 6 opto-electronic protective devices | sick online data sheet | 2017-05-30 12:10:04 subject to change without notice in a1 a2 k1 k2 in b1 b2 in c1 c2 in d1 d2 16 11 13 17 19 15 22 20 84 2 5 10 12 16 18 14 23 21 79 3 bn gn ye pk bu fe wh gy k1 k2 h1 h2 k2 k1 x x y y z z k2 k1 1) e112714/00/2014-03-06 2 3 4 5 6 7 h 1 s3000 expert h = housing fe 0 v +24 v s300 mini remote online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 90 0 ? + 90 0 ? + 1/f 1/f htl htl s3000 expert s3000 remote flexi soft xtio flexi soft cpu1 +24 v dc0 v dc pe 1 6 11 13 17 19 15 22 20 8 4 2 5 10 12 16 18 14 23 21 7 9 3 1 5 6 7 14 15 4 3 2 a2 i7 q1 q2 q3 x2 q4 i8 a1 i1 i3 i4 i5 x1 i6 i2 a1 a b a2 a b efi1 efi2 k1 1) k1 k1 k1 k2 h1 k2 fe fe s1 k2 k2 z y y x x z a1 a2 b1 b2 e112713/00/2014-03-06 area to be kept clear during installation of the scanner axis of rotation of motor connector range: approx. 270 (10.63) reference points for mounting beam diameter sender = 15 (0.59) beam diameter receiver = 44 (1.73) 147 (5.79) 136.8 (5.39) m6 x 8 120 (4.72) 31.7 (1.25) 55 (2.17) 35 (1.38) m8 x 9 m13.5 23 (0.91) 78.5 (3.09) 53.2 (2.09) 185 (7.28) 211 (8.31) 27.8 (1.09) 65.2 (2.57) 93 (3.66) 160 (6.30) 63 (2.48) 77.5 (3.05) 155 (6.10) 92.5 (3.64) 1 55 ( 6 .10 ) 211 (8.31) 185 (7.28) 31.7 (1.25) 63 (2.48) a b c d e f h i j k l m n o p q r s t
S30A-6011GB | s3000 expert safety laser scanners recommended accessories other models and accessories www.sick.com/s3000_expert brief description type part no. mounting brackets and plates 1?piece, visor for heavy duty mounting kit (2080350), steel, painted (ral 1021) heavy duty sight 2083733 1?piece, mounting bracket, heavy-duty version, with protection cover, for floor mount- ing, adjustable longitudinal and lateral axes via alignment plate, height adjustment possible. tilt angle ?5o. additional mounting brackets are not required., steel, painted (ral 1021) heavy-duty mounting kit 2080350 1?piece, mounting bracket for direct mounting, from the rear, on wall or machine, not adjustable mounting kit 1 2015623 1?piece, mounting bracket for rear mounting on wall or machine, adjustable longitudi- nal and lateral axes, only in conjunction with mounting kit 1?(2015623) mounting kit 2 2015624 1?piece, mounting bracket for rear mounting on wall, floor, or machine, adjustable longitudinal and lateral axes, only in conjunction with mounting kit 1?(2015623) and 2?(2015624) mounting kit 3 2015625 plug connectors and cables connecting cable 6025729 head a: cable head b: cable cable: pvc, unshielded connecting cable 6025730 head a: cable head b: cable cable: pvc, shielded fitting for efi connections efi connecting cable 6029448 head a: male connector, m8, 4-pin, straight head b: male connector, usb-a, straight cable: pvc, unshielded, 2?m dsl-8u04g02m025km1 6034574 head a: male connector, m8, 4-pin, straight head b: male connector, usb-a, straight cable: pvc, unshielded, 10?m dsl-8u04g10m025km1 6034575 head a: system plug cable: without cable not for use of incremental encoders, integrated configuration storage sx0a-a0000b 2023797 head a: system plug cable: without cable for use of incremental encoders, integrated configuration storage sx0a-a0000d 2023310 head a: system plug cable: pre-assembled, for use of incremental encoders, integrated configuration stor- age, pvc, unshielded, 5?m sx0a-b1305d 2027176 head a: system plug cable: pre-assembled, for use of incremental encoders, integrated configuration stor- age, pvc, unshielded, 10?m sx0a-b1310d 2027177 head a: system plug cable: pre-assembled, not for use of incremental encoders, integrated configuration storage, pvc, unshielded, 5?m sx0a-b1705b 2027174 head a: system plug cable: pre-assembled, not for use of incremental encoders, integrated configuration storage, pvc, unshielded, 10?m sx0a-b1710b 2027175 2017-05-30 12:10:04 | online data sheet subject to change without notice opto-electronic protective devices | sick 7 in a1 a2 k1 k2 in b1 b2 in c1 c2 in d1 d2 16 11 13 17 19 15 22 20 84 2 5 10 12 16 18 14 23 21 79 3 bn gn ye pk bu fe wh gy k1 k2 h1 h2 k2 k1 x x y y z z k2 k1 1) e112714/00/2014-03-06 2 3 4 5 6 7 h 1 s3000 expert h = housing fe 0 v +24 v s300 mini remote online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 90 0 ? + 90 0 ? + 1/f 1/f htl htl s3000 expert s3000 remote flexi soft xtio flexi soft cpu1 +24 v dc0 v dc pe 1 6 11 13 17 19 15 22 20 8 4 2 5 10 12 16 18 14 23 21 7 9 3 1 5 6 7 14 15 4 3 2 a2 i7 q1 q2 q3 x2 q4 i8 a1 i1 i3 i4 i5 x1 i6 i2 a1 a b a2 a b efi1 efi2 k1 1) k1 k1 k1 k2 h1 k2 fe fe s1 k2 k2 z y y x x z a1 a2 b1 b2 e112713/00/2014-03-06 area to be kept clear during installation of the scanner axis of rotation of motor connector range: approx. 270 (10.63) reference points for mounting beam diameter sender = 15 (0.59) beam diameter receiver = 44 (1.73) 147 (5.79) 136.8 (5.39) m6 x 8 120 (4.72) 31.7 (1.25) 55 (2.17) 35 (1.38) m8 x 9 m13.5 23 (0.91) 78.5 (3.09) 53.2 (2.09) 185 (7.28) 211 (8.31) 27.8 (1.09) 65.2 (2.57) 93 (3.66) 160 (6.30) 63 (2.48) 77.5 (3.05) 155 (6.10) 92.5 (3.64) 1 55 ( 6 .10 ) 211 (8.31) 185 (7.28) 31.7 (1.25) 63 (2.48) a b c d e f h i j k l m n o p q r s t
S30A-6011GB | s3000 expert safety laser scanners brief description type part no. head a: system plug cable: pre-assembled, not for use of incremental encoders, integrated configuration storage, pvc, unshielded, 20?m sx0a-b1720b 2027816 8 opto-electronic protective devices | sick online data sheet | 2017-05-30 12:10:04 subject to change without notice in a1 a2 k1 k2 in b1 b2 in c1 c2 in d1 d2 16 11 13 17 19 15 22 20 84 2 5 10 12 16 18 14 23 21 79 3 bn gn ye pk bu fe wh gy k1 k2 h1 h2 k2 k1 x x y y z z k2 k1 1) e112714/00/2014-03-06 2 3 4 5 6 7 h 1 s3000 expert h = housing fe 0 v +24 v s300 mini remote online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 90 0 ? + 90 0 ? + 1/f 1/f htl htl s3000 expert s3000 remote flexi soft xtio flexi soft cpu1 +24 v dc0 v dc pe 1 6 11 13 17 19 15 22 20 8 4 2 5 10 12 16 18 14 23 21 7 9 3 1 5 6 7 14 15 4 3 2 a2 i7 q1 q2 q3 x2 q4 i8 a1 i1 i3 i4 i5 x1 i6 i2 a1 a b a2 a b efi1 efi2 k1 1) k1 k1 k1 k2 h1 k2 fe fe s1 k2 k2 z y y x x z a1 a2 b1 b2 e112713/00/2014-03-06 area to be kept clear during installation of the scanner axis of rotation of motor connector range: approx. 270 (10.63) reference points for mounting beam diameter sender = 15 (0.59) beam diameter receiver = 44 (1.73) 147 (5.79) 136.8 (5.39) m6 x 8 120 (4.72) 31.7 (1.25) 55 (2.17) 35 (1.38) m8 x 9 m13.5 23 (0.91) 78.5 (3.09) 53.2 (2.09) 185 (7.28) 211 (8.31) 27.8 (1.09) 65.2 (2.57) 93 (3.66) 160 (6.30) 63 (2.48) 77.5 (3.05) 155 (6.10) 92.5 (3.64) 1 55 ( 6 .10 ) 211 (8.31) 185 (7.28) 31.7 (1.25) 63 (2.48) a b c d e f h i j k l m n o p q r s t
in a1 a2 k1 k2 in b1 b2 in c1 c2 in d1 d2 16 11 13 17 19 15 22 20 84 2 5 10 12 16 18 14 23 21 79 3 bn gn ye pk bu fe wh gy k1 k2 h1 h2 k2 k1 x x y y z z k2 k1 1) e112714/00/2014-03-06 2 3 4 5 6 7 h 1 s3000 expert h = housing fe 0 v +24 v s300 mini remote online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com 90 0 ? + 90 0 ? + 1/f 1/f htl htl s3000 expert s3000 remote flexi soft xtio flexi soft cpu1 +24 v dc0 v dc pe 1 6 11 13 17 19 15 22 20 8 4 2 5 10 12 16 18 14 23 21 7 9 3 1 5 6 7 14 15 4 3 2 a2 i7 q1 q2 q3 x2 q4 i8 a1 i1 i3 i4 i5 x1 i6 i2 a1 a b a2 a b efi1 efi2 k1 1) k1 k1 k1 k2 h1 k2 fe fe s1 k2 k2 z y y x x z a1 a2 b1 b2 e112713/00/2014-03-06 area to be kept clear during installation of the scanner axis of rotation of motor connector range: approx. 270 (10.63) reference points for mounting beam diameter sender = 15 (0.59) beam diameter receiver = 44 (1.73) 147 (5.79) 136.8 (5.39) m6 x 8 120 (4.72) 31.7 (1.25) 55 (2.17) 35 (1.38) m8 x 9 m13.5 23 (0.91) 78.5 (3.09) 53.2 (2.09) 185 (7.28) 211 (8.31) 27.8 (1.09) 65.2 (2.57) 93 (3.66) 160 (6.30) 63 (2.48) 77.5 (3.05) 155 (6.10) 92.5 (3.64) 1 55 ( 6 .10 ) 211 (8.31) 185 (7.28) 31.7 (1.25) 63 (2.48) a b c d e f h i j k l m n o p q r s t


▲Up To Search▲   

 
Price & Availability of S30A-6011GB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X