Part Number Hot Search : 
N4002 76056 CA12240 TM164A 2N6673 57300 22E0430 24632
Product Description
Full Text Search
 

To Download PSAA20R-240L6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  revision 8/14/2015 www.phihong.com 20 watt interchangeable plug series psaa20r adapter series meets doe level vi features ? efficiency level v i compliance ? no - load power saving ? class b emi ? high efficiency ? ecodesign erp directive 2009/125/ec level 2 annex 1b compliant ? compact size ? class ii double insulated applications ? peripherals ? point of sale equipment ? gaming machines ? network equipment safety approvals ? ul /cul 60950 - 1 ? cb ? ce ? saa+c - tick+meps mechanical characteristics ? length: 82 . 7mm (3.26 in) ? height: 39.1 mm (1. 54 in ) ? width: 55mm (2.17 in) ? weight: 180g (6.35 oz) output specifications interchangeable clips sold separately phihong is not responsible for any error, and reserves the right to make changes without notice. please visit our website at www.phihong.com for the most up - to - date specifications and contact information. model dc output voltage load regulation output efficiency min. max. line load power level psaa20r - 050l6 5v 0a 4.00a 5% 20w psaa20r - 120 l6 12v 0a 1.67a 5% 20w psaa20r - 240 l6 24v 0a 0.83a 5% 20w psaa20r - 480 l6 ) 48v 0a 0.42a 5% 20w
psaa20r characteristics www.phihong.com input: ac input voltage rating 100 to 240v ac ac input voltage range 90v ac to 264v ac ac input frequency 47 to 63hz input current 0.8a (rms) max. @120vac & max. load 0.5a (rms) max. @240vac & max. load leakage current 0.25ma maximum at 264v ac /60hz inrush current 60a max. @1 0 0vac & max. load 100a max. @240vac & max. load (cold start at ambient 25c) input power saving <0. 1 w max. @230vac , 50hz output efficiency doe level vi ripple 5v ? 80 mv 24v ? 12 0mv 12v ? 120mv 48v ? 120 mv hold - up time 10ms min.@ full load 115vac/ 60hz over - current protection short circuit. auto restart . short - circuit protection output can be shorted permanently without damage environmental: temperature operation 0 to +40 c non - operation - 20 to +75c humidity 20 to 90% emissions fcc class b en55022 class b immunity en61000 - 4 - 2 level 4 en61000 - 4 - 3 level 2 en61000 - 4 - 4 level 2 en61000 - 4 - 5 level 2 en61000 - 4 - 6 level 2 en61000 - 4 - 8 level 1 en61000 - 4 - 11 dielectric withstand (hi - pot) test primary to secondary: 3000 vac or 4242 vdc , 10 ma 1minute. 36 00 vac or 5090 vdc , 10 ma 3second. dc output connector female plug, 5.5mm o.d., 2.1mm i.d., 9.5mm length. center conductor positive dc cord length 1500mm ac input clips (sold separately) rpa: us rpi: india rpb: brazil rpk: uk rpc: china rpn: argentina rpe: europe rps: australia rph: korea rpx: iec320 c8 dimension diagram unit: mm (inch)


▲Up To Search▲   

 
Price & Availability of PSAA20R-240L6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X