Part Number Hot Search : 
01545 640BD PHP8N50E TD6250 MC34151 5671A4 74VHC1 THAT340P
Product Description
Full Text Search
 

To Download PCH1J390MCL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  conductive polymer aluminum solid electrolytic capacitors pch chip type, higher capacitance high temperature range specifications temperature characteristics (max.impedance ratio) category temperature range rated voltage range rated capacitance range capacitance tolerance tangent of loss angle (tan ) esr ( 1) leakage current ( 2) performance characteristics item C 55 to +135c 25 to 63v 22 to 470f 20% at 120hz, 20c less than or equal to the specified value at 120hz, 20c less than or equal to the specified value at 100khz, 20c after 2 minutes' application of rated voltage, leakage current is not more than 0.03cv or 3( a ), whichever is greater. z+135c / z+20c 1.25 (100khz) z C 55c / z+20c 1.25 endurance shelf life esr after endurance ( 1) damp heat (steady state) resistance to soldering heat marking the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 4000 hours at 135c. less than or equal to the specified value at 100khz, -40 c the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours at 85c, 85% rh. after soldering the capacitor under the soldering conditions prescribed here, the capacitor shall meet the specifications listed at right. pre-heating shall be done at 150 to 200c and for 60 to 180 sec. the duration for over +230c temperature at capacitor surface shall not exceed 60 seconds. in case peak temperature is 260c or less, reflow soldering shall be two times maximum. measurement for solder temperature profile shall be made at the capacitor top and the terminal. navy blue print on the case top capacitance change tan leakage current ( 2) esr ( 1) within 20% of initial capacitance value ( 3) 150% or less of the initial specified value 200% or less of the initial specified value less than or equal to the initial specified value capacitance change tan leakage current ( 2) esr ( 1) within 20% of initial capacitance value ( 3) 150% or less of the initial specified value 200% or less of the initial specified value less than or equal to the initial specified value capacitance change tan leakage current ( 2) esr ( 1) within 10% of the initial capacitance value ( 3) 130% or less than the initial specified value 130% or less than the initial specified value less than or equal to the initial specified value high reliability, high voltage (to 63v). low esr, high ripple current. long life of 4000 hours at 135c. smd type : lead free reflow soldering condition at 260c peak complete correspondence. compliant to the rohs directive (2011/65/eu). esr after endurance at -40c. aec-q200 compliant. please contact us for details. 1 esr should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform. 2 conditioning : if any doubt arises, measure the leakage current after the voltage treatment of applying dc rated voltage continuously to the capacitor for 120 minutes at 105c. 3 initial value : the value before test of examination of resistance to soldering. p 1 c 2 h 3 1 4 v 5 1 6 5 7 1 8 m 9 c 10 l 11 1 12 g 13 s 14 configuration ta ping code size code capacitance tolerance ( 20%) rated capacitance ( 150f ) rated voltage ( 35v ) series name ty pe type numbering system (example : 35v 150f) pch pcr after storing the capacitors under no load at 135c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. c h 1 5 0 v 3 3 1 h 0. 3 m ax. d 0.5 b 0.2 a 0.2 c 0.2 0. 5 m ax. e l series voltage (v:35v) plastic platform lot no. capacitance negative positive +0.1 - 0 .4 dimensions new voltage v 25 35 50 63 code e v h j size d l a b c e h 8 7l 8.0 6.9 9.0 8.3 8.3 3.2 0.8 to 1.1 8 10l 8.0 9.9 9.0 8.3 8.3 3.2 0.8 to 1.1 8 12l 8.0 11.9 9.0 8.3 8.3 3.2 0.8 to 1.1 10 8l 10.0 7.9 11.0 10.3 10.3 4.6 0.8 to 1.1 10 10l 10.0 9.9 11.0 10.3 10.3 4.6 0.8 to 1.1 10 12.7l 10.0 12.6 11.0 10.3 10.3 4.6 0.8 to 1.1 (mm) frequency coefficient of rated ripple current 0 frequency 0/ coefficient 120hz 1khz 10khz 100khz or more 0.05 0.30 0.70 1.00 high temperature
conductive polymer aluminum solid electrolytic capacitors pch dimensions rated voltage (v)(code) surge voltage (v) 8 00 1800 1400 2100 2200 2000 7 00 1700 1300 1800 2200 1900 7 00 1600 1200 1600 1700 1800 7 00 1500 1100 1700 1800 1600 82 40 66 38 40 30 88 44 66 42 40 32 90 52 84 50 50 38 96 56 94 54 56 48 41 20 33 19 20 15 44 22 33 21 20 16 45 26 42 25 25 19 48 28 47 27 28 24 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 8 7 8 10 10 8 8 12 10 10 10 12.7 8 7 8 10 10 8 8 12 10 10 10 12.7 100 220 220 270 330 470 68 150 150 220 270 330 31 25 (1e) 43 35 (1v) p ch1e101mcl1gs p ch1e221mcl6gs p ch1e221mcl1gs p ch1e271mcl1gs p ch1e331mcl1gs p ch1e471mcl1gs p ch1v680mcl1gs p ch1v151mcl6gs p ch1v151mcl1gs p ch1v221mcl1gs p ch1v271mcl1gs p ch1v331mcl1gs p ch1h390mcl1g s p ch1h820mcl6g s p ch1h820mcl1g s p ch1h121mcl2g s p ch1h121mcl1g s p ch1h181mcl1g s p ch1j220mcl1gs p ch1j390mcl1gs p ch1j470mcl1gs p ch1j560mcl1gs p ch1j680mcl1gs p ch1j101mcl1gs rated capacitance (f) case size d l (mm) tan part number low temp. esr after endurance (m) (-40c / 100khz) rated ripple (marms) (135c / 100khz) initial esr (m) (20c / 100khz) 39 82 82 120 120 180 22 39 47 56 68 100 63 50 (1h) 79 63 (1j) 8 7 8 10 10 8 8 12 10 10 10 12.7 8 7 8 10 10 8 8 12 10 10 10 12.7 no marked, 1 will be put at 12th digit of type numbering system. : in this case, 2 will be put at 12th digit of type numbering system. : in this case, 6 will be put at 12th digit of type numbering system. october 2018


▲Up To Search▲   

 
Price & Availability of PCH1J390MCL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X