Part Number Hot Search : 
BB156 PCA9564D MS256 NJM2366 2SD299 AP3971 120M1T 74100310
Product Description
Full Text Search
 

To Download MMXZ5229C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMXZ5229C thru mmxz5262c 200 mw zener diode 4.3 to51 volts features ? wide voltage range available ? small outline package for space savings ? high temp soldering: 260 c for 10 seconds at terminals ? surface mount package ? operating junction temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c maximum ratings maximum ratings @ 25 o c unless otherwise specified zener current i f 100 ma maximum forward voltage v f 0.9 v power dissipation (no te s a) p d pe ak forward s urge i fsm 4.0 amps notes: a. mounted on fr4 pc board with our suggested solder pad layout . b. measured on 8.3ms, single half sine-wave or equivalent current (not e s b) square wave, duty cycle = 4 pulses per minute maximum .  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components 200mwatt maximum thermal resistance; 357c/w junction to ambient lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 sod- 323 www.mccsemi .com revision: b 2013 /06/25 1 of 4 a b e c d h g dimensions inches mm dim min m a x min m a x note a .090 .107 2.30 2.70 b.068 .078 1.75 1.95 c .045 .053 1.15 1.35 d.027 .038 0.700.95 e.010.014 0.250.35 g.012 --- 0.30--- h.002 .0060.05 0.15 0.022 0.069" 0.032 suggested solder pad layout ? halogen free available upon request by adding suffix "-hf"
mcc www. mccsemi .com tm micro commercial components revision: b 2013/06/25 MMXZ5229C thru mmxz5262c 2 of 4 part number nominal zener voltage max. zener impedance max. reverse leakage current marking code v z @ i zt z zt @ i zt z zk @ i zk i r @ v r nom. v min. v max. v ma ma av MMXZ5229C 4.3 4.21 4.39 22 20.0 2000 0.25 5.0 1.0 d4 mmxz5230c 4.7 4.61 4.79 19 20.0 1900 0.25 5.0 2.0 d5 mmxz5231c 5.1 5.00 5.20 17 20.0 1600 0.25 5.0 2.0 e1 mmxz5232c 5.6 5.49 5.71 11 20.0 1600 0.25 5.0 3.0 e2 mmxz5233c 6.0 5.88 6.12 7 20.0 1600 0.25 5.0 3.5 e3 mmxz5234c 6.2 6.08 6.32 7 20.0 1000 0.25 5.0 4.0 e4 mmxz5235c 6.8 6.66 6.94 5 20.0 750 0.25 3.0 5.0 e5 mmxz5236c 7.5 7.35 7.65 6 20.0 500 0.25 3.0 6.0 f1 mmxz5237c 8.2 8.04 8.36 8 20.0 500 0.25 3.0 6.0 f2 mmxz5238c 8.7 8.53 8.87 8 20.0 600 0.25 3.0 6.5 f3 mmxz5239c 9.1 8.92 9.28 10 20.0 600 0.25 3.0 6.5 f4 mmxz5240c 10 9.80 10.20 17 20.0 600 0.25 3.0 8.0 f5 mmxz5241c 11 10.78 11.22 22 20.0 600 0.25 2.0 8.4 h1 mmxz5242c 12 11.76 12.24 30 20.0 600 0.25 1.0 9.1 h2 mmxz5243c 13 12.74 13.26 13 9.5 600 0.25 0.5 9.9 h3 mmxz5244c 14 13.72 14.28 15 9.0 600 0.25 0.1 10.5 h4 mmxz5245c 15 14.70 15.30 16 8.5 600 0.25 0.1 11.0 h5 mmxz5246c 16 15.68 16.32 17 7.8 600 0.25 0.1 12.0 j1 mmxz5247c 17 16.66 17.34 19 7.5 600 0.25 0.1 13.0 j2 mmxz5248c 18 17.64 18.36 21 7.0 600 0.25 0.1 14.0 j3 mmxz5249c 19 18.62 19.38 23 6.6 600 0.25 0.1 14.0 j4 mmxz5250c 20 19.60 20.40 25 6.2 600 0.25 0.1 15.0 j5 mmxz5251c 22 21.56 22.44 29 5.6 600 0.25 0.1 17.0 k1 mmxz5252c 24 23.52 24.48 33 5.2 600 0.25 0.1 18.0 k2 mmxz5253c 25 24.50 25.50 35 5.0 600 0.25 0.1 19.0 k3 mmxz5254c 27 26.46 27.54 41 5.0 600 0.25 0.1 21.0 k4 mmxz5255c 28 27.44 28.56 44 4.5 600 0.25 0.1 21.0 k5 mmxz5256c 30 29.40 30.60 49 4.2 600 0.25 0.1 23.0 m1 mmxz5257c 33 32.34 33.66 58 3.8 700 0.25 0.1 25.0 m2 mmxz5258c 36 35.28 36.72 70 3.4 700 0.25 0.1 27.0 m3 mmxz5259c 39 38.22 39.78 80 3.2 800 0.25 0.1 30.0 m4 mmxz5260c 43 42.14 43.86 93 3 900 0.25 0.1 33.0 m5 mmxz5261c 47 46.06 47.94 105 2.7 1000 0.25 0.1 36.0 n1 mmxz5262c 51 49.98 52.02 125 2.5 1100 0.25 0.1 39.0 n2
MMXZ5229Cthrummxz5262c www. mccsemi .com mcc revision: b 2013/ 06/25 tm micro commercial components 3 of 4 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o 100 10 1 10 100 0.6 0.5 0.4 0.3 0.2 0.1 0 125 100 75 50 25 0 t=25c a o 150 fig.2 temperature coefficents fig.4 typical forward voltage fig.5 steady state power derating nominal zener voltage,volts forward voltage, volts temperature ( c) o temperature coefficient,(mv/ c) o power dissipation, watts forward current,ma 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 8070605040302010 0 +150 c o +25 c o -55 c o fig. typical leakage current leakagecurrent, a normal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 98765432 -2 -3 fig.1 temperature coefficents nominal zener voltage,volts temperature coefficient,(mv/ c) o
mcc revision: b 2013/06/25 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 5 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of MMXZ5229C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X