Part Number Hot Search : 
1078073 D240SC4M MAX15 EZHJ20 2SJ372 0603X UPB6100 LV200
Product Description
Full Text Search
 

To Download MMBT3904L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 february, 2004 ? rev. 5 1 publication order number: MMBT3904Lt1/d MMBT3904Lt1 preferred device general purpose transistor npn silicon features ? pb?free packages are available maximum ratings rating symbol value unit collector ?emitter voltage v ceo 40 vdc collector ?base voltage v cbo 60 vdc emitter ?base voltage v ebo 6.0 vdc collector current ? continuous i c 200 madc thermal characteristics characteristic symbol max unit total device dissipation fr? 5 board (note 1) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance junction to ambient r  ja 556 c/w total device dissipation alumina substrate, (note 2) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance junction?to?ambient r  ja 417 c/w junction and storage temperature t j , t stg ?55 to +150 c 1. fr?5 = 1.0  0.75  0.062 in. 2. alumina = 0.4  0.3  0.024 in. 99.5% alumina. collector 3 1 base 2 emitter http://onsemi.com preferred devices are recommended choices for future use and best overall value. device package shipping 2 ordering information MMBT3904Lt1 sot?23 3000 / tape & reel MMBT3904Lt1g sot?23 3000 / tape & reel MMBT3904Lt3 sot?23 10000 / tape & reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. sot?23 (to?236) case 318 style 6 marking diagram 3 2 1 1am 1am = specific device code MMBT3904Lt3g sot?23 10000 / tape & reel
MMBT3904Lt1 http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collector ?emitter breakdown voltage (i c = 1.0 madc, i b = 0) v (br)ceo 40 ? vdc collector ?base breakdown voltage (i c = 10  adc, i e = 0) v (br)cbo 60 ? vdc emitter ?base breakdown voltage (i e = 10  adc, i c = 0) v (br)ebo 6.0 ? vdc base cutoff current (v ce = 30 vdc, v eb = 3.0 vdc) i bl ? 50 nadc collector cutoff current (v ce = 30 vdc, v eb = 3.0 vdc) i cex ? 50 nadc on characteristics (note 3) dc current gain (i c = 0.1 madc, v ce = 1.0 vdc) (i c = 1.0 madc, v ce = 1.0 vdc) (i c = 10 madc, v ce = 1.0 vdc) (i c = 50 madc, v ce = 1.0 vdc) (i c = 100 madc, v ce = 1.0 vdc) h fe 40 70 100 60 30 ? ? 300 ? ? ? collector ?emitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v ce(sat) ? ? 0.2 0.3 vdc base ?emitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v be(sat) 0.65 ? 0.85 0.95 vdc small?signal characteristics current ?gain ? bandwidth product (i c = 10 madc, v ce = 20 vdc, f = 100 mhz) f t 300 ? mhz output capacitance (v cb = 5.0 vdc, i e = 0, f = 1.0 mhz) c obo ? 4.0 pf input capacitance (v eb = 0.5 vdc, i c = 0, f = 1.0 mhz) c ibo ? 8.0 pf input impedance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h ie 1.0 10 k ohms voltage feedback ratio (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h re 0.5 8.0 x 10 ?4 small ?signal current gain (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h fe 100 400 ? output admittance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h oe 1.0 40  mhos noise figure (v ce = 5.0 vdc, i c = 100  adc, r s = 1.0 k ohms, f = 1.0 khz) nf ? 5.0 db switching characteristics delay time ( v cc = 3.0 vdc, v be = ? 0.5 vdc, t d ? 35 ns rise time (v cc = 3 . 0 vdc , v be = ?0 . 5 vdc , i c = 10 madc, i b1 = 1.0 madc) t r ? 35 ns storage time ( v cc = 3.0 vdc, t s ? 200 ns fall time (v cc = 3 . 0 vdc , i c = 10 madc, i b1 = i b2 = 1.0 madc) t f ? 50 ns 3. pulse test: pulse width  300  s, duty cycle  2.0%. figure 1. delay and rise time equivalent test circuit figure 2. storage and fall time equivalent test circuit +3 v 275 10 k 1n916 c s < 4 pf* +3 v 275 10 k c s < 4 pf* < 1 ns -0.5 v +10.9 v 300 ns duty cycle = 2% < 1 ns -9.1 v +10.9 v duty cycle = 2% t 1 0 10 < t 1 < 500  s * total shunt capacitance of test jig and connectors
MMBT3904Lt1 http://onsemi.com 3 typical transient characteristics figure 3. capacitance reverse bias voltage (volts) 2.0 3.0 5.0 7.0 10 1.0 0.1 figure 4. charge data i c , collector current (ma) 5000 1.0 v cc = 40 v i c /i b = 10 q, charge (pc) 3000 2000 1000 500 300 200 700 100 50 70 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 capacitance (pf) 1.0 2.0 3.0 5.0 7.0 10 20 30 40 0.2 0.3 0.5 0.7 q t q a c ibo c obo t j = 25 c t j = 125 c figure 5. turn ?on time i c , collector current (ma) 70 100 200 300 500 50 figure 6. rise time i c , collector current (ma) time (ns) 1.0 2.0 3.0 10 20 70 5 100 t , rise time (ns) figure 7. storage time i c , collector current (ma) figure 8. fall time i c , collector current (ma) 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 r t , fall time (ns) f t , storage time (ns) s v cc = 40 v i c /i b = 10 v cc = 40 v i b1 = i b2 i c /i b = 20 i c /i b = 10 i c /i b = 10 t r @ v cc = 3.0 v t d @ v ob = 0 v 40 v 15 v 2.0 v i c /i b = 10 i c /i b = 20 i c /i b = 10 i c /i b = 20 t s = t s - 1 / 8 t f i b1 = i b2
MMBT3904Lt1 http://onsemi.com 4 typical audio small? signal characteristics noise figure variations (v ce = 5.0 vdc, t a = 25 c, bandwidth = 1.0 hz) figure 9. f, frequency (khz) 4 6 8 10 12 2 0.1 figure 10. r s , source resistance (k ohms) 0 nf, noise figure (db) 1.0 2.0 4.0 10 20 40 0.2 0.4 0 100 4 6 8 10 12 2 14 0.1 1.0 2.0 4.0 10 20 40 0.2 0.4 100 nf, noise figure (db) f = 1.0 khz i c = 1.0 ma i c = 0.5 ma i c = 50  a i c = 100  a source resistance = 200  i c = 1.0 ma source resistance = 200  i c = 0.5 ma source resistance = 500  i c = 100  a source resistance = 1.0 k i c = 50  a h parameters (v ce = 10 vdc, f = 1.0 khz, t a = 25 c) figure 11. current gain i c , collector current (ma) 70 100 200 300 50 figure 12. output admittance i c , collector current (ma) h , current gain h , output admittance ( mhos) figure 13. input impedance i c , collector current (ma) figure 14. voltage feedback ratio i c , collector current (ma) 30 100 50 5 10 20 2.0 3.0 5.0 7.0 10 1.0 0.1 0.2 1.0 2.0 5.0 0.5 10 0.3 0.5 3.0 0.7 2.0 5.0 10 20 1.0 0.2 0.5 oe h , voltage feedback ratio (x 10 ) re h , input impedance (k ohms) ie 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 2 1 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 fe  -4
MMBT3904Lt1 http://onsemi.com 5 typical static characteristics figure 15. dc current gain i c , collector current (ma) 0.3 0.5 0.7 1.0 2.0 0.2 0.1 h , dc current gain (normalized) 0.5 2.0 3.0 10 50 70 0.2 0.3 0.1 100 1.0 0.7 200 30 20 5.0 7.0 fe v ce = 1.0 v t j = +125 c +25 c -55 c figure 16. collector saturation region i b , base current (ma) 0.4 0.6 0.8 1.0 0.2 0.1 v , collector emitter voltage (volts) 0.5 2.0 3.0 10 0.2 0.3 0 1.0 0.7 5.0 7.0 ce i c = 1.0 ma t j = 25 c 0.07 0.05 0.03 0.02 0.01 10 ma 30 ma 100 ma figure 17. aono voltages i c , collector current (ma) 0.4 0.6 0.8 1.0 1.2 0.2 figure 18. temperature coefficients i c , collector current (ma) v, voltage (volts) 1.0 2.0 5.0 10 20 50 0 100 -0.5 0 0.5 1.0 0 60 80 120 140 160 180 20 40 100 coefficient (mv/ c) 200 -1.0 -1.5 -2.0 200 t j = 25 c v be(sat) @ i c /i b =10 v ce(sat) @ i c /i b =10 v be @ v ce =1.0 v +25 c to +125 c -55 c to +25 c +25 c to +125 c -55 c to +25 c  vc for v ce(sat)  vb for v be(sat)
MMBT3904Lt1 http://onsemi.com 6 package dimensions sot?23 (to?236) case 318?08 issue ah d j k l a c b s h g v 3 1 2 dim a min max min max millimeters 0.1102 0.1197 2.80 3.04 inches b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. 318-03 and -07 obsolete, new standard 318-08. style 6: pin 1. base 2. emitter 3. collector *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*  mm inches  scale 10:1 0.8 0.031 0.9 0.035 0.95 0.037 0.95 0.037 figure 19. sot?23 2.0 0.079 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 MMBT3904Lt1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MMBT3904L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X