inductors (coils) 1 of 3 creation date : august 21, 2017 (gmt) MLF2012A1R2JT000 applications commercial grade feature shield magnetic shield multilayer multilayer ferrite core ferrite core series | type mlf status production brand tdk size length(l) 2.00mm 0.20mm width(w) 1.25mm 0.20mm thickness(t) 0.85mm 0.20mm recommended land pattern (a) 0.80mm nom. recommended land pattern (b) 1.00mm nom. recommended land pattern (c) 1.20mm nom. electrical characteristics inductance 1.2h 5% at 10mhz rated current (l change) [typ.] rated current (l change) [max.] rated current (temperature rise) [typ.] rated current (temperature rise) [max.] 80ma dc resistance [typ.] 150m dc resistance [max.] 350m self resonant frequency [min.] 110mhz self resonant frequency [typ.] 150mhz q [min.] 45 q [typ.] 55 other operating temp. range (including self-temp. rise) -55 to 125c soldering method re?ow iron soldering aec-q200 no packing punched (paper)taping [180mm reel] package quantity 4000pcs weight 0.01g ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
inductors (coils) 2 of 3 creation date : august 21, 2017 (gmt) MLF2012A1R2JT000 characteristic graphs (this is reference data, and does not guarantee the products characteristics.) impedance MLF2012A1R2JT000 rac MLF2012A1R2JT000 inductance MLF2012A1R2JT000 q MLF2012A1R2JT000 ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
inductors (coils) 3 of 3 creation date : august 21, 2017 (gmt) MLF2012A1R2JT000 associated images land pattern (terminal connection) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
|