Part Number Hot Search : 
N5231 048200 MAX14591 28600 6R1000 XRD9829 BL54573B IRFB4212
Product Description
Full Text Search
 

To Download HD3-6409-9Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fn2951 rev 4.00 page 1 of 15 october 1, 2015 fn2951 rev 4.00 october 1, 2015 hd-6409 cmos manchester encoder-decoder datasheet the hd-6409 manchester encoder-decoder (med) is a high speed, low power device manuf actured using self-aligned silicon gate technology . the device is in tended for use in serial data communication, and can be operated in either of two modes. in the converter mode, the med converts non return-to-zero code (nrz) into manchester code and decodes manchester code into nonreturn-to-zero code. for serial data communication, m anchester code does not have some of the deficiencies inhere nt in nonreturn-to-zero code. for instance, use of the med o n a serial line eliminates dc components, provides clock recove ry, and gives a relatively high degree of noise immunity . because the med converts the most commonly used code (nrz) to manchester code, the advantages of using manchester code are easily realized in a serial data link. in the repeater mode, the me d accepts manchester code input and reconstructs it wit h a recovered clock. this minimizes the effects of noise o n a serial data link. a digital phase lock loop generates the recovered clock. a maximum data rate of 1mhz requir es only 50mw of power. manchester code is used in m agnetic tape recording and in fiber optic communication, and generally is used where data accuracy is imperative. because it frames blocks of data, the hd-6409 easily interfaces t o protocol controllers. features ? converter or repeater mode ? independent manchester encoder and decoder operation ? static to one megabit/sec data rate guaranteed ? low bit error rate ? digital pll clock recovery ? on chip oscillator ? low operating power : 50mw typical at +5v ? pb-free available (rohs compliant) pinout hd-6409 (20 ld pdip, soic) top view 11 12 13 14 15 16 17 18 20 19 10 9 8 7 6 5 4 3 2 1 bzi boi udi sd/cds sdo srst dclk nvm rst gnd v cc bzo ss eclk boo cts ms o x i x co ordering information part number (1 megabit/sec) part marking temp. range (c) package pkg. dwg. # hd3-6409-9 hd3-6409-9 -40 to +85 20 ld pdip e20.3 HD3-6409-9Z (notes 2, 3) HD3-6409-9Z -40 to +85 20 ld pdip (pb-fre e) e20.3 hd9p6409-9z (notes 2, 3) hd9p6409-9z -40 to +85 20 ld soic (pb-fre e) m20.3 hd9p6409-9z96 (notes 1, 2, 3) hd9p6409-9z -40 to +85 20 ld soic ta pe & reel (pb-free) m20.3 notes: 1. 96 suffix is for tape and reel. please refer to tb347 for d etails on reel specifications. 2. these intersil pb-free plastic packaged products employ speci al pb-free material sets, molding compounds/die attach material s, and 100% matte tin plate plus anneal (e3 term ination finish, which is ro hs compliant and compatible with both snpb and pb-free solderin g operations). intersil pb-free products are m sl classified at pb-free peak re flow temperatures that meet or exceed the pb-free requirements of ipc/jedec j std-020. 3. pb-free pdips can be used for through hole wave solder proces sing only. they are not intended for use in reflow solder proce ssing applications.
hd-6409 fn2951 rev 4.00 page 2 of 15 october 1, 2015 block diagram logic symbol edge detector command sync generator output select logic boi bzi udi rst sd/cds i x o x co ss reset 5-bit shift register and decoder data input logic input/ output select oscillator counter circuits manchester encoder sdo nvm boo bzo cts srst ms eclk dclk sd clock generator encoder control decoder ss co sd/cds eclk ms rst sdo dclk nvm srst o x i x boo bzo cts boi bzi udi 13 12 19 18 15 2 1 3 17 11 4 16 14 8 7 6 5 9
hd-6409 fn2951 rev 4.00 page 3 of 15 october 1, 2015 pin descriptions pin number type symbol name description 1 i bzl bipolar zero input used in conjunction with pin 2, bipolar one input (bol), to i nput manchester ii encoded data to the decoder, bzi and bol are logical complements. when using pin 3, unipolar data input (udi) for data i nput, bzi must be held high. 2 i bol bipolar one input used in conj unction with pin 1, bipolar z ero input (bzi), to input manchester ii encoded data to the decoder, boi and bzi are logical complements. when using pin 3, unipolar data input (udi) for data i nput, bol must be held low. 3 i udi unipolar data input an alternate to bipolar input (bzl, bol ), unipolar data input (udl) is used to input manchester ii encoded data to t he decoder. when using pin 1 (bz l) and pin 2 (bol) for data input, udi must be held low. 4 i/o sd/cds serial data/command data sync in the converter mode, sd/cds is an input used to receive seria l nrz data. nrz data is accepted synchronously on the falling edge of encoder clock out put (eclk). in the repeater mode, sd/cds is an output indicating the status of las t valid sync pattern received. a high indicates a command sync and a low indicates a data sync pattern. 5 o sdo serial data out the decoded serial nrz data is transmitted out synchronously with the decoder clock (dclk). sdo is forced low when rst is low. 6 o srst serial reset in the converter mode, srst follows rst . in the repeater mode, when rst goes low, srst goes low and remains low after rst goes high. srst goes high only when rst is high, the reset bit is zero, and a valid synchronization seq uence is received. 7onvm nonvalid manchester a low on nvm indicates that the decoder has r eceived invalid manchester dat a and present data on serial data out (sdo) is invalid. a high indica tes that the sync pulse and data were valid and sdo is valid. nvm is set low by a low on rst , and remains low after rst goes high until valid sync pulse followed by two valid manches ter bits is received. 8 o dclk decoder clock the decoder clo ck is a 1x clock recovered fr om bzl and bol, or udi to synchronously output received nrz data (sdo). 9irst reset in the converter mode, a low on rst forces sdo, dclk, nvm , and srst low. a high on rst enables sdo and dclk, and forces srst high. nvm remains low after rst goes high until a valid sync pulse fo llowed by two manchester bits i s received, after which it goes high. in the repeater mode, rst has the same effect on sdo, dclk and nvm as in the converter mode. when rst goes low, srst goes low and remains low after rst goes high. srst goes high only when rst is high, the reset bit is zero and a valid synchronization sequence is received. 10 i gnd ground ground 11 o c o clock output buffered output of clock input i x . may be used as clock signal for other peripherals. 12 i i x clock input i x is the input for an external clo ck or, if the internal oscilla tor is used, i x and o x are used for the connection of the crystal. 13 o o x clock drive if the internal oscillator is used, o x and i x are used for the connection of the crystal. 14 i ms mode select ms must be held low for operation in the conver ter mode, and high for operation in the repeater mode. 15 i cts clear to send in the converter mode, a high disables the encoder , forcing outputs boo , bzo high and eclk low. a high to low transition of cts initiates transmission of a command sync pulse. a low on cts enables boo , bzo , and eclk. in the repeater mode, the function of cts is identical to that of the conver ter mode with the exception t hat a transition of cts does not initiate a synchronization sequence. 16 o eclk encoder clock in the converter mode, eclk is a 1x clock o utput used to receive serial nrz data to sd/cds. in the repeater mode, eclk is a 2x clock which is recov ered from bzl and bol data by the digital phase locked loop. 17 i ss speed select a logic high on ss sets the data rate at 1/32 times the clock frequency while a low sets the data rate at 1/16 times the clock frequency. 18 o bzo bipolar zero output bzo and its logical complement boo are the manchester data outputs of the encoder. the inactive state for these outputs is in the high state. 19 o boo bipolar one out see pin 18. 20 i v cc v cc v cc is the +5v power supply pin. a 0.1f decoupling capacitor from v cc (pin 20) to gnd (pin 10) is recommended. note: (i) input (o) output
hd-6409 fn2951 rev 4.00 page 4 of 15 october 1, 2015 encoder operation the encoder uses fre e running clocks at 1x and 2x the data rate derived from the system clock l x for internal timing. cts is used to control the encoder outputs, eclk, boo and bzo . a free running 1x eclk is transmitted out of the encoder to drive the external circuits which supply the nrz data to the med at pin sd/cds. a low on cts enables encoder outputs eclk, boo and bzo , while a high on cts forces bzo , boo high and holds eclk low. when cts goes from high to low , a synchronization sequence is transmitted out on boo and bzo . a synchronization sequ ence consists of eight manchester 0 bits followed by a command sync pulse. a command sync pulse is a 3-bi t wide pulse with the first 1 1/2 bits high followed by 1 1/2 bits low. serial nrz data is clocked into the encoder at sd/cds on the high to low transition of eclk during the command sync pulse. the nrz data received is encoded into manchester ii data and transmitted out on boo and bzo following the command sync pulse. following the synchronization sequence, input data is encoded and transmitted out continuously without parity check or word fram ing. the lengt h of the data block encoded is defined by cts . manchester data out is inverted. decoder operation the decoder requires a single clock with a frequency 16x or 32x the desired data rate. the rate is selected on the speed select with ss low producing a 16x clock and high a 32x clock. for long data links th e 32x mode should be used as this permits a wider timing jitter margin. the internal operation of the decoder utilizes a free running clock synchronized with incoming data for its clocking. the manchester ii encoded data can be p resented to the decoder in either of two ways. the bipolar one and bipolar zero inputs will accept data from differential inputs such as a comparator sensed transformer coupled bus. the unipolar data input can only accep t noninverted manchester ii encoded data i.e. bipolar one out through an inverter to unipolar data input. the decoder continuously monitors this data input for valid sync patt ern. note that while the med encoder section can generate only a command sync pattern, the decoder can recognize eith er a command or data sync pattern. a data sync is a logi cally inverted command sync. there is a three bit delay between udi, bol, or bzi input and the decoded nrz data transmitted out of sdo. control of the decoder output s is provided by the rst pin. when rst is low, sdo, dclk and nvm are forced low. when rst is high, sdo is transmi tted out synchronously with the recovered clock dclk. the nvm output remains low after a low to h igh transition on rst until a valid sync pattern is received. the decoded data at sdo is in nrz format. dclk is provided so that the decoded bits can be shifted into an external register on every high to low transition of this clock . three bit periods aft er an invalid manches ter bit is received on udi, or bol, nvm goes low synchronously with the questionable data output on sdo. further, the decoder does not re-e stablish proper data decoding until another sync pattern is recognized. 1 2 3 4 cts eclk sd/cds bzo boo t ce6 0 000 00 00 t ce5 synchronization sequence eight 0s command sync dont care 1 0 1 1 0 1 figure 1. encoder operation 1 2 3 4
hd-6409 fn2951 rev 4.00 page 5 of 15 october 1, 2015 repeater operation manchester il data can be presented to the repeater in either of two ways. the inputs bipolar one in and bipolar zero in will accept data from differential inputs such as a comparator or sensed transformer coupled bus. the input unipolar data in accepts only noninverted manchester ii coded data. the decoder requires a single clock with a frequency 16x or 32x the desired data rate. this clock is selected to 16x with speed select low and 32x with speed select high. for long data links the 32x m ode should be used as this permits a wider timing jitter margin. the inputs udl, or bol, bzl a re delayed appr oximately 1/2 bit period and repeat ed as outputs boo and bzo . the 2x eclk is transmitted out of the repeater synchronously with boo and bzo . a low on cts enables eclk, boo , and bzo . in contrast to the converter mode, a transiti on on cts does not initiate a synchronization sequence of eight 0s and a command sync. the repeater mode does recognize a command or data sync pulse. sd/cds is an out put which reflects the state of the most recent sync pulse recei ved, with high indicating a command sync and low ind icating a data sync. when rst is low, the outputs sdo, dclk, and nvm are low, and srst is set low. srst remains low after rst goes high and is not rese t until a sync puls e and two valid manchester bits are received with the reset bit low. the reset bit is the first data bit after the sync pulse. w ith rst high, nrz data is transmitted out of serial data out synchronously with the 1x dclk. figure 2. decoder operation dclk udi sdo rst nvm command sync 1001010101010 figure 3. repeater operation input count eclk udi bzo boo rst srst sync pulse 1 2 34 567
hd-6409 fn2951 rev 4.00 page 6 of 15 october 1, 2015 manchester code nonreturn-to-zero (nrz) code represents the binary values logic-o and iogic-1 with a stati c level maintained throughout the data cell. in contrast, manchester code represents data with a level transition in t he middle of the data cell. manchester has bandwidth , error detection, and synchronization advantages over nrz code. the manchester ii code bipolar one and bipolar zero shown below are logical complements. the direction of the transition indicates the binary value of data. a logic-0 in bipolar one is defined as a low to high transition in the middle of the data cell, and a logic-1 as a high to low mid bit transition, manchester il is also known as biphase-l code. the bandwidth of nrz is from dc to the clock frequency fc/2, while that of manchester is from fc/2 to fc. thus, manchester can be ac or transformer coup led, which has considerable advantages over dc coupling. also, the ratio of maximum to minimum frequency of manchester extends one octave, while the ratio for nrz is the range of 5 to 10 octaves. it is much easier to design a narrow band than a wideband amp. secondly, the mid bit transition in each data cell provides the code with an effective error detection scheme. if noise produces a logic invers ion in the data cell such that there is no transition, an error indiction is given, and synchronization must be re-established. this places relatively stringent requirements on th e incoming data. the synchronization advant ages of using the hd-6409 and manchester code are several fold. one is that manchester is a self clocking code. the clock in serial data communication defines the position of each data cell. non self clocking codes, as nrz, often require a n extra clock wire or clock track (in magnetic recording). further, there can be a phase variation between the clock and data track. crosstalk between the two may be a p roblem. in manchester, the serial data stream contains both the clock and the data, with the position of t he mid bit transition representing the clock, and the direction of the transit ion representing data. there is no phase variation betwe en the clock and the data. a second synchronization adv antage is a result of the number of transitions in the data. the decoder resynchronizes on each transition, or at least once every data cell. in contrast, receive rs using nrz, which does not necessarily have transitions, must resynchronize on frame bit transitions, which occur far less often, usually on a character basis. this more frequent resynchronization eliminates the cumulative effe ct of errors o ver successive data cells. a final synchronization advantage concerns the hd-6409s sync pulse used to initiate synchronization. this three bit wide pattern is suffici ently dist inct from manchester data that a false start by the receiver is unlikely. figure 4. manchester code bit period binary code nonreturn to zero bipolar one bipolar zero 123 45 011 00 crystal oscillator mode figure 5. crystal oscillator mode lc oscillator mode figure 6. lc oscillator mode i x o x x1 r1 c0 16mhz c1 c1 c o c1 = 32pf c0 = crystal + stray x1 = at cut parallel resonance fundamental mode r s (typ) = 30 ? r1 = 15m ? C 2 ------------------------- - ? f o 1 2 ? lc e ----------------------- ? c1 = 20pf c0 = 5pf i x o x
hd-6409 fn2951 rev 4.00 page 7 of 15 october 1, 2015 using the 6409 as a ma nchester encoded uart v cc boo bzo ss eclk cts ms o x i x co bzi boi udi sd/cds sdo srst nvm dclk rst gnd bipolar out bipolar out cts load load qh ck si 165 load qh ck 165 bqh a 164 bck a 164 ck data in 273 data in 273 cp reset bipolar in bipolar in figure 7. manchester encoder uart parallel data out parallel data in
hd-6409 fn2951 rev 4.00 page 8 of 15 october 1, 2015 common electrical specifications parameters with min and/or max limits are 100% tested at +25c, unless otherwise specified. temperature limits established by characterization and are not production tested. absolute maximum ratings thermal information supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0v input, output or i/o voltage . . . . . . . . . . . . gnd -0.5v to v cc +0.5v esd classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . class 1 operating conditions operating temperature range . . . . . . . . . . . . . . . . .-4 0c to +85c operating voltage range. . . . . . . . . . . . . . . . . . . . . . +4.5v to +5.5v input rise and fall times . . . . . . . . . . . . . . . . . . . . . . . . . 50ns max sync. transition span (t2) . . . . . . . . . .1.5 dbp typical, (notes 1, 2) short data transition span (t4) . . . . . . 0.5dbp typical, (no tes 1, 2) long data transition span (t5) . . . . . . 1.0dbp typical, (not es 1, 2) zero crossing tolerance (tcd5) . . . . . . . . . . . . . . . . . . . . . (note 3) thermal resistance (typical, note 4) ? ja (c/w) ? jc (c/w) pdip package . . . . . . . . . . . . . . . . . . . 75 n/a soic package . . . . . . . . . . . . . . . . . . . 100 n/a storage temperature range . . . . . . . . . . . . . . . . . .-6 5c to +150c maximum junction temperature ceramic package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175c plastic package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150c pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/pb-freereflow.asp *pb-free pdips can be used for through hole wave solder processing only. they are not intended for use in reflow solder processing applications. die characteristics gate count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250 gates caution: do not operate at or near the maximum ratings listed fo r extended periods of time. exposure to such conditions may adv ersely impact product reliability and result in failures not covered by warranty. notes: 1. dbp-data bit period, clock rate = 16x, one dbp = 16 clock cyc les; clock rate = 32x, one dbp = 32 clock cycles. 2. the input conditions specified are nominal values, the actual input waveforms transition spans may vary by ? 2 i x clock cycles (16x mode) or ? 6 i x clock cycles (32x mode). 3. the maximum zero crossing tolerance is ? 2 i x clock cycles (16x mode) or ? 6 i x clock cycles (32 m ode) from the nominal. 4. ? ja is measured with the component mounted on a high effective the rmal conductivity test board in free air. see tech brief tb379 for details. dc electrical specifications v cc = 5.0v ??? 10%, t a = -40 c to +85 c (hd-6409-9). symbol parameter test conditions (note 5) min max units v ih logical 1 input voltage v cc = 4.5v 70% v cc -v v il logical 0 input voltage v cc = 4.5v - 20% v cc v v ihr logic 1 input voltage (reset )v cc = 5.5v v cc -0.5 - v v ilr logic 0 input voltage (reset )v cc = 4.5v - gnd +0.5 v v ihc logical 1 input voltage (clock) v cc = 5.5v v cc -0.5 - v v ilc logical 0 input voltage (clock) v cc = 4.5v - gnd +0.5 v i i input leakage current (except i x )v in = v cc or gnd, v cc = 5.5v -1.0 +1.0 ? a i i input leakage current (i x )v in = v cc or gnd, v cc = 5.5v -20 +20 ? a i o i/o leakage current v out = v cc or gnd, v cc = 5.5v -10 +10 ? a v oh output high voltage (all except o x )i oh = -2.0ma, v cc = 4.5v (note 6) v cc -0.4 - v v ol output low voltage (all except o x )i ol = +2.0ma, v cc = 4.5v (note 6) - 0.4 v i ccsb standby power supply current v in = v cc or gnd, v cc = 5.5v, outputs open - 100 ? a i ccop operating power supply current f = 16.0mhz, v in = v cc or gnd v cc = 5.5v, c l = 50pf - 18.0 ma f t functional test (note 5) - - - notes: 5. tested as follows: f = 16mhz, v ih = 70% v cc , v il = 20% v cc , v oh ? v cc /2, and v ol ?? v cc /2, v cc = 4.5v and 5.5v. 6. interchanging of force and s ense conditions is permitted
hd-6409 fn2951 rev 4.00 page 9 of 15 october 1, 2015 capacitance t a = +25c, frequency = 1mhz. symbol parameter test conditions typ units c in input capacitance all measurements are referenced to device gnd 1 0pf c out output capacitance 12 pf ac electrical specifications v cc = 5.0v ? 10%, t a = -40c to +85c (hd-6409-9). symbol parameter test conditions (note 7) min max units f c clock frequency - - 16 mhz t c clock period - 1/f c -sec t 1 bipolar pulse width - t c +10 - ns t 3 one-zero overlap - - t c -10 ns t ch clock high time f = 16.0mhz 20 - ns t cl clock low time f = 16.0mhz 20 - ns t ce1 serial data setup time - 120 - ns t ce2 serial data hold time - 0 - ns t cd2 dclk to sdo, nvm - - 40 ns t r2 eclk to bzo - - 40 ns t r output rise time (all except clock) from 1.0v to 3.5v, c l = 50pf, note 8 - 50 ns t f output fall time (all except clock) from 3.5v to 1.0v, c l = 50pf, note 8 - 50 ns t r clock output rise time from 1.0v to 3.5v, c l = 20pf, note 8 - 11 ns t f clock output fall time from 3.5v to 1.0v, c l = 20pf, note 8 - 11 ns t ce3 eclk to bzo , boo notes 8, 9 0.5 1.0 dbp t ce4 cts low to bzo , boo enabled notes 8, 9 0.5 1.5 dbp t ce5 cts low to eclk enabled notes 8, 9 10.5 11.5 dbp t ce6 cts high to eclk disabled notes 8, 9 - 1.0 dbp t ce7 cts high to bzo , boo disabled notes 8, 9 1.5 2.5 dbp t cd1 udi to sdo, nvm notes 8, 9 2.5 3.0 dbp t cd3 rst low to cdlk, sdo, nvm low notes 8, 9 0.5 1.5 dbp t cd4 rst high to dclk, enabled notes 8, 9 0.5 1.5 dbp t r1 udi to bzo , boo notes 8, 9 0.5 1.0 dbp t r3 udi to sdo, nvm notes 8, 9 2.5 3.0 dbp notes: 7. ac testing as follows: f = 4.0mhz, v ih = 70% v cc , v il = 20% v cc , speed select = 16x, v oh ? v cc /2, v ol ?? v cc /2, v cc = 4.5v and 5.5v. input rise and fall times driv en at 1ns/v, output load = 50pf. 8. limits established by characterization and are not production tested. 9. dbp-data bit period, clock rate = 16x, one dbp = 16 clock cyc les; clock rate = 32x, one dbp = 32 clock cycles.
hd-6409 fn2951 rev 4.00 page 10 of 15 october 1, 2015 timing waveforms figure 8. figure 9. clock timing figure 10. output waveform data sync bit period bit period bit period t 2 command sync t 2 t 3 t 3 t 2 t 2 t 4 one one zero t 1 t 1 t 1 t 3 t 3 t 1 t 1 t 1 t 3 t 3 t 3 t 3 t 1 t 4 t 5 t 5 t 2 t 2 command sync t 2 t 2 t 4 t 5 t 5 t 4 t 4 zero one one one data sync boi bzi boi bzi boi bzi udi udi udi t 3 note: udi = 0, for next diagrams note: boi = 0, bzi = 1 for next diagrams t c t ch t r t cl t f 10% 90% t r t f 1.0v 3.5v
hd-6409 fn2951 rev 4.00 page 11 of 15 october 1, 2015 figure 11. encoder timing figure 12. encoder timing figure 13. encoder timing note: manchester data-in is not synchronous with decoder clock. decoder clock is synchronous with decoded nrz out of sdo. figure 14. decoder timing figure 15. decoder timing figure 16. decoder timing timing waveforms (continued) eclk sd/cds bzo boo t ce1 t ce2 t ce3 t ce5 t ce4 cts bzo boo eclk t ce6 cts bzo boo eclk t ce7 dclk udi sdo nvm manchester logic-1 manchester logic-0 manchester logic-0 manchester logic-1 t cd2 t cd5 t cd2 t cd1 nrz logic-1 rst dclk, sdo, nvm 50% 50% t cd3 rst dclk 50% t cd4
hd-6409 fn2951 rev 4.00 page 12 of 15 october 1, 2015 test load circuit figure 17. repeater timing timing waveforms (continued) udi eclk bzo sdo nvm manchester 1 t r2 t r3 t r3 t r2 t r1 manchester 0 manchester 0 manchester 1 manchester 1 manchester 0 manchester 0 figure 18. test load circuit dut c l (note) note: includes stray and jig capacitance
fn2951 rev 4.00 page 13 of 15 october 1, 2015 hd-6409 intersil products are manufactured, assembled and tested utilizing iso9001 quality systems as noted in the quality certifications found at www.intersil.com/en/suppor t/qualandreliability.html intersil products are sold by description on ly. intersil may modify the circuit design an d/or specifications of products at any time without notice, provided that such modification does not, in intersil's sole judgment, affect the form, fit or function of the product. accordingly, the reader is cautioned to verify that datasheets are current before placing orders. information fu rnished by intersil is believed to be accu rate and reliable. however, no responsib ility is assumed by intersil or its subsidiaries for its use; nor for any infrin gements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com for additional products, see www.intersil.com/en/products.html ? copyright intersil americas llc 1997-2015. all rights reserved. all trademarks and registered trademarks are the property of their respective owners. about intersil intersil corporation is a leading provider of innovative power management and precision analog solutions. the company's produc ts address some of the largest marke ts within the industrial and i nfrastructure, mobile computing and high-end consumer markets. for the most updated datasheet, application no tes, related documentation and related parts, please see the respective product information page found at www.intersil.com . you may report errors or suggesti ons for improving this datashe et by visiting www.intersil.com/ask . reliability reports are also a vailable from our website at www.intersil.com/support revision history the revision history provided is for informational purposes onl y and is believed to be accurate, but not warranted. please go to the web to make sure that you have the latest revision. date revision change october 1, 2015 fn2951.4 added rev history beginning with rev 4. added about intersil verbiage. updated ordering information on page 1 updated pod m20.3 to most curren t version. revision changes are as follows: top view : corrected "7.50 bsc" to "7.60/7.40" (no change from rev 2; erro r was introduced in conversion) changed "10.30 bsc" to "10.65/10.00" (no change from rev 2; err or was introduced in conversion) side view : changed "12.80 bsc" to "13.00/12.60" (no change from rev 2; err or was introduced in conversion) changed "2.65 max" to "2.65/2.35" (no change from rev 2; error was introduced in conversion) changed note 1 from "ansi y14.5m-1982." to "asme y14.5m-1994" updated to new pod format by moving dimensions from table onto drawing and adding land pattern
hd-6409 fn2951 rev 4.00 page 14 of 15 october 1, 2015 dual-in-line plastic packages (pdip) notes: 1. controlling dimensions: inch. in case of conflict between english and metric dimensions, the inch dimensions control. 2. dimensioning and tolerancing per ansi y14.5m - 1982. 3. symbols are defined in the ?mo series symbol list? in section 2.2 of publication no. 95. 4. dimensions a, a1 and l are measured with the package seated in jedec seating plane gauge gs - 3. 5. d, d1, and e1 dimensions do not include mold flash or protrusions. mold flash or protrusions shal l not exceed 0.010 inch (0.25mm). 6. e and are measured with the leads constrained to be perpen- dicular to datum . 7. e b and e c are measured at the lead tips with the leads uncon- strained. e c must be zero or greater. 8. b1 maximum dimensions do not include dambar protrusions. dam- bar protrusions shall not exceed 0.010 inch (0.25mm). 9. n is the maximum number of terminal positions. 10. corner leads (1, n, n/2 and n/2 + 1) for e8.3, e16.3, e18.3, e28.3, e42.6 will have a b1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm). e a -c- c l e e a c e b e c -b- e1 index 12 3 n/2 n area seating base plane plane -c- d1 b1 b e d d1 a a2 l a1 -a- 0.010 (0.25) c a m bs e20.3 (jedec ms-001-ad issue d) 20 lead dual-in-line plastic package symbol inches millimeters notes min max min max a - 0.210 - 5.33 4 a1 0.015 - 0.39 - 4 a2 0.115 0.195 2.93 4.95 - b 0.014 0.022 0.356 0.558 - b1 0.045 0.070 1.55 1.77 8 c 0.008 0.014 0.204 0.355 - d 0.980 1.060 24.89 26.9 5 d1 0.005 - 0.13 - 5 e 0.300 0.325 7.62 8.25 6 e1 0.240 0.280 6.10 7.11 5 e 0.100 bsc 2.54 bsc - e a 0.300 bsc 7.62 bsc 6 e b - 0.430 - 10.92 7 l 0.115 0.150 2.93 3.81 4 n20 209 rev. 0 12/93
hd-6409 fn2951 rev 4.00 page 15 of 15 october 1, 2015 package outline drawing m20.3 20 lead wide body small outline plastic package (soic) rev 3, 2/11 7. the lead width as measured 0.36mm (0.14 inch) or greater a bove the seating plane, shall not exceed a maximum value of 0.61mm detail "x" side view typical recommended land pattern top view 13.00 0.75 0.25 x 45 0.32 0.23 max 8 1.27 0.40 10.65 10.00 7.60 7.40 20 123 index area 2.65 2.35 0.30 max bsc 1.27 0.35 0.49 0.25 (0.10) mc s b m a 0.10 (0.004) 0.25 (0.10) mb m 1 2 1.27 bsc (9.40mm) seating plane (0.60) (2.00) 2 20 3 3 5 7 notes: 1. dimensioning and tolerancing per asme y14.5m-1994. 2. dimension does not include mold flash, protrusions or gate 3. dimension does not include interlead lash or protrusions. interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) pe r side. 4. the chamfer on the body is optional. if it is not present, a visual index feature must be located within the crosshatched area. 5. dimension is the length of t erminal for soldering to a sub strate. 6. terminal numbers are shown for reference only. 8. controlling dimension: millimeter. 9. dimensions in ( ) for reference only. burrs. mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. (0.024 inch) 10. jedec reference drawing number: ms-013-ac. 12.60


▲Up To Search▲   

 
Price & Availability of HD3-6409-9Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X