Part Number Hot Search : 
010NR 07401 AD5764 AG668FT DH072604 NPT2021 TPS20 AN17830
Product Description
Full Text Search
 

To Download FP-010RE101M-R7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  conductive polymer aluminum solid electrolytic capacitors 80 cat.8100h rr7 (mm) dl 811.5 1012.5 d 0.6 0.6 p 3. 5 5. 0  1. 5 1. 5 test conditio n capacitance change tan esr( 1) leakage current ( 2) 105c, rated voltage 2000 / 500 0h rs. within 20% of initial value before test 150% or less than the initial specified value 150% or less than the initial specified value less than or equal to the initial specified value less than or equal to the specified value at 120hz, 20c less than or equal to the specified value at 100khz, 20c less than or equal to the specified value. after 2 minutes' application of rated voltage at 20c 1 esr should be measured at both of the terminal ends closest to the capacitor body. 2 conditioning : if any doubt arises, measure the leakage current after the voltage treatment of applying dc rated voltage co ntinuously to the capacitor for 120 minutes at 105c. specifications performance characteristic s item $bufhpsz5fnqfsbuvsf3bohf 3bufe7pmubhf3bohf 3bufe$bqbdjubodf3bohf $bqbdjubodf5pmfsbodf endurance tangent of loss angle (tan ) leakage current ( 2) esr ( 1) aluminum case stand off wire(lead free) dimensions '1 $c   lot no. product logo voltage capacitance fpcap part number fp 016 re 331 m r7 cg configuration lead forming control code capacitance tolerance (20%) capacitance (330f) v oltage(16v) series name ty pe % ? ."9 1 ? -  ."9  .*/  .*/  e type numbering system (example : 16v 330f) nichicon part number r 1 r 2 3 1 4 c 5 3 6 3 7 1 8 m 9 d 10 n 11 1 12 c 13 g 14 configuration lead forming control code capacitance tolerance (20%) rated capacitance (330 f) rated voltage (16v ) series name ty pe 7 ?55 to 105c 2.5 to 16v 68 to 1500f 20% at 120hz, 20c dimension table in next page. low esr ultra low esr, high ripple current. load life of 2000 hours at 105c. radial lead type : lead free flow soldering condition correspondence. compliant to the rohs directive (2011/65/eu). rr7 lower esr lower esr rr5 rns rl8 lower profile frequency coefficient of rated ripple current coefficient frequency 120 hz 1 khz 10 khz 100 khz 300 khz 0.10 0.45 0.50 1.00 1.00
conductive polymer aluminum solid electrolytic capacitors 81 cat.8100h 5600 5600 6100 5600 6100 6100 5600 5600 6100 5600 6100 6100 6100 5600 6100 6100 6100 5600 5600 6100 6100 6100 6100 811.5 811.5 1012.5 811.5 1012.5 1012.5 811.5 811.5 1012.5 811.5 1012.5 1012.5 1012.5 811.5 1012.5 1012.5 1012.5 811.5 811.5 1012.5 1012.5 1012.5 1012.5 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 7 425 513 938 224 328 960 47 69 104 246 428 517 630 50 110 470 1360 54 80 120 648 792 792 0.08 0.08 0.08 0.08 0.08 0.15 0.07 0.07 0.07 0.08 0.08 0.12 0.12 0.07 0.07 0.08 0.10 0.06 0.06 0.06 0.08 0.08 0.08 rr70e681mdn1 ?? rr70e821mdn1 ?? rr70e152mdn1 ?? rr70g561mdn1 ?? rr70g821mdn1 ?? rr70g122mdn1 ?? rr70j151mdn1 ?? rr70j221mdn1 ?? rr70j331mdn1 ?? rr70j391mdn1 ?? rr70j681mdn1 ?? rr70j821mdn1 ?? rr70j102mdn1 ?? rr71a101mdn1 ?? rr71a221mdn1 ?? rr71a471mdn1 ?? rr71a681mdn1 ?? rr71c680mdn1 ?? rr71c101mdn1 ?? rr71c151mdn1 ?? rr71c271mdn1 ?? rr71c331mdn1 ?? rr71c331mdnasq ?? fp-2r5re681m-r7 ?? fp-2r5re821m-r7 ?? fp-2r5re152m-r7 ?? fp-4r0re561m-r7 ?? fp-4r0re821m-r7 ?? fp-4r0re122m-r7 ?? fp-6r3re151m-r7 ?? fp-6r3re221m-r7 ?? fp-6r3re331m-r7 ?? fp-6r3re391m-r7 ?? fp-6r3re681m-r7 ?? fp-6r3re821m-r7 ?? fp-6r3re102m-r7 ?? FP-010RE101M-R7 ?? fp-010re221m-r7 ?? fp-010re471m-r7 ?? fp-010re681m-r7 ?? fp-016re680m-r7 ?? fp-016re101m-r7 ?? fp-016re151m-r7 ?? fp-016re271m-r7 ?? fp-016re331m-r7 ?? fp-016re331m-r7 ??-5k 2.8 7.2 11.5 18.4 2.5 (0e) 4.6 4.0 (0g) 6.3 (0j) 10 (1a) 16 (1c) dimensions nichicon fpcap leakage current ?" njo
tan esr (m) ( 20 c / 100khz ) rated ripple current (marms) ( 1 05 c / 100khz ) case size d l (mm) rated voltage (v) (code) rated capacitance ( f) surge voltage (v) frequency characteristics (the frequency characteristics are typical and not a guaranteed value. ) frequency (khz) frequency (khz) ? ? ? ? impedance 680 820 1500 560 820 1200 150 220 330 390 680 820 1000 100 220 470 680 68 100 150 270 330 330 rr7 taping specifications are given in page 26, 27. please refer to page 3 for the minimum order quantity. : load life 5000hours.


▲Up To Search▲   

 
Price & Availability of FP-010RE101M-R7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X