Part Number Hot Search : 
EN6387B NTE1881 EG01CV KDEC12 CLL4692 PNZ155 VM73LFS 74LS0
Product Description
Full Text Search
 

To Download EM355304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for additional product information, visit www.eaton.com/connectors euromag series pcb mount pluggable terminal blocks to convert to inches, divide by 25.4 position 02 03 04 05 06 07 08 09 10 11 12 l (mm) 7.90 11.71 15.52 19.33 23.14 26.95 30.76 34.57 38.38 42.19 46.00 part numbering system series # of positions n n n n n n n n n n n n n n n n 02 to 12 e m 3553 15.6+_0.3 (0.614") 6.6+_0.3 (0.260") 11.2+_0.3 (0.441") 2.15+_0.3 (0.084") 3.5+_0.1 (0.138") l+_0.5  "    (mates with em3593 series); 3.81 centers specifications rating: 10 a, 300v center spacing : 0.15 (3.81mm) consult factory for 0.30 (7.62mm) wire range : #16 -2 6 awg housing material : ul r ated 94v0 thermoplastic contact material : brass tin-plated screw size : m2 .0 zinc-plated steel operating t emperature: 105 c (221 f) max., -40c (-40 f) min. t orq ue rating : 3.0 lb-in. construction : mold-to-length agency information : file e62622; ce certified em355308 mating header : em3593 pg. 8 1 dimensions - mm (in) terminal blocks: single row euromag series edge connectors, one-sided boards compliance references plug & header 78


▲Up To Search▲   

 
Price & Availability of EM355304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X