Part Number Hot Search : 
KSD568 2SK2161 8F800 A1102 5KE13A USB11 4XFSAN PS5001LR
Product Description
Full Text Search
 

To Download C230DS2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l ite-on technology corporation p r o p e r t y o f l i t e - o n o n l y f eatures * meet rohs, green product. * reverse mount chip led. * ultra bright ingan white chip led. * package in 8mm tape on 7" diameter reels. * compatible with automatic placement equipment. * compatible with infrared reflow solder process. * eia std package. * i.c. compatible. p ackage dimensions p art no. lens emitted color l tw-C230DS2 y ellow ingan white n otes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.10 mm (.004") unless otherwise noted. p art no. : ltw-C230DS2 page : 1 of 11 b ns-od-c131/a4 ??????????e?t1??? www.to-grace.com 1??????lite-on:1a?????led?? ????-?????1?|????????????3? ??o0755-83464948 ???o0755-83464076 a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y absolute maximum ratings at ta=25 parameter ltw-C230DS2 unit power dissipation 72 mw peak forward current (1/10 duty cycle, 0.1ms pulse width) 100 ma dc forward current 20 ma reverse voltage 5 v operating temperature range -30 c to + 85 c storage temperature range -55 c to + 105 c infrared soldering condition 260 c for 10 seconds note: reverse voltage cant be continued operating. suggest ir reflow condition : part no. : ltw-C230DS2 page : 2 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y electrical optical characteristics at ta=25 parameter symbol part no. ltw- min. typ. max. unit test condition luminous intensity iv C230DS2 18.0 45.0 mcd if = 2ma note 1, 2, 5 viewing angle 2 1/2 C230DS2 130 deg fig.6 x 0.274 0.294 0.314 chromaticity coordinates y C230DS2 0.226 0.286 0.347 if = 2ma note 3, 5 fig.1 forward voltage vf C230DS2 2.6 3.1 v if = 2ma reverse current ir C230DS2 10 a vr = 5v note : 1. luminous intensity is measured with a light sensor and filter combination that approximates the cie eye-response curve. 2. iv classification code is marked on each packing bag. 3. the chromaticity coordinates (x, y) is derived from the 1931 cie chromaticity diagram. 4. caution in esd: static electricity and surge damages the led. it is recommend to use a wrist band or anti-electrostatic glove when handling the led. all devices, equipment and machinery must be properly grounded. 5. tester cas140b is for the chromaticity coordinates (x, y) & iv. 6. the chromaticity coordinates (x, y) guarantee should be added 0.02 tolerance. part no. : ltw-C230DS2 page : 3 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y typical electrical / optical characteristics curves (25 ambient temperature unless otherwise noted) part no. : ltw-C230DS2 page : 4 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y bin code list c. i. e. 1931 chromaticity diagram 0.22 0.24 0.26 0.28 0.30 0.32 0.34 0.36 0.26 0.27 0.28 0.29 0.3 0.31 0.32 x xx x y s3 s2 s4 s1 part no. : ltw-C230DS2 page : 5 of 11 bns-od-c131/a4 vf spec. table forward voltage (v) at if = 2ma vf bin min. max. a10 2.60 2.70 b10 2.70 2.80 b11 2.80 2.90 12 2.90 3.00 13 3.00 3.10 tolerance on each forward voltage bin is +/-0.1 volt iv spec. table luminous intensity (mcd) at if = 2ma iv bin min. max. m 18 28 n 28 45 tolerance on each luminous intensity bin is +/- 15%. hue spec. table color bin limits at if = 2ma hue bin cie 1931chromaticity coordinates x 0.274 0.274 0.294 0.294 s1 y 0.226 0.258 0.286 0.254 x 0.274 0.274 0.294 0.294 s2 y 0.258 0.291 0.319 0.286 x 0.294 0.294 0.314 0.3 14 s3 y 0.254 0.286 0.315 0.282 x 0.294 0.294 0.314 0.314 s4 y 0.286 0.319 0.347 0.315 tolerance on each hue (x, y) bin is +/- 0.01. a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y cleaning do not use unspecified chemical liquid to clean led they could harm the package. if clean is necessary, immerse the led in ethyl alcohol or in isopropyl alcohol at normal temperature for less one minute. suggest soldering pad dimensions package dimensions of tape and reel notes: 1. all dimensions are in millimeters (inches). part no. : ltw-C230DS2 page : 6 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y package dimensions of reel notes: 1. empty component pockets sealed with top cover tape. 2. 7 inch reel-3000 pieces per reel. 3. minimum packing quantity is 500 pcs for remainders. 4. the maximum number of consecutive missing lamps is two. 5. in accordance with ansi/eia 481-1-a-1994 specifications. part no. : ltw-C230DS2 page : 7 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y part no. : ltw-C230DS2 page : 8 of 11 bns-od-c131/a4 cautions 1. application the leds described here are intended to be used for ordinary electronic equipment (such as office equipment, communication equipment and household applications).consult liteons sales in advance for information on applications in which exceptional reliability is required, particularly when the failure or malfunction of the leds may directly jeopardize life or health (such as in aviation, transportation, traffic control equipment, medical and life support systems and safety devices). 2. storage the package is sealed: the leds should be stored at 30c or less and 90%rh or less. and the leds are limited to use within one year, while the leds is packed in moisture-proof package with the desiccants inside. the package is opened: the storage ambient for the leds should not exceed 30c temperature or 60% relative humidity. it is recommended that leds out of their original packaging are ir-reflowed within 672hrs. for extended storage out of their original packaging, it is recommended that the leds be stored in a sealed container with appropriate desiccant, or in a desiccators with nitrogen ambient. leds stored out of their original packaging for more than one week should be baked at about 60 deg c for at least 20 hours before solder assembly. 3. cleaning use alcohol-based cleaning solvents such as isopropyl alcohol to clean the led if necessary. 4. soldering recommended soldering conditions: r eflow soldering soldering iron pre-heat pre-heat time peak temperature soldering time 150~200c 120 sec. max. 260c max. 10 sec. max.(max. two times) temperature soldering time 300c max. 3 sec. max. (one time only) soldering notes: because different board designs use different number and types of devices, solder pastes, reflow ovens, and circuit boards, no single temperature profile works for all possible combinations. however, you can successfully mount your packages to the pcb by following the proper guidelines and pcb-specific characterization. lite-on runs both component-level verification using in-house kyramx98 reflow chambers and board-level assembly. the results of this testing are verified through post-reflow reliability testing. profiles used at lite- on are based on jedec standards to ensure that all packages can be successfully and reliably surface mounted. figure on page3 shows a sample temperature profile compliant to jedec standards. you can use this example as a generic target to set up your reflow process. you should adhere to the jedec profile limits as well as specifications and recommendations from the solder paste manufacturer to avoid damaging the device and create a reliable solder joint. a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y 5. drive method an led is a current-operated device. in order to ensure intensity uniformity on multiple leds connected in parallel in an application, it is recommended that a curren t limiting resistor be incorporated in the drive circuit, in series with each led as shown in circuit a below. circuit model a circuit model b led led (a) recommended circuit. (b) the brightness of each led might appear different due to the differences in the i-v characteristics of those leds. 6. esd (electrostatic discharge) static electricity or power surge will damage the led. suggestions to prevent esd damage:  u se of a conductive wrist band or anti-electrostatic glove when handling these leds.  a ll devices, equipment, and machinery must be properly grounded.  w ork tables, storage racks, etc. should be properly grounded.  u se ion blower to neutralize the static charge which might have built up on surface of the leds plastic lens as a result of friction between leds during storage and handling. esd-damaged leds will exhibit abnormal characteristics such as high reverse leakage current, low forward voltage, or no lightup at low currents. to verify for esd damage, check for lightup and vf of the suspect leds at low currents. the vf of good leds should be >2.0v@0.1ma for ingan product and >1.4v@0.1ma for alingap product. part no. : ltw-C230DS2 page : 9 of 11 bns-od-c131/a4 a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y part no. : ltw-C230DS2 page : 10 of 11 bns-od-c131/a4 7. reliability test classification test item test condition reference standard operation life ta= under room temperature as per data sheet maximum rating * test time= 500hrs (-24hrs,+72hrs)*@20ma. mil-std-750d:1026 mil-std-883d:1005 jis c 7021:b-1 high temperature high humidity storage ta= 655 ,rh= 90 95% * test time= 240hrs2hrs mil-std-202f:103b jis c 7021:b-11 high temperature storage ta= 1055 * test time= 500hrs (-24hrs,+72hrs) mil-std-883d:1008 jis c 7021:b-10 endurance test low temperature storage ta= -555 * test time=500hrs (-24hrs,+72h rs) jis c 7021:b-12 temperature cycling 105 25 -55 25 30mins 5mins 30mins 5mins 10 cycles mil-std-202f:107d mil-std-750d:1051 mil-std-883d:1010 jis c 7021:a-4 thermal shock 85 5 -40 5 10mins 10mins 10 cycles mil-std-202f:107d mil-std-750d:1051 mil-std-883d:1011 solder resistance t.sol= 260 5 dwell time= 10 1secs mil-std-202f:210a mil-std-750d:2031 jis c 7021:a-1 ir-reflow ramp-up rate(217 to peak) +3 / second max temp. maintain at 175(25) 180 seconds max temp. maintain above 217 60-150 seconds peak temperature range 260 +0/-5 time within 5c of actual peak temperature (tp) 10-30 seconds ramp-down rate +6 /second max mil-std-750d:2031.2 j-std-020d environmental test solderability t.sol= 235 5 immersion time 20.5 sec immersion rate 252.5 mm/sec coverage R 95% of the dipped surface mil-std-202f:208d mil-std-750d:2026 mil-std-883d:2003 iec 68 part 2-20 jis c 7021:a-2 8. others the appearance and specifications of the product may be modified for improvement without prior notice. a ll data sheet.com
lite-on technology corporation p r o p e r t y o f l i t e - o n o n l y 9. suggested checking list training and certification 1. everyone working in a static-safe area is esd-certified? 2. training records kept and re-certification dates monitored? static-safe workstation & work areas 1. static-safe workstation or work-areas have esd signs? 2. all surfaces and objects at all static-safe workstation and within 1 ft measure less than 100v? 3. all ionizer activated, positioned towards the units? 4. each work surface mats grounding is good? personnel grounding 1. every person (including visitors) handling esd sensitive (esds) items wears wrist strap, heel strap or conductive shoes with conductive flooring? 2. if conductive footwear used, conductive flooring also present where operator stand or walk? 3. garments, hairs or anything closer than 1 ft to esd items measure less than 100v*? 4. every wrist strap or heel strap/conductive shoes checked daily and result recorded for all dls? 5. all wrist strap or heel strap checkers calibration up to date? note: *50v for blue led. device handling 1. every esds items identified by eia-471 labels on item or packaging? 2. all esds items completely inside properly closed static-shielding containers when not at static-safe workstation? 3. no static charge generators (e.g. plastics) inside shielding containers with esds items? 4. all flexible conductive and dissipative package materials inspected before reuse or recycles? others 1. audit result reported to entity esd control coordinator? 2. corrective action from previous audits completed? 3. are audit records complete and on file? part no. : ltw-C230DS2 page : 11 of 11 bns-od-c131/a4 a ll data sheet.com


▲Up To Search▲   

 
Price & Availability of C230DS2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X