Part Number Hot Search : 
6M4MX SG1731J SD02H TW0228A UPC8191K L20PF HP3700 AS2811
Product Description
Full Text Search
 

To Download BUJ103AX-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation august 1998 discrete semiconductors buj103ax silicon diffused power transistor
august 1998 1 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax general description high-voltage, high-speed planar-passivated npn power switching transistor in a plastic full-pack envelope intended for use in high frequency electronic lighting ballast applications, converters, inverters, switching regulators, motor control systems, etc. quick reference data symbol parameter conditions typ. max. unit v cesm collector-emitter voltage peak value v be = 0 v - 700 v v cbo collector-base voltage (open emitter) - 700 v v ceo collector-emitter voltage (open base) - 400 v i c collector current (dc) - 4 a i cm collector current peak value - 8 a p tot total power dissipation t hs 25 ?c - 26 w v cesat collector-emitter saturation voltage 0.25 1.0 v h fesat dc current gain i c = 3 a; v ce = 5 v 12.5 - t f fall time ic=2a,i b1 =0.4a 33 80 ns pinning - sot186a pin configuration symbol pin description 1 base 2 collector 3 emitter case isolated limiting values limiting values in accordance with the absolute maximum rating system (iec 134) symbol parameter conditions min. max. unit v cesm collector to emitter voltage v be = 0 v - 700 v v ceo collector to emitter voltage (open base) - 400 v v cbo collector to base voltage (open emitter) - 700 v i c collector current (dc) - 4 a i cm collector current peak value - 8 a i b base current (dc) - 2 a i bm base current peak value - 4 a p tot total power dissipation t hs 25 ?c - 26 w t stg storage temperature -65 150 ?c t j junction temperature - 150 ?c thermal resistances symbol parameter conditions typ. max. unit r th j-hs junction to heatsink with heatsink compound - 4.8 k/w r th j-a junction to ambient in free air 55 - k/w 12 3 case b c e
august 1998 2 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax isolation limiting value & characteristic t hs = 25 ?c unless otherwise specified symbol parameter conditions min. typ. max. unit v isol r.m.s. isolation voltage from all f = 50-60 hz; sinusoidal - 2500 v three terminals to external waveform; heatsink r.h. 65% ; clean and dustfree c isol capacitance from t2 to external f = 1 mhz - 10 - pf heatsink static characteristics t hs = 25 ?c unless otherwise specified symbol parameter conditions min. typ. max. unit i ces collector cut-off current 1 v be = 0 v; v ce = v cesmmax - - 1.0 ma i ces v be = 0 v; v ce = v cesmmax ; - - 2.0 ma t j = 125 ?c i cbo collector cut-off current 1 v cbo = v cesmmax (700v) - - 0.1 ma i ceo v ceo = v ceommax (400v) - - 0.1 ma i ebo emitter cut-off current v eb = 7 v; i c = 0 a - - 0.1 ma v ceosust collector-emitter sustaining voltage i b = 0 a; i c = 10 ma; 400 - - v l = 25 mh v cesat collector-emitter saturation voltage i c = 3.0 a; i b = 0.6 a - 0.25 1.0 v v besat base-emitter saturation voltage i c = 3.0 a; i b = 0.6 a - 0.97 1.5 v h fe dc current gain i c = 1 ma; v ce = 5 v 10 17 32 h fe i c = 0.5 a; v ce = 5 v 12 20 32 h fesat dc current gain i c = 2 a; v ce = 5 v 13.5 16 20 i c = 3 a; v ce = 5 v - 12.5 - dynamic characteristics t hs = 25 ?c unless otherwise specified symbol parameter conditions typ. max. unit switching times (resistive load) i con = 2.5 a; i bon = -i boff = 0.5 a; r l = 75 ohms; v bb2 = 4 v; t on turn-on time 0.52 0.6 m s t s turn-off storage time 2.7 3.2 m s t f turn-off fall time 0.3 0.43 m s switching times (inductive load) i con = 2 a; i bon = 0.4 a; l b = 1 m h; -v bb = 5 v t s turn-off storage time 1.2 1.33 m s t f turn-off fall time 33 80 ns switching times (inductive load) i con = 2 a; i bon = 0.4 a; l b = 1 m h; -v bb = 5 v; t j = 100 ?c t s turn-off storage time - 1.8 m s t f turn-off fall time - 200 ns 1 measured with half sine-wave voltage (curve tracer).
august 1998 3 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax fig.1. test circuit for v ceosust . fig.2. oscilloscope display for v ceosust . fig .3. test circuit resistive load. v im = -6 to +8 v v cc = 250 v; t p = 20 m s; d = t p / t = 0.01. r b and r l calculated from i con and i bon requirements. fig. 4. switching times waveforms with resistive load. fig. 5. test circuit inductive load. v cc = 300 v; -v be = 5 v; l c = 200 uh; l b = 1 uh fig. 6. switching times waveforms with inductive load. + 50v 100-200r horizontal vertical oscilloscope 1r 6v 30-60 hz 300r ic ib 10 % 10 % 90 % 90 % ton toff ts tf ibon -iboff icon tr 30ns vce / v min vceosust ic / ma 100 200 250 0 lb ibon -vbb lc t.u.t. vcc tp t vcc r r t.u.t. 0 vim b l ic ib icon ibon -iboff t t ts tf toff 10 % 90 %
august 1998 4 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax fig. 7. normalised power dissipation. pd% = 100 pd/pd 25?c = f (t hs ) fig.8. typical dc current gain. h fe = f(i c ) parameter v ce fig.9. collector-emitter saturation voltage. solid lines = typ values, v cesat = f(ib); t j =25?c. fig.10. base-emitter saturation voltage. solid lines = typ values, v besat = f(ic); at ic/ib =4. fig.11. collector-emitter saturation voltage. solid lines = typ values, v cesat = f(ic); at ic/ib =4. fig.12. transient thermal impedance. z th j-hs = f(t); parameter d = t p /t 0 20 40 60 80 100 120 140 ths / c % normalised derating 120 110 100 90 80 70 60 50 40 30 20 10 0 with heatsink compound p tot 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.1 1 10 ic/a vbesat/v 0.01 1 100 10 1 0.1 10 h fe ic / a tj = 25 c 1v 5v 0.0 0.1 0.2 0.3 0.4 0.5 0.1 1 10 ic/a vcesat/v 0.0 0.4 0.8 1.2 1.6 2.0 0.01 0.10 1.00 10.00 ib/a vcesat/v ic=1a 2a 3a 4a 1u 100u 10m 1 100 t / s zth / (k/w) 10 1 0.1 0.01 0.001 d=0 0.5 0.2 0.1 0.05 0.02 10u 1m 100m 10 d = t p t t p t d t p bu1706ax
august 1998 5 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax fig.13. reverse bias safe operating area. t j t j max fig.14. test circuit for reverse bias safe operating area. v cl 1000v; v cc = 150v; v bb = -5v; l b = 1 m h; l c = 200 m h fig.15. forward bias safe operating area. t hs 25 ?c (1) p tot max and p tot peak max lines. (2) second breakdown limits. i region of permissible dc operation. ii extension for repetitive pulse operation. iii extension during turn-on in single transistor converters provided that r be 100 w and t p 0.6 m s. nb: mounted with heatsink compound and 30 5 newton force on the centre of the envelope. 0 100 200 300 400 500 600 700 800 900 0 1 2 3 4 5 6 7 8 9 vceclamp (v) ic (a) 1 10 100 1,000 0.001 0.01 0.1 1 10 100 vceclamp (v) ic (a) icm max ic max i ii iii (1) (2) duty cycle = 0.01 tp = 20us 50us 100us 200us 500us dc 1ms 2ms lb ibon -vbb lc t.u.t. vcc vcl
august 1998 6 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax mechanical data dimensions in mm net mass: 2 g fig.16. sot186a; the seating plane is electrically isolated from all terminals. notes 1. refer to mounting instructions for f-pack envelopes. 2. epoxy meets ul94 v0 at 1/8". 10.3 max 3.2 3.0 4.6 max 2.9 max 2.8 seating plane 6.4 15.8 max 0.6 2.5 2.54 5.08 12 3 3 max. not tinned 3 0.5 2.5 0.9 0.7 m 0.4 15.8 max. 19 max. 13.5 min. recesses (2x) 2.5 0.8 max. depth 1.0 (2x) 1.3
august 1998 7 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax definitions data sheet status objective specification this data sheet contains target or goal specifications for product development. preliminary specification this data sheet contains preliminary data; supplementary data may be published later. product specification this data sheet contains final product specifications. limiting values limiting values are given in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of this specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the specification. philips electronics n.v. 1998 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. life support applications these products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale.
august 1998 8 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax notes
august 1998 9 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax notes
august 1998 10 rev 1.000 philips semiconductors product speci?cation silicon diffused power transistor buj103ax notes
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1998 sca60 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. middle east: see italy netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 pakistan: see singapore philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 319762, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 93 301 6312, fax. +34 93 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 5985 2000, fax. +46 8 5985 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2741 fax. +41 1 488 3263 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2865, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 625 344, fax.+381 11 635 777 for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 160 1010, fax. +43 160 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 200 733, fax. +375 172 200 773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 689 211, fax. +359 2 689 102 canada: philips semiconductors/components, tel. +1 800 234 7381 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: prags boulevard 80, pb 1919, dk-2300 copenhagen s, tel. +45 32 88 2636, fax. +45 31 57 0044 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615800, fax. +358 9 61580920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 40 99 6161, fax. +33 1 40 99 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 23 53 60, fax. +49 40 23 536 300 greece: no. 15, 25th march street, gr 17778 tavros/athens, tel. +30 1 4894 339/239, fax. +30 1 4814 240 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: pt philips development corporation, semiconductors division, gedung philips, jl. buncit raya kav.99-100, jakarta 12510, tel. +62 21 794 0040 ext. 2501, fax. +62 21 794 0080 ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108-8507, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381 printed in the netherlands 135104/240/02/pp12 date of release: august 1998 document order number: 9397 750 04388


▲Up To Search▲   

 
Price & Availability of BUJ103AX-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X