Part Number Hot Search : 
MAU212 TOP203Y MAU206 1N6375G G2302 1N5393S 20N03 MAU217
Product Description
Full Text Search
 

To Download AM10EW-11005S-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 10ew -n z 10 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 .b 1 of 3 north america only features: models single output model input voltage (v) output voltage (v) output current max ( m a) capacitive load max ( f ) efficiency (%) am10ew - 11005s - nz 40~160 5 2000 2200 81 am10ew - 11012s - nz 40~160 12 833 220 85 am10ew - 11015s - nz 40~160 15 667 100 85 am10ew - 11024s - nz 40~160 24 416 47 86 i nput specifications parameters nominal typical maximum units voltage range 110 40~160 170 vdc filter (pi) network input surge voltage (1sec max.) 180 vdc start - up voltage 40 vdc isolation specifications parameters conditions typical rated unit s tested i/o voltage 1 min 1500 vdc resistance > 100 0 mohm capacitance 1000 pf output specifications parameters conditions typical maximum units voltage accuracy 1 2 % short circuit protection continuous short circuit restart auto rec overy transient recovery time 25% load step change 500 1000 s transient deviation response 3 5 % line voltage regulation full load ( hl - ll ) 0. 2 0. 5 % load voltage regulation 5 - 100% load 0.5 1 % over voltage protection 120 140 % vo temperat ure coefficient 0.0 3 %/ o c ripple & noise 20mhz bandwidth 100 mv p - p ? efficiency up to 86% ? low ripple and noise ? ultra wide 4:1 input range ? over voltage protection ? continuous short circuit protection ? operating temperature - 40 o c to + 85 o c input / output isolation 1500vdc click on series name for product info on aimtec.com
series am 10ew -n z 10 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 .b 2 of 3 north america only general specifications parameters conditions typical maximum units switching frequency 100% load 350 khz operating temperature see derating chart - 40 to +85 o c stora ge temperature - 55 to +125 o c max c ase temp era ture 10 5 o c cooling free air convection humidity non condensing 95 % solder temp leads 1.5 mm from case 10 sec. 300 o c case material aluminum alloy weight 22 g dimensions (l x w x h) tolerance 0.5mm 2.00 x 1.00 x 0.4 6 inches 50.8 0 x 25. 4 0 x 11.80 mm mtbf > 1 000 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified . safety specifications parameters agency approvals designed to meet iec 60950 1:2001 pin out specifications dimensions pin single 1 vin - 2 vin + 3 +vout 4 - v out notes: all dimensions are typical in millimeters (inches). tolerance 0.25 (0.01) dia 1.00 (0.04) 50.80 (2.00) 25.40 (1.00) 11.80 (0.47) built -in stand -offs to ease pcb cleaning 1 2 3 4 bottom view 5.08 (0.20) 20.32 (0.80) 50.8 (2.00) 20.32 (0.80) 25.4 (1.00)
series am 10ew -n z 10 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 .b 3 of 3 north america only recommen ded circuit vin+ vin- c1 10 ~ 47f c2 10f vo+ load vo- aimtec dc/dc converter note : greater noise filtering can be achieved with additional capacitors , however the largest size can not exceed maximum capacitive load specification . parallel connections are not recommended . product does not support hot swap / plug and play configurations . derating free air convection 71oc safe operating area - 40 0 20 40 60 85 0 20 40 60 80 100 100 o u t p u t p o w e r ( % ) - 20 80 ambient temperature o c note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer cont rolled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for r eference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this da tasheet. 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM10EW-11005S-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X