Part Number Hot Search : 
LM7660 28000 LG2640 MA27D27 MS8GE 2SA1213 C8030 BY229X
Product Description
Full Text Search
 

To Download AEB106M2CJ32T-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rated voltage 160 200 250 350 400 450 z(-25c)/z(+20c) 2 2 3 5 6 6 specifcations C25 c to +105 c 160, 200, 250, 350, 400, 450 vdc 2.2 f to 100 f 20% @ 120 hz and +20 c highlights ? +105 c, up to 5000 hour load life ? capacitance range: 2.2 f to 100 f ? voltage range: 160 vdc to 450 vdc operating temperature: rated voltage: capacitance: capacitance tolerance: impedance ratio (at 120 hz): aeb series marking outline drawing case dimensions life test: 5000 h @ +105 c, l s cases 4000 h @ +105 c, k case 3000 h @ +105 oc, j case ? capacitance 20% df: 200% of limit dcl: 100% of limit shelf test: 1000 h @ 105 c ? capacitance 20% df: 200% of limit dcl: 100% of limit low impedance and long life for high voltage, high ripple current applications type aeb capacitors are it for high voltage applications like input bus capacitors in board mounted miniature ac/dc supplies. the aebs low impedance in ratings up to 450 vdc, and long life, make it ideal for power supply input and other high voltage applications. the vertical, cylindrical cases make easy automatic mounting and refow soldering. case code d 0.5 l 0.5 a 0.2 h (max) i (ref) w p (ref) k (mm) j 10.0 13.5 10.3 12 3.5 0.9 0.2 4.6 0.7 0.2 k 10.0 16.5 10.3 12 3.5 0.9 0.2 4.6 0.7 0.2 l 12.5 16.5 13.5 15 4.7 0.9 0.3 4.4 0.7 0.3 p 16.0 16.5 17.0 19 5.5 1.2 0.3 6.7 0.7 0.3 u 16.0 21.5 17.0 19 5.5 1.2 0.3 6.7 0.7 0.3 r 18.0 16.5 19.0 21 6.7 1.2 0.3 6.7 0.7 0.3 s 18.0 21.5 19.0 21 6.7 1.2 0.3 6.7 0.7 0.3 complies with the eu direc - tive 2002/95/ec require - ment restricting the use of lead (pb), mercury (hg), cadmium (cd), hexavalent chromium (cr(vi)), polybro - minated biphenyls (pbb) and polybrominated diphe - nyl ethers (pbde). type aeb smt aluminum electrolytic capacitors - high voltage, 105 c cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com
ratings part numbering system max. max. max. max. dissipation impedance ripple current cap catalog dcl factor @ @ 100 khz @ 105 c size (mm) quantity (f) part number 2 min 120 hz 20 c 100 khz d x l reel (a) 20 c (?) (ma) 160 vdc 10.0 AEB106M2CJ32T-F 106 0.15 3.00 0 10 x 13.5 250 33.0 aeb336m2cl32t-f 32 0.15 1.0 40 12.5 x 16.5 150 4.0 aeb46m2cp44t-f 461 0.15 1.40 600 16 x 16.5 125 6.0 aeb66m2c44t-f 663 0.15 0.55 50 16 x 21.5 5 6.0 aeb66m2cr44t-f 663 0.15 0.0 50 1 x 16.5 125 100.0 aeb10m2cs44t-f 0 0.15 0.50 1060 1 x 21.5 5 200 vdc 22.0 aeb226m2dl32t-f 24 0.15 1.0 40 12.5 x 16.5 150 33.0 aeb336m2dp44t-f 406 0.15 1.40 600 16 x 16.5 125 4.0 aeb46m2dr44t-f 54 0.15 0.0 600 1 x 16.5 125 6.0 aeb66m2d44t-f 26 0.15 0.55 50 16 x 21.5 5 100.0 aeb10m2ds44t-f 1210 0.15 0.50 1060 1 x 21.5 5 250 vdc 10.0 aeb106m2ek32t-f 160 0.15 2.50 10 x 16.5 200 22.0 aeb226m2ep44t-f 340 0.15 1.60 560 16 x 16.5 125 33.0 aeb336m2er44t-f 505 0.15 0.5 560 1 x 16.5 125 4.0 aeb46m2e44t-f 15 0.15 0.0 10 16 x 21.5 5 6.0 aeb66m2es44t-f 1030 0.15 0.60 0 1 x 21.5 5 350 vdc 10.0 aeb106m2vp44t-f 220 0.20 3.20 20 16 x 16.5 125 22.0 aeb226m2vr44t-f 42 0.20 1.60 350 1 x 16.5 125 33.0 aeb336m2v44t-f 03 0.20 1.20 40 16 x 21.5 5 4.0 aeb46m2vs44t-f 0.20 1.00 60 1 x 21.5 5 400 vdc 3.3 aeb335m2j32t-f 0.24 .00 40 10 x 13.5 250 4. aeb45m2k32t-f 123 0.24 5.50 50 10 x 16.5 200 10.0 aeb106m2p44t-f 250 0.24 3.60 250 16 x 16.5 125 22.0 aeb226m244t-f 53 0.24 2.20 410 16 x 21.5 5 33.0 aeb336m2s44t-f 02 0.24 1.20 600 1 x 21.5 5 450 vdc 2.2 aeb225m2wj32t-f 6 0.24 11.00 2 10 x 13.5 250 3.3 aeb335m2wk32t-f 0.24 .00 41 10 x 16.5 200 4. aeb45m2wl32t-f 13 0.24 4.0 4 12.5 x 16.5 150 10.0 aeb106m2wr44t-f 20 0.24 3.00 310 1 x 16.5 125 22.0 aeb226m2ws44t-f 604 0.24 1.0 560 1 x 21.5 5 aeb 106 m 2c j 32t -f type capacitance capacitance voltage code case packaging rohs 105 1.0 f tolerance 2c 160 vdc 2v 350 vdc code information compliant 106 10.0 f m 20 2d 200 vdc 2 400 vdc 32 carrier tape 10 100.0 f 2e 250 vdc 2w 450 vdc width (mm) t tape reel b bulk see the aluminum smt application guide for packaging information. cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type aeb smt aluminum electrolytic capacitors - high voltage, 105 c
case code case dia. (mm) a (mm) b (mm) c (mm) j 10 4.0 4.5 2.0 k 10 4.0 4.5 2.0 l 12.5 4.0 5.7 2.0 p 16 6.0 6.5 2.5 u 16 6.0 6.5 2.5 r 18 6.0 7.5 2.5 s 18 6.0 7.5 2.5 120 seconds 230c 20 sec. top surface temperature (c) recommended refow soldering profle for aeb series (10 to 18 mm dia.) time max. top surface temperature during refow soldering 230c maximum time at peak temperature 5 seconds maximum time at or above 200c 20 seconds number of refow processes 1 terminal material copper clad iron vdc ripple current correction factor vs frequency 120 hz 1khz 10khz to 30khz 30khz to 100khz 160 to 250 0.55 0.85 0.90 1.00 350 to 450 0.50 0.80 0.90 1.00 ripple current correction factor recommended land pattern a c b b type aeb smt aluminum electrolytic capacitors - high voltage, 105 c cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com
typical performance curves cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type aeb smt aluminum electrolytic capacitors - high voltage, 105 c
type aeb smt aluminum electrolytic capacitors - high voltage, 105 c cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com
cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com type aeb smt aluminum electrolytic capacitors - high voltage, 105 c
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information contained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guarantee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representation regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicated in such warnings, cautions and notes, or that other safety measures may not be required. type aeb smt aluminum electrolytic capacitors - high voltage, 105 c cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 ? www.cde.com


▲Up To Search▲   

 
Price & Availability of AEB106M2CJ32T-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X