specification a301-300-b2 a302-300-b2 110v 60hz 1% type-2* 2ea a301-300-f3 230v 50hz 1% type-3* 1ea a302-300-f3 230v 50hz 1% type-3* 1ea order no. safety model no. ac voltage rated power surge power waveform output frequency ac regulation standard receptacles no load current draw dc voltage voltage range efficiency (typ.) dc connector dc current input environment fuse safety & emc bat. low alarm bat. low shutdown over voltage over temperature output short bat. polarity others protection 110v a-300-300w 300w 600w modified sine wave 60hz 1% 15a 0.2a 24v 21 ~ 30vdc 85% battery cord 20 a * 1, cigarette plug 10 a* 1 20 0.8v 19.5 0.8v 30 ~ 32v 10% type-2* 2ea 0.36a 12v 10 ~ 15vdc 82% 35a battery cord 35 a * 1, cigarette plug 15 a* 1 10 0.5v 9.5 0.5v 15 ~ 17v 45 5 / 113 9 f o shut-off by fuse open file name: a-301/302-300-spec 2016-04-06 isolation resistance i/p-o/p:100m ohms / 500vdc / 25 / 70% rh mtbf 200khrs min. mil-hdbk-217f (25 ) dimension 165*88*74mm (l*w*h) cooling >100w or >40 (ntc) fan on packing 1.1kg ; 16pcs / 19kg / carton working temp. working humidity storage temp., humidity temp. coefficient 0 ~ 30 @ 100% load, 40 @ 50% load 20% ~ 90% rh non-condensing -30 ~ +70 / -22 ~ +158 f, 10 ~ 95% rh o 0.05% / (0 ~ 50 ) cigarette plug*1ea, battery clip*1ea cigarette plug*1ea, battery clip*1ea ems immunity compliance to en61000-4-2,3 lvd compliance to en60950 type-1 japan type-2 usa type-3 europe type-4 universal type-5 australia type-6 u.k ac output receptacles (optional) compliance to en55022 class b, 72/ 245/ cee, 95/ 54/ ce applications home appliance, power tools, office and portable equipment and vehicle ...etc. led indicator green led for power on; red led for power failure status a-301/302-300 series 300w modified sine wave dc-ac power inverter
!"# !
$! %&'()%&'*)) (
&)
)
+)*&
,(-*,* , .
+-
/
0) 1 ++ 10% germany emc tested e s germany lvd tested e s emi radiation
power power over load over load over temp. over temp. bat.low bat.low ac output 18.5 165 74 off made in taiwan made in taiwan waring: waring: do not reverse input do not reverse input on 88 usa europe on off air flow mechanical specification file name: a-301/302-300-spec 2016-04-06 unit:mm a-301/302-300 series 300w modified sine wave dc-ac power inverter
|