Part Number Hot Search : 
5N06D 1215S 43000 LTC1562I BP210 5251B VN1206 D75206G
Product Description
Full Text Search
 

To Download A300-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification a301-150-b2 a302-150-b2 order no. safety model no. ac voltage rated power surge power waveform output frequency ac regulation standard receptacles no load current draw dc voltage voltage range efficiency (typ.) dc connector dc current input environment fuse safety & emc bat. low alarm bat. low shutdown over voltage over temperature output short bat. polarity mtbf others applications protection 110v a-300-150w 150w 300w modified sine wave 60hz 1% 10a 0.2a 24v 21 ~ 30vdc 82% 10a* 1ea 20.5 1v 19.5 1v 30~32v 10% type-2* 1ea 0.25a 12v 10 ~ 15vdc 78% 15a 15a* 1ea 10 0.5v 9.5 0.5v 15 ~ 17v 60 5 / 140 9 f o shut-off; broken by fuse open file name: a-301/302-150-spec 2016-04-06 isolation resistance i/p-o/p:100m ohms / 500vdc / 25 / 70% rh 200khrs min. mil-hdbk-217f(25 ) dimension 122*73*45mm (l*w*h) cooling by air convection packing 0.5kg ; 30pcs / 17kg / carton working temp. working humidity storage temp., humidity temp. coefficient 0 ~ 30 @100% load, 40 @50% load 20% ~ 90% rh non-condensing -30 ~ +70 / -22 ~ +158 f, 10 ~ 95% rh o 0.05% / (0 ~ 50 ) 700mm cigarette plug*1ea 700mm cigarette plug*1ea 110v a-300-150w 150w 300w modified sine wave 60hz 1% 10% type-2* 1ea germany emc tested e s germany lvd tested e s ems immunity compliance to en61000-4-2,3 lvd compliance to en60950 type-1 japan type-2 usa ac output receptacles (optional) compliance to en55022 class b, 72/ 245/ cee, 95/ 54/ ce home appliance, power tools, office and portable equipment and vehicle ...etc. led indicator green led for power on 150w modified sine wave dc-ac power inverter a-301/302-150 series 
       !"# !     $!   %&'()%&'* ))  ( &) )   +)*&  ,(-* , *  . +-   / 0)
1 + +  emi radiation
ambient temperature ( ) load (%) 10 0 203040506070 0 60% 70% 80% 100% 50 100 150 200 250 20 40 120 continue 300 time (minute) 20 30 60 70 100 always place the inverter in an environment which is: (a)well ventilated (b)not exposed to direct sunlight or heat source (c)out of reach from children (d)away from water/moisture oil or grease (e)away from any flammable substance loading caution file name: a-301/302-150-spec 2016-04-06 mechanical specification derating curve unit:mm 122 700 45 73 ac output a-301/302-150 series 150w modified sine wave dc-ac power inverter ac wavefrom modified sine wave output loading & duty off on
specification a301-150-f3 a302-150-f3 order no. safety model no. ac voltage rated power surge power waveform output frequency ac regulation standard receptacles led indicator no load current draw dc voltage voltage range efficiency (typ.) dc connector dc current input environment fuse bat. low alarm bat. low shutdown over voltage over temperature output short bat. polarity mtbf others applications protection 230v a-300-150w 150w 300w modified sine wave 50hz 1% 10a 0.2a 24v 21 ~ 30vdc 82% 10a* 1ea 20.5 1v 19.5 1v 30 ~ 32v 10% type-3* 1ea dual-color indicators display for power on / failure status 0.25a 12v 10 ~ 15vdc 78% 15a 15a* 1ea 10 0.5v 9.5 0.5v 15 ~ 17v 60 5 / 140 9 f o shut-off by fuse open file name: a-301/302-150-spec 2016-04-06 isolation resistance i/p-o/p:100m ohms min./ 500vdc / 25 / 70% rh ems immunity compliance to en61000-4-2,3 lvd compliance to en60950 200khrs min. mil-hdbk-217f (25 ) dimension 165*94*69mm (l*w*h) cooling by air convection packing 0.8kg ; 20pcs / 15kg / carton working temp. working humidity storage temp., humidity temp. coefficient 0 ~ +30 @100% load, 40 @ 50% load 20% ~ 90% rh non-condensing -30 ~ +70 / -22 ~ +158 f, 10 ~ 95% rh o 0.05% / (0 ~ 50 ) 700mm cigarette plug*1ea 700mm cigarette plug*1ea 230v a-300-150w 150w 300w modified sine wave 50hz 1% 10% type-3* 1ea germany emc tested e s germany lvd tested e s type-3 europe type-4 universal type-5 australia type-6 u.k ac output receptacles (optional) compliance to en55022 class b, 72/ 245/ cee, 95/ 54/ ce home appliance, power tools, office and portable equipment and vehicle ...etc. 150w modified sine wave dc-ac power inverter a-301/302-150 series 
       !"# !     $!   %&'()%&'* ))  ( &) )   +)*&  ,(-* , *  . +-   / 0)
1 + +  emi conduction & radiation safety & emc
mechanical specification ambient temperature ( ) load (%) 10 0 203040506070 0 60% 70% 80% 100% 50 100 150 200 250 20 40 120 continue 300 time (minute) 20 30 60 70 100 always place the inverter in an environment which is: (a)well ventilated (b)not exposed to direct sunlight or heat source (c)out of reach from children (d)away from water/moisture oil or grease (e)away from any flammable substance loading caution mechanical specification derating curve unit:mm ac wavefrom modified sine wave output loading & duty file name: a-301/302-150-spec 2016-04-06 ac output 165 700 69 on off 94 150w modified sine wave dc-ac power inverter a-301/302-150 series


▲Up To Search▲   

 
Price & Availability of A300-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X