Part Number Hot Search : 
MP100 FMS2028 3NV04D 25P10 EM91415 MM74C905 ME3220 SB1660
Product Description
Full Text Search
 

To Download 7898400221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  planar cores (7898400221) part number: 7898400221 98 planar ei core set planar ee and ei cores, with their low profile are suitable for board level installation allowing assembly without the need for plastic coilformers and can also allow windings integrated into multi- level pcbs. planar er cores with their low mass and low profile are suitable for surface mount installations in low power filter and transformer applications. planar ee, er and ei cores can be supplied with the center post gapped to a mechanical dimension, or an a l value. catalog drawing 3d model weight: 4.1 (g) chart legend l/ a ?: ?core constant,??? l e ?: ?effective path length,??? a e ?: ?effective cross- sectional area,??? v e ?: ?effective core volume a l ?: ?inductance factor ? explanation of part numbers: digits 1 & 2 = product class and 3 & 4 = material grade. electrical properties a l (nh) 3300 25% ae(cm 2 ) 0.421 l/ a(cm -1 ) 4.9 l e (cm) 2.05 v e (cm 3 ) 0.863 a min (cm 2 ) 0.4 a l value is measured at 1 khz, b < 10 gauss. fair- rite products corp.?? ? ??one commercial row, wallkill, new york 12589-0288 888-324-7748 ?? ? ?? 845-895-2055 ?? ? ?? fax: 845-895-2629 ?? ? ?? ferrites@fair- rite.com ?? ? ??www.fair- rite.com dim mm mm tol nominal inch inch misc. a 18 0.35 0.709 _ b 4 0.15 0.157 _ c 10 0.30 0.394 _ d 1.8 min 0.071 min e 13.7 min 0.539 min f 4 0.20 0.157 _ g 2.4 0.15 0.094 _


▲Up To Search▲   

 
Price & Availability of 7898400221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X