Part Number Hot Search : 
16FF56 16FF56 A2206B DLG3416 RLZXXXD PF0603F3 B3010 30DR100
Product Description
Full Text Search
 

To Download 61D-12D05R3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc-dc converter 61d-r3 series 10watt 1.5kv isolated 21 input voltage range single & dual output 2 x 1 specifications typical at ta=25c, nominal input vo ltage and rated output current unless otherwise specified part number input voltage input current output voltage output current efficiency capacitor load vdc no- load (ma typ) full load (ma typ) vdc full load (ma) %typ uf max 61d-12s03r3 9-18 70 994 3.3 3000 83 1500 61d-12s05r3 9-18 70 980 5 2000 85 1500 61d-12s12r3 9-18 30 971 12 835 86 120 61d-12s15r3 9-18 30 967 15 665 86 120 61D-12D05R3 9-18 70 1004 5 1000 83 1000 61d-12d12r3 9-18 30 972 12 418 86 120 61d-12d15r3 9-18 30 968 15 333 86 120 61d-24s03r3 18-36 70 497 3.3 3000 83 3300 61d-24s05r3 18-36 70 490 5 2000 85 3300 61d-24s12r3 18-36 30 485 12 835 86 330 61d-24s15r3 18-36 30 483 15 665 86 330 61d-24d05r3 18-36 70 502 5 1000 83 2000 61d-24d12r3 18-36 30 486 12 418 86 330 61d-24d15r3 18-36 30 484 15 333 86 330 61d-48s03r3 36-75 40 248 3.3 3000 83 5600 61d-48s05r3 36-75 40 245 5 2000 85 5600 61d-48s12r3 36-75 30 243 12 835 86 680 61d-48s15r3 36-75 30 242 15 665 86 680 61d-48d05r3 36-75 40 251 5 1000 83 3300 61d-48d12r3 36-75 30 243 12 418 86 220 61d-48d15r3 36-75 30 242 15 333 86 220 yuan dean scientific yuan dean scientific co.,ltd rev:o 2018/10/31 61d - r3 series temperature derating graph input specifications parameters conditions min typ max units voltage types 2:1 filter pi type features  10 watt package  2:1wide input voltage  100% burned in  high efficiency to 86%  customized solutions available  remote control:on/off  ul94v-0 package material  operating temperature:-40 to +87  3 years warranty
general specifications parameters conditions min typ max units isolation voltage 1500 vdc isolation resistance 500vdc 1000 m switching frequency 300 khz operating temperature with derating -40 87 storage temperature -55 125 humidity non condensing 5 95 % cooling natural convection (20lfm) case material nickel coated with non-conductive base mtbf mil-hdbk-217f @25 3.342x10 6 hours weight 32.6 g dimensions 50.8x25.4x10.6 mm recommended test circuit 61 d - r3 series yuan dean scientific co.,ltd rev:o 2018/10/31 pin assignment pin 1 2 3 4 5 6 single +vin -vin +vout trim -vout remote on/off dual +vin -vin +vout com -vout remote on/off output specifications parameters conditions min typ max units voltage tolerance full load@vin(nom.) 2 % short circuit protection hiccup, automatic recovery line regulation 0.5 % load regulation single dual(balance load) 0.5 1.0 % cross regulation dual (25% to 100%) 5 % ripple & noise output:3-15v types bw=dc to 20mhz 100 mvp-p output > 15v types bw=dc to 20mhz 1% of vout mvp-p transient response setting time 25% load step change 300 us part number d imensions


▲Up To Search▲   

 
Price & Availability of 61D-12D05R3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X