Part Number Hot Search : 
K3090 RT214615 ZR39160 RM302730 PT27314 00BB70M SI4411 IPL10020
Product Description
Full Text Search
 

To Download 2SA1146 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1146 d escription with to-3p(i) package high power dissipations applications for audio and general purpose amplifier applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector- base voltage open emitter -140 v v ceo collector- emitter voltage open base -140 v v ebo emitter-base voltage open collector -5 v i c collector current -10 a i b base current -2 a p t total power dissipation t c =25 100 w t j junction temperature 150 t stg storage temperature -55~150 fig.1 simplified outline (to-3p(i)) and symbol downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1146 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-25ma ,i b =0 -140 v v (br)ebo emitter-base breakdown voltage i e =-1ma ,i c =0 -5 v v cesat collector-emitter saturation voltage i c =-5a; i b =-0.5a -2.0 v i cbo collector cut-off current v cb =-140v; i e =0 -10 a i ebo emitter cut-off current v eb =-5v; i c =0 -10 a h fe-1 dc current gain i c =-1a ; v ce =-5v 55 160 h fe-2 dc current gain i c =-4a ; v ce =-5v 35 f t transition frequency i c =-0.5a ; v ce =-10v 70 mhz downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1146 package outline fig.2 outline dimensions(unindicated tolerance:0.10 mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SA1146

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X